Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGN04G72G2BK2MT-DCWRT Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # SGN04G72G2BK2MT-DCWRT
Description  4096MB DDR3 ??SDRAM ECC SO-DIMM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SGN04G72G2BK2MT-DCWRT Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button SGN04G72G2BK2MT-DCWRT Datasheet HTML 2Page - List of Unclassifed Manufacturers SGN04G72G2BK2MT-DCWRT Datasheet HTML 3Page - List of Unclassifed Manufacturers SGN04G72G2BK2MT-DCWRT Datasheet HTML 4Page - List of Unclassifed Manufacturers SGN04G72G2BK2MT-DCWRT Datasheet HTML 5Page - List of Unclassifed Manufacturers SGN04G72G2BK2MT-DCWRT Datasheet HTML 6Page - List of Unclassifed Manufacturers SGN04G72G2BK2MT-DCWRT Datasheet HTML 7Page - List of Unclassifed Manufacturers SGN04G72G2BK2MT-DCWRT Datasheet HTML 8Page - List of Unclassifed Manufacturers SGN04G72G2BK2MT-DCWRT Datasheet HTML 9Page - List of Unclassifed Manufacturers SGN04G72G2BK2MT-DCWRT Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Data Sheet
Rev.1.0
24.07.2013
Swissbit AG
Industriestrasse 4
Fon: +41 (0) 71 913 03 03
www.swissbit.com
Page 6
CH
– 9552 Bronschhofen
Fax: +41 (0) 71 913 03 15
eMail: info@swissbit.com
of 17
MAXIMUM ELECTRICAL DC CHARACTERISTICS
PARAMETER/ CONDITION
SYMBOL
MIN
MAX
UNITS
Supply Voltage
VDD
-0.4
1.975
V
I/O Supply Voltage
VDDQ
-0.4
1.975
V
Voltage on any pin relative to VSS
VIN, VOUT
-0.4
1.975
V
INPUT LEAKAGE CURRENT
Any input 0V
≤ VIN ≤ VDD, VREF pin 0V ≤ VIN ≤ 0.95V
(All other pins not under test = 0V)
II
µA
Command/Address
RAS#, CAS#, WE#, S#, CKE
-16
16
CK, CK#
-16
16
DM
-2
2
OUTPUT LEAKAGE CURRENT
(DQ’s and ODT are disabled; 0V ≤ VOUT ≤ VDDQ)
IOZ
-5
5
µA
DQ, DQS, DQS#
VREF LEAKAGE CURRENT ; VREF is on a valid level
IVREF
-8
8
µA
DC OPERATING CONDITIONS
PARAMETER/ CONDITION
SYMBOL
MIN
NOM
MAX
UNITS
Supply Voltage
VDD
1.425
1.5
1.575
V
I/O Supply Voltage
VDDQ
1.425
1.5
1.575
V
VDDL Supply Voltage
VDDL
1.425
1.5
1.575
V
I/O Reference Voltage
VREF
0.49 x VDDQ
0.50 x VDDQ
0.51x VDDQ
V
I/O Termination Voltage (system)
VTT
0.49 x VDDQ-20mV
0.50 x VDDQ
0.51x VDDQ+20mV
V
Input High (Logic 1) Voltage
VIH (DC)
VREF + 0.1
VDDQ + 0.3
V
Input Low (Logic 0) Voltage
VIL (DC)
-0.3
VREF – 0.1
V
AC INPUT OPERATING CONDITIONS
PARAMETER/ CONDITION
SYMBOL
MIN
MAX
UNITS
Input High (Logic 1) Voltage
VIH (AC)
VREF + 0.175
-
V
Input Low (Logic 0) Voltage
VIL (AC)
-
VREF - 0.175
V
CAPACITANCE
At DDR3 data rates, it is recommended to simulate the performance of the module to achieve optimum values.
When inductance and delay parameters associated with trace lengths are used in simulations, they are
significantly more accurate and realistic than a gross estimation of module capacitance. Simulations can then
render a considerably more accurate result. JEDEC modules are now designed by using simulations to close
timing budgets.


Similar Part No. - SGN04G72G2BK2MT-DCWRT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SGN04G72G2BQ2SA-CC[EW]RT ETC2-SGN04G72G2BQ2SA-CC[EW]RT Datasheet
674Kb / 17P
   4096MB DDR3 ??SDRAM ECC SO-DIMM
SGN04G72G2BQ2SA-DC[E/W]RT ETC2-SGN04G72G2BQ2SA-DC[E/W]RT Datasheet
674Kb / 17P
   4096MB DDR3 ??SDRAM ECC SO-DIMM
More results

Similar Description - SGN04G72G2BK2MT-DCWRT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SGN04G72G2BQ2SA-CC[EW]RT ETC2-SGN04G72G2BQ2SA-CC[EW]RT Datasheet
674Kb / 17P
   4096MB DDR3 ??SDRAM ECC SO-DIMM
SGN04G72G1BD2SA-BB[W]RT ETC2-SGN04G72G1BD2SA-BB[W]RT Datasheet
713Kb / 17P
   4096MB DDR3 . SDRAM ECC SO-DIMM
SGN04G64E1BQ2SA-BB[EW]RT ETC2-SGN04G64E1BQ2SA-BB[EW]RT Datasheet
751Kb / 17P
   4096MB DDR3 ??SDRAM SO-DIMM
SGN04G64E1BK2MT-CC[EW]RT ETC2-SGN04G64E1BK2MT-CC[EW]RT Datasheet
688Kb / 17P
   4096MB DDR3 ??SDRAM SO-DIMM
SGN04G64D2BB1SA-CC[EW]RT ETC2-SGN04G64D2BB1SA-CC[EW]RT Datasheet
637Kb / 17P
   4096MB DDR3 . SDRAM SO-DIMM
SGN04G64E1BD2SA-BB[EIW]RT ETC2-SGN04G64E1BD2SA-BB[EIW]RT Datasheet
752Kb / 17P
   4096MB DDR3 . SDRAM SO-DIMM
SGN04G72G1BK2MT-CC[EW]RT ETC2-SGN04G72G1BK2MT-CC[EW]RT Datasheet
683Kb / 17P
   4096MB DDR3 . SDRAM ECC SO-UDIMM
SLN04G72G2BK2MT-CCRT ETC2-SLN04G72G2BK2MT-CCRT Datasheet
684Kb / 17P
   4096MB DDR3L ??SDRAM ECC SO-DIMM
SLN04G72G2BF2HY-CCRT ETC2-SLN04G72G2BF2HY-CCRT Datasheet
754Kb / 17P
   4096MB DDR3L ??SDRAM ECC SO-DIMM
SLN04G72G2BQ2SA-CC[EW]RT ETC2-SLN04G72G2BQ2SA-CC[EW]RT Datasheet
686Kb / 17P
   4096MB DDR3L ??SDRAM ECC SO-DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com