Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGL08G72B1BE2MT-DCRT Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # SGL08G72B1BE2MT-DCRT
Description  8GB DDR3 ??SDRAM unbuffered ECC Mini-UDIMM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SGL08G72B1BE2MT-DCRT Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button SGL08G72B1BE2MT-DCRT Datasheet HTML 3Page - List of Unclassifed Manufacturers SGL08G72B1BE2MT-DCRT Datasheet HTML 4Page - List of Unclassifed Manufacturers SGL08G72B1BE2MT-DCRT Datasheet HTML 5Page - List of Unclassifed Manufacturers SGL08G72B1BE2MT-DCRT Datasheet HTML 6Page - List of Unclassifed Manufacturers SGL08G72B1BE2MT-DCRT Datasheet HTML 7Page - List of Unclassifed Manufacturers SGL08G72B1BE2MT-DCRT Datasheet HTML 8Page - List of Unclassifed Manufacturers SGL08G72B1BE2MT-DCRT Datasheet HTML 9Page - List of Unclassifed Manufacturers SGL08G72B1BE2MT-DCRT Datasheet HTML 10Page - List of Unclassifed Manufacturers SGL08G72B1BE2MT-DCRT Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
Data Sheet
Rev.1.1
05.04.2013
Swissbit AG
Industriestrasse 4
Fon: +41 (0) 71 913 03 03
www.swissbit.com
Page 7
CH
– 9552 Bronschhofen
Fax: +41 (0) 71 913 03 15
eMail: info@swissbit.com
of 18
MAXIMUM ELECTRICAL DC CHARACTERISTICS
PARAMETER/ CONDITION
SYMBOL
MIN
MAX
UNITS
Supply Voltage
VDD
-0.4
1.975
V
I/O Supply Voltage
VDDQ
-0.4
1.975
V
VDDL Supply Voltage
VDDL
-0.4
1.975
V
Voltage on any pin relative to VSS
VIN, VOUT
-0.4
1.975
V
INPUT LEAKAGE CURRENT
Any input 0V
≤ VIN ≤ VDD, VREF pin 0V ≤ VIN ≤ 0.95V
(All other pins not under test = 0V)
II
µA
Command/Address
RAS#, CAS#, WE#, S#, CKE
-16
16
CK, CK#
-16
16
DM
-2
2
OUTPUT LEAKAGE CURRENT
(DQ’s and ODT are disabled; 0V ≤ VOUT ≤ VDDQ)
IOZ
-5
5
µA
DQ, DQS, DQS#
VREF LEAKAGE CURRENT ; VREF is on a valid level
IVREF
-8
8
µA
DC OPERATING CONDITIONS
PARAMETER/ CONDITION
SYMBOL
MIN
NOM
MAX
UNITS
Supply Voltage
VDD
1.425
1.5
1.575
V
I/O Supply Voltage
VDDQ
1.425
1.5
1.575
V
VDDL Supply Voltage
VDDL
1.425
1.5
1.575
V
I/O Reference Voltage
VREF
0.49 x VDDQ
0.50 x VDDQ
0.51x VDDQ
V
I/O Termination Voltage (system)
VTT
0.49 x VDDQ-20mV
0.50 x VDDQ
0.51x VDDQ+20mV
V
Input High (Logic 1) Voltage
VIH (DC)
VREF + 0.1
VDDQ + 0.3
V
Input Low (Logic 0) Voltage
VIL (DC)
-0.3
VREF – 0.1
V
AC INPUT OPERATING CONDITIONS
PARAMETER/ CONDITION
SYMBOL
MIN
MAX
UNITS
Input High (Logic 1) Voltage
VIH (AC)
VREF + 0.175
-
V
Input Low (Logic 0) Voltage
VIL (AC)
-
VREF - 0.175
V
CAPACITANCE
At DDR3 data rates, it is recommended to simulate the performance of the module to achieve optimum values.
When inductance and delay parameters associated with trace lengths are used in simulations, they are
significantly more accurate and realistic than a gross estimation of module capacitance. Simulations can then
render a considerably more accurate result. JEDEC modules are now designed by using simulations to close
timing budgets.


Similar Part No. - SGL08G72B1BE2MT-DCRT

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
SGL0163Z RFMD-SGL0163Z Datasheet
708Kb / 9P
   100MHz to 1300MHz SILICON GERMANIUM CASCADABLE LOW NOISE AMPLIFIER
SGL0163ZPCK1 RFMD-SGL0163ZPCK1 Datasheet
708Kb / 9P
   100MHz to 1300MHz SILICON GERMANIUM CASCADABLE LOW NOISE AMPLIFIER
SGL0163ZSQ RFMD-SGL0163ZSQ Datasheet
708Kb / 9P
   100MHz to 1300MHz SILICON GERMANIUM CASCADABLE LOW NOISE AMPLIFIER
SGL0163ZSR RFMD-SGL0163ZSR Datasheet
708Kb / 9P
   100MHz to 1300MHz SILICON GERMANIUM CASCADABLE LOW NOISE AMPLIFIER
SGL0263Z RFMD-SGL0263Z Datasheet
527Kb / 6P
   1400MHz to 2500MHz SILICON GERMANIUM CASCADABLE LOW NOISE AMPLIFIER
More results

Similar Description - SGL08G72B1BE2MT-DCRT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SGL04G72B1BQ2SA-BBRT ETC2-SGL04G72B1BQ2SA-BBRT Datasheet
747Kb / 18P
   4096MB DDR3 ??SDRAM unbuffered ECC Mini-UDIMM
SGL04G72B1BD2SA-CCWRT-V ETC2-SGL04G72B1BD2SA-CCWRT-V Datasheet
609Kb / 18P
   4096MB DDR3 . SDRAM unbuffered ECC Mini-UDIMM
SGL04G72C1BB1SA-CCRT ETC2-SGL04G72C1BB1SA-CCRT Datasheet
662Kb / 17P
   4096MB DDR3 ??SDRAM unbuffered ECC VLP Mini-UDIMM
SGU04G72J1BB1SA-BB[EW]RT ETC-SGU04G72J1BB1SA-BB[EW]RT Datasheet
712Kb / 17P
   4096MB DDR3 ??SDRAM ECC UDIMM
SGU04G72F1BB1SA-BBRT ETC-SGU04G72F1BB1SA-BBRT Datasheet
722Kb / 17P
   4096MB DDR3 . SDRAM ECC UDIMM
SGN02G72F1BD1SA-BB[EW]RT ETC2-SGN02G72F1BD1SA-BB[EW]RT Datasheet
560Kb / 15P
   2048MB DDR3 ??SDRAM ECC SO-UDIMM
SGN04G72G1BK2MT-CC[EW]RT ETC2-SGN04G72G1BK2MT-CC[EW]RT Datasheet
683Kb / 17P
   4096MB DDR3 . SDRAM ECC SO-UDIMM
SGN02G72F1BQ1SA-CC[EW]RT ETC2-SGN02G72F1BQ1SA-CC[EW]RT Datasheet
675Kb / 16P
   2048MB DDR3 . SDRAM ECC SO-UDIMM
SGV08G72B1BB2SA-CC[W]RT ETC-SGV08G72B1BB2SA-CC[W]RT Datasheet
859Kb / 17P
   8GB DDR3 ??SDRAM ECC XR-DIMMTM
SGN08G72G1BB2SA-CC[EW]RT ETC2-SGN08G72G1BB2SA-CC[EW]RT Datasheet
729Kb / 17P
   8GB DDR3 ??SDRAM ECC SO-DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com