Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGL04G72B1BQ2SA-CCRT Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # SGL04G72B1BQ2SA-CCRT
Description  4096MB DDR3 ??SDRAM unbuffered ECC Mini-UDIMM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SGL04G72B1BQ2SA-CCRT Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button SGL04G72B1BQ2SA-CCRT Datasheet HTML 5Page - List of Unclassifed Manufacturers SGL04G72B1BQ2SA-CCRT Datasheet HTML 6Page - List of Unclassifed Manufacturers SGL04G72B1BQ2SA-CCRT Datasheet HTML 7Page - List of Unclassifed Manufacturers SGL04G72B1BQ2SA-CCRT Datasheet HTML 8Page - List of Unclassifed Manufacturers SGL04G72B1BQ2SA-CCRT Datasheet HTML 9Page - List of Unclassifed Manufacturers SGL04G72B1BQ2SA-CCRT Datasheet HTML 10Page - List of Unclassifed Manufacturers SGL04G72B1BQ2SA-CCRT Datasheet HTML 11Page - List of Unclassifed Manufacturers SGL04G72B1BQ2SA-CCRT Datasheet HTML 12Page - List of Unclassifed Manufacturers SGL04G72B1BQ2SA-CCRT Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Data Sheet
Rev.1.0
18.02.2014
Swissbit AG
Industriestrasse 4
Fon: +41 (0) 71 913 03 03
www.swissbit.com
Page 9
CH
– 9552 Bronschhofen
Fax: +41 (0) 71 913 03 15
eMail: info@swissbit.com
of 18
Parameter
& Test Condition
Symbol
max.
Unit
10600-CL9
8500-CL7
OPERATING WRITE CURRENT:
All device banks open, Continuous burst writes; One
module rank active; BL = 4, CL = CL (IDD), AL = 0;
tCK = tCK (IDD), tRAS = tRAS MAX (IDD), tRP = tRP (IDD);
CKE is HIGH, CS# is HIGH between valid commands;
Address bus inputs are changing once every two clock
cycles; DQ inputs changing once per clock cycle
IDD4W
963
828
mA
BURST REFRESH CURRENT:
tCK = tCK (IDD); refresh command at every tRFC (IDD)
interval, CKE is HIGH, CS# is HIGH between valid
commands; All other Control and Address bus inputs
are changing once every two clock cycles; DQ inputs
changing once per clock cycle
IDD5
1188
1143
mA
SELF REFRESH CURRENT:
CK and CK# at 0V; CKE ≤ 0.2V; All other Control and
Address bus inputs are floating at VREF; DQ’s are
floating at VREF
IDD6
216
216
mA
OPERATING CURRENT*) :
Four device bank interleaving READs,
IOUT = 0mA; BL = 4,
CL = CL (IDD), AL = tRCD (IDD) – 1 x tCK (IDD); tCK = tCK
(IDD), tRC = tRC (IDD), tRRD = tRRD (IDD), tRCD = tRCD (IDD);
CKE is HIGH, CS# is HIGH between valid commands;
Address bus inputs are not changing during
DESELECT; DQ inputs changing once per clock cycle
IDD7
1368
1323
mA
*) Value calculated as one module rank in this operating condition, and all other module ranks in IDD2P (CKE LOW)
mode.
TIMING VALUES USED FOR IDD MEASUREMENT
IDD MEASUREMENT CONDITIONS
SYMBOL
10600-CL9
8500-CL7
Unit
CL (IDD)
9
7
tCK
tRCD (IDD)
13.5
13.125
ns
tRC (IDD)
49.5
50.625
ns
tRRD (IDD)
6
7.5
ns
tCK (IDD)
1.5
1.87
ns
tRAS MIN (IDD)
36
37.5
ns
tRAS MAX (IDD)
70
’200
70’200
ns
tRP (IDD)
13.5
13.125
ns
tRFC (IDD)
160
160
ns


Similar Part No. - SGL04G72B1BQ2SA-CCRT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SGL04G72B1BD2SA-CCWRT-V ETC2-SGL04G72B1BD2SA-CCWRT-V Datasheet
609Kb / 18P
   4096MB DDR3 . SDRAM unbuffered ECC Mini-UDIMM
More results

Similar Description - SGL04G72B1BQ2SA-CCRT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SGL04G72B1BD2SA-CCWRT-V ETC2-SGL04G72B1BD2SA-CCWRT-V Datasheet
609Kb / 18P
   4096MB DDR3 . SDRAM unbuffered ECC Mini-UDIMM
SGL04G72C1BB1SA-CCRT ETC2-SGL04G72C1BB1SA-CCRT Datasheet
662Kb / 17P
   4096MB DDR3 ??SDRAM unbuffered ECC VLP Mini-UDIMM
SGU04G72J1BB1SA-BB[EW]RT ETC-SGU04G72J1BB1SA-BB[EW]RT Datasheet
712Kb / 17P
   4096MB DDR3 ??SDRAM ECC UDIMM
SGU04G72F1BB1SA-BBRT ETC-SGU04G72F1BB1SA-BBRT Datasheet
722Kb / 17P
   4096MB DDR3 . SDRAM ECC UDIMM
SGN04G72G1BK2MT-CC[EW]RT ETC2-SGN04G72G1BK2MT-CC[EW]RT Datasheet
683Kb / 17P
   4096MB DDR3 . SDRAM ECC SO-UDIMM
SGL08G72B1BE2MT-CCRT ETC2-SGL08G72B1BE2MT-CCRT Datasheet
663Kb / 18P
   8GB DDR3 ??SDRAM unbuffered ECC Mini-UDIMM
SGU04G64A1BE1MT-BBR ETC-SGU04G64A1BE1MT-BBR Datasheet
655Kb / 16P
   4096MB DDR3 ??SDRAM UDIMM
SGV04G72A1BE1MT-CC[W]RT ETC-SGV04G72A1BE1MT-CC[W]RT Datasheet
853Kb / 17P
   4096MB DDR3 ??SDRAM ECC XR-DIMMTM
SGN04G72G2BQ2SA-CC[EW]RT ETC2-SGN04G72G2BQ2SA-CC[EW]RT Datasheet
674Kb / 17P
   4096MB DDR3 ??SDRAM ECC SO-DIMM
SGN02G72F1BD1SA-BB[EW]RT ETC2-SGN02G72F1BD1SA-BB[EW]RT Datasheet
560Kb / 15P
   2048MB DDR3 ??SDRAM ECC SO-UDIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com