Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGL04G72B1BD2SA-CCWRT-V Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SGL04G72B1BD2SA-CCWRT-V
Description  4096MB DDR3 . SDRAM unbuffered ECC Mini-UDIMM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SGL04G72B1BD2SA-CCWRT-V Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SGL04G72B1BD2SA-CCWRT-V Datasheet HTML 1Page - List of Unclassifed Manufacturers SGL04G72B1BD2SA-CCWRT-V Datasheet HTML 2Page - List of Unclassifed Manufacturers SGL04G72B1BD2SA-CCWRT-V Datasheet HTML 3Page - List of Unclassifed Manufacturers SGL04G72B1BD2SA-CCWRT-V Datasheet HTML 4Page - List of Unclassifed Manufacturers SGL04G72B1BD2SA-CCWRT-V Datasheet HTML 5Page - List of Unclassifed Manufacturers SGL04G72B1BD2SA-CCWRT-V Datasheet HTML 6Page - List of Unclassifed Manufacturers SGL04G72B1BD2SA-CCWRT-V Datasheet HTML 7Page - List of Unclassifed Manufacturers SGL04G72B1BD2SA-CCWRT-V Datasheet HTML 8Page - List of Unclassifed Manufacturers SGL04G72B1BD2SA-CCWRT-V Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Preliminary Data Sheet
Rev.0.9
04.08.2011
Swissbit AG
Industriestrasse 4
Fon: +41 (0) 71 913 03 03
www.swissbit.com
Page 1
CH
– 9552 Bronschhofen
Fax: +41 (0) 71 913 03 15
eMail: info@swissbit.com
of 18
Figure: mechanical dimensions
1
4096MB DDR3 – SDRAM unbuffered ECC Mini-UDIMM
244 Pin ECC Mini-UDIMM
SGL04G72B1BD2SA-CCWRT-V
4GB in FBGA Technology
RoHS compliant
*) The refresh rate has to be doubled when 85°C<TC<95°C
Environmental Requirements:
Operating temperature (ambient)
Standard Grade
0°C to 70°C
W-Grade
-40°C to 85°C
-40°C to 85°C
Operating Humidity
10% to 90% relative humidity, noncondensing
Operating Pressure
105 to 69 kPa (up to 10000 ft.)
Storage Temperature
-55°C to 100°C
Storage Humidity
5% to 95% relative humidity, noncondensing
Storage Pressure
1682 PSI (up to 5000 ft.) at 50°C
Options:
 Data Rate / Latency
Marking
DDR3 1333 MT/s CL9
-CC
DDR3 1066 MT/s CL7
-BB
 Module density
4096MB with 18 dies and 2 ranks
 Standard Grade
(TA)
0°C to 70°C
(Tc)
0°C to 85°C
Grade W
(TA)
-40°C to 85°C
(Tc)
-40°C to 95°C *)
Features:
244-pin 72-bit DDR3 ECC Mini-UDIMM module
Module organization: dual rank 512M x 72
VDD = 1.5V ±0.075V, VDDQ 1.5V ±0.075V
1.5V I/O ( SSTL_15 compatible)
Fly-by-bus with termination for C/A & CLK bus
On-board I2C temperature sensor with integrated serial
presence-detect (SPD) EEPROM
Gold-contact pad
Dip Coated with HumiSeal 1A33
Coating Thickness 1-3 mils
With anodized aluminum heat spreader
This module is fully pin and functional compatible to the
JEDEC PC3-10600 DDR3 SDRAM Mini-UDIMM design spec.
and JEDEC- Standard MO-244 R/C B. (see www.jedec.org)
The pcb and all components are manufactured according to
the RoHS compliance specification
[EU Directive 2002/95/EC Restriction of Hazardous
Substances (RoHS)]
DDR3 - SDRAM component Samsung K4B2G0846D
256Mx8 DDR3 SDRAM in PG-TFBGA-78 package
8-bit prefetch architecture
Programmable CAS Latency,
CAS Write Latency, Additive
Latency, Burst Length and Burst Type.
On-Die-Termination (ODT) and Dynamic ODT for improved
signal integrity.
Refresh, Self Refresh and Power Down Modes.
ZQ Calibration for output driver and ODT.
System Level Timing Calibration Support via Write Leveling
and Multi Purpose Register (MPR) Read Pattern.
1
if no tolerances specified ± 0.15mm
82.00


Similar Part No. - SGL04G72B1BD2SA-CCWRT-V

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SGL04G72B1BQ2SA-BBRT ETC2-SGL04G72B1BQ2SA-BBRT Datasheet
747Kb / 18P
   4096MB DDR3 ??SDRAM unbuffered ECC Mini-UDIMM
SGL04G72B1BQ2SA-CCRT ETC2-SGL04G72B1BQ2SA-CCRT Datasheet
747Kb / 18P
   4096MB DDR3 ??SDRAM unbuffered ECC Mini-UDIMM
More results

Similar Description - SGL04G72B1BD2SA-CCWRT-V

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SGL04G72B1BQ2SA-BBRT ETC2-SGL04G72B1BQ2SA-BBRT Datasheet
747Kb / 18P
   4096MB DDR3 ??SDRAM unbuffered ECC Mini-UDIMM
SGL04G72C1BB1SA-CCRT ETC2-SGL04G72C1BB1SA-CCRT Datasheet
662Kb / 17P
   4096MB DDR3 ??SDRAM unbuffered ECC VLP Mini-UDIMM
SGU04G72J1BB1SA-BB[EW]RT ETC-SGU04G72J1BB1SA-BB[EW]RT Datasheet
712Kb / 17P
   4096MB DDR3 ??SDRAM ECC UDIMM
SGU04G72F1BB1SA-BBRT ETC-SGU04G72F1BB1SA-BBRT Datasheet
722Kb / 17P
   4096MB DDR3 . SDRAM ECC UDIMM
SGN04G72G1BK2MT-CC[EW]RT ETC2-SGN04G72G1BK2MT-CC[EW]RT Datasheet
683Kb / 17P
   4096MB DDR3 . SDRAM ECC SO-UDIMM
SGL08G72B1BE2MT-CCRT ETC2-SGL08G72B1BE2MT-CCRT Datasheet
663Kb / 18P
   8GB DDR3 ??SDRAM unbuffered ECC Mini-UDIMM
SGU04G64A1BE1MT-BBR ETC-SGU04G64A1BE1MT-BBR Datasheet
655Kb / 16P
   4096MB DDR3 ??SDRAM UDIMM
SGV04G72A1BE1MT-CC[W]RT ETC-SGV04G72A1BE1MT-CC[W]RT Datasheet
853Kb / 17P
   4096MB DDR3 ??SDRAM ECC XR-DIMMTM
SGN04G72G2BQ2SA-CC[EW]RT ETC2-SGN04G72G2BQ2SA-CC[EW]RT Datasheet
674Kb / 17P
   4096MB DDR3 ??SDRAM ECC SO-DIMM
SGN02G72F1BD1SA-BB[EW]RT ETC2-SGN02G72F1BD1SA-BB[EW]RT Datasheet
560Kb / 15P
   2048MB DDR3 ??SDRAM ECC SO-UDIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com