Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFSD2048NgBW1MT-t-ME-1x1 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # SFSD2048NgBW1MT-t-ME-1x1
Description  Industrial MICRO SD Memory Card
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SFSD2048NgBW1MT-t-ME-1x1 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  SFSD2048NgBW1MT-t-ME-1x1 Datasheet HTML 1Page - List of Unclassifed Manufacturers SFSD2048NgBW1MT-t-ME-1x1 Datasheet HTML 2Page - List of Unclassifed Manufacturers SFSD2048NgBW1MT-t-ME-1x1 Datasheet HTML 3Page - List of Unclassifed Manufacturers SFSD2048NgBW1MT-t-ME-1x1 Datasheet HTML 4Page - List of Unclassifed Manufacturers SFSD2048NgBW1MT-t-ME-1x1 Datasheet HTML 5Page - List of Unclassifed Manufacturers SFSD2048NgBW1MT-t-ME-1x1 Datasheet HTML 6Page - List of Unclassifed Manufacturers SFSD2048NgBW1MT-t-ME-1x1 Datasheet HTML 7Page - List of Unclassifed Manufacturers SFSD2048NgBW1MT-t-ME-1x1 Datasheet HTML 8Page - List of Unclassifed Manufacturers SFSD2048NgBW1MT-t-ME-1x1 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
Swissbit AG
Swissbit reserves the right to change products or specifications without notice.
Revision: 1.10
Industriestrasse 4
CH-9552 Bronschhofen
www.swissbit.com
S-300u_data_sheet_SD-NxBW_Rev110
Switzerland
industrial@swissbit.com
Page
23 of 23
12 SWISSBIT LABEL SPECIFICATION ................................................................................................................................................22
12.1 FRONT SIDE MARKING............................................................................................................................................................22
12.2 BACK SIDE MARKING.............................................................................................................................................................22
13 REVISION HISTORY.....................................................................................................................................................................23
4 Product Specification
The MICRO SD Memory Card is a small form factor non-volatile memory card which provides high capacity data
storage. Its aim is to capture, retain and transport data, audio and images, facilitating the transfer of all types of
digital information between a large variety of digital systems.
The card operates in two basic modes:
SD/SDHC card mode
SPI mode
The MICRO SD Memory Card also supports SD High Speed mode with up to 50MHz clock frequency.
The cards are compliant with
SD Memory card Specification Part 1, Physical layer Specification V3.01
SD Memory card Specification Part 2, File System Specification V3.00
SD Memory card Specification Part 3, Security Specification V3.00
MICRO SD Memory Card Addendum V4.00
Simplified specifications are available at https://www.sdcard.org/downloads/pls/simplified_specs/
The Card has an internal intelligent controller which manages interface protocols, data storage and retrieval as
well as hardware BCH Error Correction Code (ECC), defect handling, diagnostics and clock control.
The advanced wear leveling mechanism assures an equal usage of the Flash memory cells to extend the life time.
The hardware BCH-code ECC allows to detect and correct up to 24 defect bits per 1kByte.
The card has a power-loss management feature to prevent data corruption after power-down. The power
consumption is very low.
The cards are RoHS compliant and lead-free.
4.1 System Performance
Table 3: Performance
System Performance
typ
max
Unit
Burst Data transfer Rate (max SD clock 50MHz)
25
MB/s
Sustained Sequential Read
1GB
21
(1)(2)
24
(1)(3)
2GB
20
(1)(2)
24
(1)(3)
4…8GB
20
(1)(2)
24
(1)(3)
Sustained Sequential Write
1GB
18
(1)(2)
22
(1)(3)
2GB
11
(1)(2)
12
(1)(3)
4…8GB
17
(1)(2)
22
(1)(3)
1.
All values refer to Micron Flash 8/16Gb MICRO SD Memory Card in SD mode 50MHz, cycle time 20ns,
2. Sustained Speed measured with USB-SD Memory Card reader. It depends on burst speed, flash number, and file size.
3. Maximum values were measured with Testmetrix tester.


Similar Part No. - SFSD2048NgBW1MT-t-ME-1x1

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
SFSD-05-28-H-10.00-SR SAMTEC-SFSD-05-28-H-10.00-SR Datasheet
238Kb / 1P
   TIGER EYE??DISCRETE CABLE ASSEMBLY
SFSD-10-28-H-05.00-DR SAMTEC-SFSD-10-28-H-05.00-DR Datasheet
238Kb / 1P
   TIGER EYE??DISCRETE CABLE ASSEMBLY
More results

Similar Description - SFSD2048NgBW1MT-t-ME-1x1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S-12097 ETC-S-12097 Datasheet
859Kb / 18P
   Micro-SD 3.0 Memory Card
logo
Panasonic Semiconductor
RP-SDF PANASONIC-RP-SDF Datasheet
126Kb / 2P
   SD MEMORY CARD, INDUSTRIAL SLC MODEL
RP-SDPC PANASONIC-RP-SDPC Datasheet
163Kb / 2P
   SD Memory Card, Industrial MLC Model
RP-SDP PANASONIC-RP-SDP Datasheet
126Kb / 2P
   SD Memory Card, Industrial MLC Model
logo
List of Unclassifed Man...
AP-MSD04GCS4P-1TM ETC2-AP-MSD04GCS4P-1TM Datasheet
514Kb / 21P
   Industrial Micro SD 3.0
logo
Advantech Co., Ltd.
SQF-MSDS1-128M-21C ADVANTECH-SQF-MSDS1-128M-21C Datasheet
439Kb / 22P
   Industrial Class 10 Micro SD Card
May. 4, 2016
SQF-ISD ADVANTECH-SQF-ISD Datasheet
269Kb / 1P
   Industrial SD Card
15-Jan-2014
logo
Hirose Electric
DM1AA-SF-PEJ HIROSE-DM1AA-SF-PEJ Datasheet
259Kb / 6P
   SD Memory Card Connectors
logo
Mitsumi Electronics, Co...
CIM-F23 MITSUMI-CIM-F23 Datasheet
165Kb / 2P
   SD Memory Card Connectors
CIM-F22 MITSUMI-CIM-F22 Datasheet
192Kb / 2P
   SD Memory Card Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com