Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFSA128GQ1BJ8TO-C-NU-226 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # SFSA128GQ1BJ8TO-C-NU-226
Description  Industrial SATA SSD 2.5?쇺?
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SFSA128GQ1BJ8TO-C-NU-226 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button SFSA128GQ1BJ8TO-C-NU-226 Datasheet HTML 5Page - List of Unclassifed Manufacturers SFSA128GQ1BJ8TO-C-NU-226 Datasheet HTML 6Page - List of Unclassifed Manufacturers SFSA128GQ1BJ8TO-C-NU-226 Datasheet HTML 7Page - List of Unclassifed Manufacturers SFSA128GQ1BJ8TO-C-NU-226 Datasheet HTML 8Page - List of Unclassifed Manufacturers SFSA128GQ1BJ8TO-C-NU-226 Datasheet HTML 9Page - List of Unclassifed Manufacturers SFSA128GQ1BJ8TO-C-NU-226 Datasheet HTML 10Page - List of Unclassifed Manufacturers SFSA128GQ1BJ8TO-C-NU-226 Datasheet HTML 11Page - List of Unclassifed Manufacturers SFSA128GQ1BJ8TO-C-NU-226 Datasheet HTML 12Page - List of Unclassifed Manufacturers SFSA128GQ1BJ8TO-C-NU-226 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 53 page
background image
Swissbit AG
Swissbit reserves the right to change products or specifications without notice.
Revision: 1.02
Industriestrasse 4-8
CH-9552 Bronschhofen
www.swissbit.com
X-500_data_sheet_SA-QxBJ_Rev102.doc
Switzerland
industrial@swissbit.com
Page 9 of 53
4.6 Endurance (JESD219A)
Table 11: Measured Endurance values (TByte Written, JESD 219A specification)
Density (GB)
16
32
64
128
256
512
Client workload (TBW)
(~500)
(~1000)
2700
3700
7100
11000
Enterprise workload (TBW)
90
170
370
530
1070
(~1800)
Video Streaming workload (TBW)
~1500
~3000
~6000
~12000
~24000
~48000
JESD219A standard defines workloads for the endurance rating and endurance verification of SSD application
classes. These workloads shall be used in conjunction with the Solid State Drive (SSD) Requirements and
Endurance Test Method standard, JESD218. The TBW values are estimations, how many data can be written in the
applications, until the number of program erase cycles of the flash cells are reached.
(16GB and 32GB Client workload is not specified in JESD219A. 512GB values are estimated.)
The video streaming workload is a mainly sequential write application.
4.7 Drive geometry / CHS parameter
Table 12: SSD density specification (SLC flash)
Density
Default
cylinders
Default
heads
Default
sectors
Sectors
drive
Total
addressable Bytes
Remark
16GB
16’383*)
16
63
31’277’056
16’013’852’672
32GB
16’383*)
16
63
62’586’880
32’044’482’560
64GB
16’383*)
16
63
125'313'024
64’160’268’288
128GB
16’383*)
16
63
250'626'048
128’320’536’576
256GB
16’383*)
16
63
500’118’192
256'060'514'304
IDEMA value
512GB
16’383*)
16
63
1'000'215'216
512'110'190'592
IDEMA value
*) The CHS access is limited to about 8GB. Above 8GB, the drive must be addressed in LBA mode.
4.8 Temperature sensor
The SSD has an internal temperature sensor. The current temperature, minimum value, maximum value can be
read out from S.M.A.R.T. information (Raw values of Attribute ID 194).


Similar Part No. - SFSA128GQ1BJ8TO-C-NU-226

ManufacturerPart #DatasheetDescription
logo
C&K Components
SFS CK-COMPONENTS-SFS Datasheet
164Kb / 3P
   Mid-Travel, Soft Sound Tact Switch
1 Dec 20
logo
Source Photonics, Inc.
SFS-34-24T-HP-CDA SOURCE-SFS-34-24T-HP-CDA Datasheet
329Kb / 10P
   Integrated Diplexer Transceiver
SFS-34-24T-HP-TDA SOURCE-SFS-34-24T-HP-TDA Datasheet
329Kb / 10P
   Integrated Diplexer Transceiver
logo
NXP Semiconductors
SFS069730 PHILIPS-SFS069730 Datasheet
58Kb / 9P
   UCODE HSL
October 2003
logo
Z-Communications, Inc
SFS0792C-LF ZCOMM-SFS0792C-LF Datasheet
76Kb / 2P
   Fixed Frequency Synthesizer
More results

Similar Description - SFSA128GQ1BJ8TO-C-NU-226

ManufacturerPart #DatasheetDescription
logo
Greenliant systems
G3200 GREENLIANT-G3200 Datasheet
160Kb / 5P
   SATA 2.5 EnduroSLC Industrial Enterprise SSD
G3100 GREENLIANT-G3100 Datasheet
1Mb / 2P
   SATA 2.5 Enterprise SSD
logo
Adlink Technology Inc.
SSB016GTTC7-SBA-1A ADLINK-SSB016GTTC7-SBA-1A Datasheet
277Kb / 3P
   2.5 inch SATA SSD for Industrial Embedded Applications
logo
Advantech Co., Ltd.
SQF-S25-520 ADVANTECH-SQF-S25-520 Datasheet
623Kb / 1P
   SATA II (3.0Gb) 2.5" SSD
30-Jan-2013
SQF-S25520 ADVANTECH-SQF-S25520 Datasheet
637Kb / 1P
   SATA II (3.0Gb) 2.5 SSD
30-Jan-2013
SQF-S25-630 ADVANTECH-SQF-S25-630 Datasheet
658Kb / 1P
   SATA III (6.0Gb) 2.5" SSD
22-Feb-2016
SQF-S25-640 ADVANTECH-SQF-S25-640 Datasheet
483Kb / 1P
   SATA III (6.0Gb) 2.5" SSD
25-Jul-2017
SQF-S25-650 ADVANTECH-SQF-S25-650 Datasheet
367Kb / 1P
   SATA III (6.0Gb) 2.5" SSD
1-Aug-2022
logo
Greenliant systems
G31U480R GREENLIANT-G31U480R Datasheet
146Kb / 5P
   SATA 2.5 Enterprise SSD PX Series
logo
PHOENIX CONTACT
2400032 PHOENIX-2400032 Datasheet
49Kb / 1P
   160 GB, 2.5" SATA SSD kit with tray for Designline industrial PC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com