Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFSA032GQ1BJATO-C-DT-226 Datasheet(PDF) 48 Page - List of Unclassifed Manufacturers

Part # SFSA032GQ1BJATO-C-DT-226
Description  Industrial SATA SSD 2.5?쇺?
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SFSA032GQ1BJATO-C-DT-226 Datasheet(HTML) 48 Page - List of Unclassifed Manufacturers

Back Button SFSA032GQ1BJATO-C-DT-226 Datasheet HTML 44Page - List of Unclassifed Manufacturers SFSA032GQ1BJATO-C-DT-226 Datasheet HTML 45Page - List of Unclassifed Manufacturers SFSA032GQ1BJATO-C-DT-226 Datasheet HTML 46Page - List of Unclassifed Manufacturers SFSA032GQ1BJATO-C-DT-226 Datasheet HTML 47Page - List of Unclassifed Manufacturers SFSA032GQ1BJATO-C-DT-226 Datasheet HTML 48Page - List of Unclassifed Manufacturers SFSA032GQ1BJATO-C-DT-226 Datasheet HTML 49Page - List of Unclassifed Manufacturers SFSA032GQ1BJATO-C-DT-226 Datasheet HTML 50Page - List of Unclassifed Manufacturers SFSA032GQ1BJATO-C-DT-226 Datasheet HTML 51Page - List of Unclassifed Manufacturers SFSA032GQ1BJATO-C-DT-226 Datasheet HTML 52Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 53 page
background image
Swissbit AG
Swissbit reserves the right to change products or specifications without notice.
Revision: 1.02
Industriestrasse 4-8
CH-9552 Bronschhofen
www.swissbit.com
X-500_data_sheet_SA-QxBJ_Rev102.doc
Switzerland
industrial@swissbit.com
Page 48 of 53
10 RoHS and WEEE update from Swissbit
Dear Valued Customer,
We at Swissbit place great value on the environment and thus pay close attention to the diverse aspects of
manufacturing environmentally and health friendly products. The European Parliament and the Council of the
European Union have published two Directives defining a European standard for environmental protection. This
states that Solid State Drives must comply with both Directives in order for them to be sold on the European
market:
RoHS – Restriction of Hazardous Substances
WEEE – Waste Electrical and Electronic Equipment
Swissbit would like to take this opportunity to inform our customers about the measures we have implemented
to adapt all our products to the European norms.
What is the WEEE Directive (2002/96/EC)?
The Directive covers the following points:
Prevention of WEEE
Recovery, recycling and other measures leading to a minimization of wastage of electronic and
electrical equipment
Improvement in the quality of environmental performance of all operators involved in the EEE
life cycle, as well as measures to incorporate those involved at the EEE waste disposal points
What are the key elements?
The WEEE Directive covers the following responsibilities on the part of producers:
Producers must draft a disposal or recovery scheme to dispose of EEE correctly.
Producers must be registered as producers in the country in which they distribute the goods.
They must also supply and publish information about the EEE categories.
Producers are obliged to finance the collection, treatment and disposal of WEEE.
Inclusion of WEEE logos on devices
In reference to the Directive, the WEEE logo must be printed directly on all devices that have sufficient space.
«In exceptional cases where this is necessary because of the size of the product, the symbol of the WEEE
Directive shall be printed on the packaging, on the instructions of use and on the warranty»
(WEEE Directive 2002/96/EC)
When does the WEEE Directive take effect?
The Directive came into effect internationally on 13 August, 2005.
What is RoHS (2002/95/EC)?
The goals of the Directive are to:
Place less of a burden on human health and to protect the environment by restricting the use of
hazardous substances in new electrical and electronic devices
To support the WEEE Directive (see above)
RoHS enforces the restriction of the following 6 hazardous substances in electronic and electrical devices:
Lead (Pb) – no more than 0.1% by weight in homogeneous materials
Mercury (Hg) – no more than 0.1% by weight in homogeneous materials
Cadmium (Cd) – no more than 0.01% by weight in homogeneous materials
Chromium (Cr6+) – no more than 0.1% by weight in homogeneous materials
PBB, PBDE – no more than 0.1% by weight in homogeneous materials


Similar Part No. - SFSA032GQ1BJATO-C-DT-226

ManufacturerPart #DatasheetDescription
logo
C&K Components
SFS CK-COMPONENTS-SFS Datasheet
164Kb / 3P
   Mid-Travel, Soft Sound Tact Switch
1 Dec 20
logo
Source Photonics, Inc.
SFS-34-24T-HP-CDA SOURCE-SFS-34-24T-HP-CDA Datasheet
329Kb / 10P
   Integrated Diplexer Transceiver
SFS-34-24T-HP-TDA SOURCE-SFS-34-24T-HP-TDA Datasheet
329Kb / 10P
   Integrated Diplexer Transceiver
logo
NXP Semiconductors
SFS069730 PHILIPS-SFS069730 Datasheet
58Kb / 9P
   UCODE HSL
October 2003
logo
Z-Communications, Inc
SFS0792C-LF ZCOMM-SFS0792C-LF Datasheet
76Kb / 2P
   Fixed Frequency Synthesizer
More results

Similar Description - SFSA032GQ1BJATO-C-DT-226

ManufacturerPart #DatasheetDescription
logo
Greenliant systems
G3200 GREENLIANT-G3200 Datasheet
160Kb / 5P
   SATA 2.5 EnduroSLC Industrial Enterprise SSD
G3100 GREENLIANT-G3100 Datasheet
1Mb / 2P
   SATA 2.5 Enterprise SSD
logo
Adlink Technology Inc.
SSB016GTTC7-SBA-1A ADLINK-SSB016GTTC7-SBA-1A Datasheet
277Kb / 3P
   2.5 inch SATA SSD for Industrial Embedded Applications
logo
Advantech Co., Ltd.
SQF-S25-520 ADVANTECH-SQF-S25-520 Datasheet
623Kb / 1P
   SATA II (3.0Gb) 2.5" SSD
30-Jan-2013
SQF-S25520 ADVANTECH-SQF-S25520 Datasheet
637Kb / 1P
   SATA II (3.0Gb) 2.5 SSD
30-Jan-2013
SQF-S25-630 ADVANTECH-SQF-S25-630 Datasheet
658Kb / 1P
   SATA III (6.0Gb) 2.5" SSD
22-Feb-2016
SQF-S25-640 ADVANTECH-SQF-S25-640 Datasheet
483Kb / 1P
   SATA III (6.0Gb) 2.5" SSD
25-Jul-2017
SQF-S25-650 ADVANTECH-SQF-S25-650 Datasheet
367Kb / 1P
   SATA III (6.0Gb) 2.5" SSD
1-Aug-2022
logo
Greenliant systems
G31U480R GREENLIANT-G31U480R Datasheet
146Kb / 5P
   SATA 2.5 Enterprise SSD PX Series
logo
PHOENIX CONTACT
2400032 PHOENIX-2400032 Datasheet
49Kb / 1P
   160 GB, 2.5" SATA SSD kit with tray for Designline industrial PC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com