Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

86564540067 Datasheet(PDF) 2 Page - FCI connector

Part # 86564540067
Description  CRIMP CONTACTS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI-CONNECTOR [FCI connector]
Direct Link  http://www.fciconnect.com
Logo FCI-CONNECTOR - FCI connector

86564540067 Datasheet(HTML) 2 Page - FCI connector

  86564540067 Datasheet HTML 1Page - FCI connector 86564540067 Datasheet HTML 2Page - FCI connector  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
A
B
C
1
2
3
4
D
A
B
C
D
1
2
3
4
REV F - 2006-04-17
B
B
A
A
sheet
2 of 2
customer
-
catalog no
K
C01-8656-1536
Rev.
CRIMP CONTACTS
-
Spec ref
8656
Product family
-
-
Appr
I11-0003
ECN
0.05
0.XXX
LINEAR
2
0
-
-
Chr
10/1
A3
0.1
0.XX
ANGULAR
-
-
Eng
Scale
size
0.3
0.X
11/07/03
CJARRY
Dr
TOLERANCES UNLESS OTHERWISE SPECIFIED
www.fciconnect.com
mm
ISO 1101
ISO 406
ISO 1302
projection
tolerance std
-
surface
NOTES
1- Material : Phosphor bronze, thickness 0.20
2 -Finish on contact area : termination 064:gold flash
terminaion 065:076µ Au / GXT
termination 067:0,4µ Au / GXT
finish on termination : bright tin over nickel
3 -Wire range :20 to 28 AWG(see ref sheet 1/2)
4 -Max outer dia of wire insulator:
-1.73 mm for contact #20-24
-1.02 mm for contact #24-28
5 -Current carrying capacity per contact:
5 Amps max when crimped to #20 AWG
5 Amps max when crimped to #22 AWG
3 Amps max when crimped to #24 AWG
2 Amps max when crimped to #26 AWG
1 Amps max when crimped to #28 AWG
6 -After 5 insertions into connector,
contact retention must be 5 pounds axial load min
7 -When contact is crimped to 20 AWG, the insulation
support crimped height must be 1.78 mm max to ensure
a proper insertion into housing.
8-Reel should be continous without any contacts
missing in between
9 -Packaging : Reel
CROSS SECTIONS
FOR CT #20-24
CROSS SECTIONS
FOR CT #24-28
DIMENSIONS FOR MALE & FEMALE
SCALE 5
SECTION
B-B
SECTION
A-A
SECTION
B-B
SECTION
A-A
max
0,25
15.0 max
10.2 max
1,40 0,15
0.15
1,4
3,15
6,1
14.20 max
max
0,25
9.45 max
+0/+0.1
1,65
2.48 0.2
0.2
1,75
PDM: Rev:K
Released
.
STATUS:
Printed: Mar 05, 2011


Similar Part No. - 86564540067

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
8656 GILWAY-8656 Datasheet
33Kb / 1P
   T-1 Subminiature Lamps
logo
List of Unclassifed Man...
8656 ETC2-8656 Datasheet
439Kb / 1P
   LED LENS CAPS
logo
Heyco.
8656 HEYCO-8656 Datasheet
109Kb / 1P
   Heyco-Flex™ Liquid Tight Conduit Fittings
logo
FCI connector
865609PLHTXXXXLF FCI-CONNECTOR-865609PLHTXXXXLF Datasheet
176Kb / 1P
   D-SUB CRIMP CONNECTOR
865609PLHXXXXLF FCI-CONNECTOR-865609PLHXXXXLF Datasheet
176Kb / 1P
   D-SUB CRIMP CONNECTOR
More results

Similar Description - 86564540067

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
809-001 GLENAIR-809-001 Datasheet
322Kb / 7P
   Contacts and Tools Crimp Contacts
logo
Amphenol Corporation
VN010160011 AMPHENOL-VN010160011 Datasheet
76Kb / 3P
   Crimp contacts Pin
logo
Lapp.
44420260 LAPP-44420260 Datasheet
203Kb / 2P
   EPIC® POWERLOCK CRIMP CONTACTS
12.05.2021
logo
Glenair, Inc.
240-383Q GLENAIR-240-383Q Datasheet
118Kb / 2P
   Plug with Crimp Removable Contacts
854-002-01 GLENAIR-854-002-01 Datasheet
352Kb / 1P
   Crimp Quadrax Pin and Socket Contacts
logo
Harwin Plc
G125-0020005 HARWIN-G125-0020005 Datasheet
193Kb / 3P
   G125 SERIES FEMALE CRIMP SINGNAL CONTACTS
logo
Glenair, Inc.
242-383S GLENAIR-242-383S Datasheet
220Kb / 2P
   Jam Nut Receptacle with Crimp Contacts
logo
PHOENIX CONTACT
1405233 PHOENIX-1405233 Datasheet
87Kb / 1P
   HOUSING WITH CRIMP CONTACTS FRONT MOUNTING
1405244 PHOENIX-1405244 Datasheet
93Kb / 1P
   HOUSING WITH CRIMP CONTACTS FRONT MOUNTING
logo
C&K Components
MDMA CK-COMPONENTS-MDMA Datasheet
3Mb / 8P
   Microminiature connectors with removable crimp contacts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com