Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R20UT2452EJ0110 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # R20UT2452EJ0110
Description  E1/E20 Emulator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R20UT2452EJ0110 Datasheet(HTML) 4 Page - Renesas Technology Corp

  R20UT2452EJ0110 Datasheet HTML 1Page - Renesas Technology Corp R20UT2452EJ0110 Datasheet HTML 2Page - Renesas Technology Corp R20UT2452EJ0110 Datasheet HTML 3Page - Renesas Technology Corp R20UT2452EJ0110 Datasheet HTML 4Page - Renesas Technology Corp R20UT2452EJ0110 Datasheet HTML 5Page - Renesas Technology Corp R20UT2452EJ0110 Datasheet HTML 6Page - Renesas Technology Corp R20UT2452EJ0110 Datasheet HTML 7Page - Renesas Technology Corp R20UT2452EJ0110 Datasheet HTML 8Page - Renesas Technology Corp R20UT2452EJ0110 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
E1/E20 Emulator
1. Outline
R20UT2452EJ0110 Rev.1.10
Page 4 of 21
Mar 20, 2014
1.
Outline
1.1
Features
E1/E20 Emulator is an on-chip debug emulator with flash programming function, which is used for debugging and programming a
program to be embedded in on-chip flash memory microcontrollers. This product can debug with the target microcontroller connected to
the target system, and can write programs to the on-chip flash memory of microcontrollers.
1.2
Cautions on Using E20 Emulator
The functions used for debugging of the RH850 family by using the E20 are the same as in the E1 emulator. Large trace function,
characteristic functions of the E20 emulator, cannot be used.
1.3
Configuration of Manuals
Documentation for the E1/E20 emulator manual is in two parts: the E1/E20 Emulator User’s Manual and the E1/E20 Emulator
Supplementary Document for the User’s Manual (this manual). Different versions of the latter correspond to different sets of MCUs. Be
sure to read both of the manuals before using the E1/E20 emulator (hereinafter referred to as "the emulator").
(1) The E1/E20 emulator user’s manual has the following contents:
Components of the emulators
Emulator hardware specification
Connection to the emulator and the host computer and user system
(2) The E1/E20 Emulator Supplementary Document for the User’s Manual has the following contents:
For use in hardware design, an example of connection and the interface circuit required to connect the emulator.
Notes on using the emulator


Similar Part No. - R20UT2452EJ0110

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R20UT2645EJ0100 RENESAS-R20UT2645EJ0100 Datasheet
382Kb / 18P
   EEPROM Emulation Library Pack
R20UT2861XJ0301 RENESAS-R20UT2861XJ0301 Datasheet
70Kb / 1P
   Self Programming Library
R20UT2869EJ0100 RENESAS-R20UT2869EJ0100 Datasheet
108Kb / 9P
   Compiler CA78K0R
R20UT2888EG0100 RENESAS-R20UT2888EG0100 Datasheet
359Kb / 6P
   Renesas Starter Kit LCD Application Board V2
R20UT2897EJ0100 RENESAS-R20UT2897EJ0100 Datasheet
279Kb / 8P
   QB-78K0IX2
More results

Similar Description - R20UT2452EJ0110

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
E1 RENESAS-E1 Datasheet
757Kb / 500P
   E1/E20 Emulator
R20UT0616EJ0902 RENESAS-R20UT0616EJ0902 Datasheet
71Kb / 6P
   E1 Emulator
R0E000010CKZ11 RENESAS-R0E000010CKZ11 Datasheet
185Kb / 4P
   Small Connector Conversion Adapter for the E1 Emulator
logo
Ferroxcube Internationa...
SPR-E20 FERROXCUBE-SPR-E20 Datasheet
22Kb / 1P
   SPR-E20
CLA-E20 FERROXCUBE-CLA-E20 Datasheet
37Kb / 1P
   CLA-E20
logo
Renesas Technology Corp
RH850F1L RENESAS-RH850F1L Datasheet
360Kb / 16P
   Emulator
logo
Ferroxcube Internationa...
SPR-E20-10-5 FERROXCUBE-SPR-E20-10-5 Datasheet
77Kb / 2P
   Dimensions for product: E20/10/5
logo
Zilog, Inc.
Z8ICE001ZEM ZILOG-Z8ICE001ZEM Datasheet
126Kb / 7P
   Z8PLUS EMULATOR
logo
Keysight Technologies
E6965A KEYSIGHT-E6965A Datasheet
1Mb / 8P
   Location Server Emulator
logo
STMicroelectronics
ST6-EMU2 STMICROELECTRONICS-ST6-EMU2 Datasheet
48Kb / 4P
   ST6-EMU2 emulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com