Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NIUSB5133 Datasheet(PDF) 4 Page - National Instruments Corporation

Part # NIUSB5133
Description  Bus-Powered USB Digitizers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

NIUSB5133 Datasheet(HTML) 4 Page - National Instruments Corporation

  NIUSB5133 Datasheet HTML 1Page - National Instruments Corporation NIUSB5133 Datasheet HTML 2Page - National Instruments Corporation NIUSB5133 Datasheet HTML 3Page - National Instruments Corporation NIUSB5133 Datasheet HTML 4Page - National Instruments Corporation NIUSB5133 Datasheet HTML 5Page - National Instruments Corporation NIUSB5133 Datasheet HTML 6Page - National Instruments Corporation NIUSB5133 Datasheet HTML 7Page - National Instruments Corporation NIUSB5133 Datasheet HTML 8Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4/8
www.ni.com
a. Typical Frequency Response at Full Bandwidth, All Ranges Except 40 mV
Range
pk-pk
b. Typical Frequency Response at Full Bandwidth, 40 mV
Range
pk-pk
c. Typical Frequency Response with 20 MHz Noise Filter, All Ranges
Specification
Value
Comments
Spectral Characteristics
RMS Noise, Typical Range (V
)
pk-pk
RMS Noise —
All ranges except 0.04 0.35% FS
0.04
0.55% FS
NI 5132/5133 Dynamic Performance, 1 V
Range, 524,288-Point FFT (Typical)
pk-pk
Horizontal
Sample Clock
Specification
Value
Comments
Onboard Clock
Sample Rate Range
Real-Time Sampling (Single Shot)
Divide by
decimation used for all rates less than maximum speed.
n
For more information about Sample Clock and decimation, refer to the
.
NI High-Speed Digitizers Help
NI USB-5132
NI USB-5133
763 S/s to 50 MS/s 1.526 kS/s to 100 MS/s
Timebase Frequency
NI USB-5132
NI USB-5133
50 MHz
100 MHz
Timebase Accuracy
±50 ppm
External Sample Clock
Sources
PFI 1
Input must meet 3.3 V CMOS Logic requirements.
.
Refer to PFI 1 (Programmable Function Interface)
Frequency Range
NI USB-5132
NI USB-5133
1 MHz to 50 MHz
1 MHz to 100 MHz
Duty Cycle Tolerance 45% to 55%
Trigger


Similar Part No. - NIUSB5133

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
NIUSB-232 NI-NIUSB-232 Datasheet
99Kb / 2P
   Serial Instrument Control Interfaces for USB
NIUSB-234 NI-NIUSB-234 Datasheet
99Kb / 2P
   Serial Instrument Control Interfaces for USB
NIUSB-4065 NI-NIUSB-4065 Datasheet
427Kb / 6P
   Low-Cost 6 1⁄2-Digit Multimeters
NIUSB-4431 NI-NIUSB-4431 Datasheet
185Kb / 5P
   Sound and Vibration Data Acquisition
NIUSB-4432 NI-NIUSB-4432 Datasheet
185Kb / 5P
   Sound and Vibration Data Acquisition
More results

Similar Description - NIUSB5133

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT43312A ATMEL-AT43312A_06 Datasheet
325Kb / 28P
   Self- and Bus-Bus-powered USB Hub Controller
logo
SMSC Corporation
USB2223-03 SMSC-USB2223-03 Datasheet
286Kb / 20P
   BUS POWERED USB 2.0 FLASH MEDIA CONTROLLER
logo
ATMEL Corporation
AT43312 ATMEL-AT43312 Datasheet
157Kb / 21P
   Self- and Bus- Powered USB Hub Controller
logo
SMSC Corporation
USB97C223 SMSC-USB97C223 Datasheet
274Kb / 20P
   Bus Powered USB 2.0 Flash Media Controller
logo
Maxim Integrated Produc...
CMAXQUSB MAXIM-CMAXQUSB Datasheet
268Kb / 16P
   USB Powered
Rev 2; 12/10
MAX1452EVKIT MAXIM-MAX1452EVKIT Datasheet
2Mb / 21P
   USB Powered
2021
logo
National Instruments Co...
NIUSB-6216 NI-NIUSB-6216 Datasheet
539Kb / 18P
   Bus-Powered M Series Multifunction DAQ for USB - 16-Bit
logo
Maxim Integrated Produc...
MAX1811 MAXIM-MAX1811 Datasheet
167Kb / 8P
   USB-Powered Li Charger
19-2024; Rev 2; 6/03
MAX1811 MAXIM-MAX1811_V01 Datasheet
1Mb / 8P
   USB-Powered Li Charger
2019
logo
STMicroelectronics
AN1040 STMICROELECTRONICS-AN1040 Datasheet
33Kb / 4P
   FOR USB SELF-POWERED DEVICES
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com