Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NIPXIE-4300 Datasheet(PDF) 3 Page - National Instruments Corporation

Part # NIPXIE-4300
Description  Data Acquisition with Integrated Signal Conditioning for High-Voltage Measurements
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

NIPXIE-4300 Datasheet(HTML) 3 Page - National Instruments Corporation

  NIPXIE-4300 Datasheet HTML 1Page - National Instruments Corporation NIPXIE-4300 Datasheet HTML 2Page - National Instruments Corporation NIPXIE-4300 Datasheet HTML 3Page - National Instruments Corporation NIPXIE-4300 Datasheet HTML 4Page - National Instruments Corporation NIPXIE-4300 Datasheet HTML 5Page - National Instruments Corporation NIPXIE-4300 Datasheet HTML 6Page - National Instruments Corporation NIPXIE-4300 Datasheet HTML 7Page - National Instruments Corporation NIPXIE-4300 Datasheet HTML 8Page - National Instruments Corporation NIPXIE-4300 Datasheet HTML 9Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3/9
www.ni.com
Back to Top
Get answers to your technical questions using the following National Instruments resources.
Support - Visit ni.com/support to access the NI KnowledgeBase, example programs, and tutorials or to contact our applications engineers who are located in NI sales
offices around the world and speak the local language.
Discussion Forums - Visit forums.ni.com for a diverse set of discussion boards on topics you care about.
Online Community - Visit community.ni.com to find, contribute, or collaborate on customer-contributed technical content with users like you.
Repair
While you may never need your hardware repaired, NI understands that unexpected events may lead to necessary repairs. NI offers repair services performed by highly trained
technicians who quickly return your device with the guarantee that it will perform to factory specifications. For more information, visit ni.com/repair.
Training and Certifications
The NI training and certification program delivers the fastest, most certain route to increased proficiency and productivity using NI software and hardware. Training builds the skills
to more efficiently develop robust, maintainable applications, while certification validates your knowledge and ability.
Classroom training in cities worldwide - the most comprehensive hands-on training taught by engineers.
On-site training at your facility - an excellent option to train multiple employees at the same time.
Online instructor-led training - lower-cost, remote training if classroom or on-site courses are not possible.
Course kits - lowest-cost, self-paced training that you can use as reference guides.
Training memberships and training credits - to buy now and schedule training later.
Visit ni.com/training for more information.
Extended Warranty
NI offers options for extending the standard product warranty to meet the life-cycle requirements of your project. In addition, because NI understands that your requirements may
change, the extended warranty is flexible in length and easily renewed. For more information, visit ni.com/warranty.
OEM
NI offers design-in consulting and product integration assistance if you need NI products for OEM applications. For information about special pricing and services for OEM
customers, visit ni.com/oem.
Alliance
Our Professional Services Team is comprised of NI applications engineers, NI Consulting Services, and a worldwide National Instruments Alliance Partner program of more than
700 independent consultants and integrators. Services range from start-up assistance to turnkey system integration. Visit ni.com/alliance.
Detailed Specifications
This document lists specifications for the NI PXIe-4300 module. These specifications are typical for the range of 0 °C to 55 °C unless otherwise stated. The system must be
allowed to warm up for 15 minutes to achieve the rated accuracy. All specifications are subject to change without notice. Visit
for the most current specifications
ni.com/manuals
and product documentation.
Note Keep the filler panels on all unused slots in your chassis to maintain forced air cooling.
Caution Maximum voltage for all analog inputs is ±11 V for all ranges.
Analog Input
Number of channels
8 differential
ADC resolution
16 bits
DNL
No missing codes guaranteed
INL
Refer to the AI Absolute Accuracy Table
Sampling rate
Maximum
250 kS/s per channel
Minimum
No minimum
Timing accuracy
50 ppm of sample rate
Timing resolution
10 ns
Input coupling
DC
Voltage measurement range (software-selectable per channel)
±10 V, ±5 V, ±2 V, ±1 V
CMRR from COM (to 60 Hz)
10 V
95 dB
5 V
100 dB
2 V, 1 V
105 dB


Similar Part No. - NIPXIE-4300

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
NIPXIE-4330 NI-NIPXIE-4330 Datasheet
226Kb / 9P
   Data Acquisition with Integrated Signal Conditioning for Bridge-Based Measurements
NIPXIE-4353 NI-NIPXIE-4353 Datasheet
258Kb / 9P
   Data Acquisition with Integrated Signal Conditioning for Thermocouple Measurements
More results

Similar Description - NIPXIE-4300

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
NIPXIE-4353 NI-NIPXIE-4353 Datasheet
258Kb / 9P
   Data Acquisition with Integrated Signal Conditioning for Thermocouple Measurements
NIPXIE-4330 NI-NIPXIE-4330 Datasheet
226Kb / 9P
   Data Acquisition with Integrated Signal Conditioning for Bridge-Based Measurements
NI-DAQMX NI-NI-DAQMX Datasheet
278Kb / 3P
   Data Acquisition and Signal Conditioning Driver Software Options
PXI-1050 NI-PXI-1050 Datasheet
334Kb / 5P
   PXI Chassis with Integrated Signal Conditioning
logo
Texas Instruments
DRV401-EP TI-DRV401-EP_09 Datasheet
860Kb / 33P
[Old version datasheet]   SENSOR SIGNAL CONDITIONING IC FOR SENSOR SIGNAL CONDITIONING IC FOR
logo
Analog Devices
AD22100 AD-AD22100 Datasheet
230Kb / 6P
   Voltage Output Temperature Sensor with Signal Conditioning
REV. B
AD22100 AD-AD22100_04 Datasheet
190Kb / 12P
   Voltage Output Temperature Sensor with Signal Conditioning
Rev. D
AD22100STZ AD-AD22100STZ Datasheet
216Kb / 12P
   Voltage Output Temperature Sensor with Signal Conditioning
REV. D
AD22100ATZ AD-AD22100ATZ Datasheet
190Kb / 12P
   Voltage Output Temperature Sensor with Signal Conditioning
REV. D
AD22100ARZ AD-AD22100ARZ Datasheet
190Kb / 12P
   Voltage Output Temperature Sensor with Signal Conditioning
Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com