Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NIPXIE-4300 Datasheet(PDF) 6 Page - National Instruments Corporation

Part # NIPXIE-4300
Description  Data Acquisition with Integrated Signal Conditioning for High-Voltage Measurements
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

NIPXIE-4300 Datasheet(HTML) 6 Page - National Instruments Corporation

  NIPXIE-4300 Datasheet HTML 1Page - National Instruments Corporation NIPXIE-4300 Datasheet HTML 2Page - National Instruments Corporation NIPXIE-4300 Datasheet HTML 3Page - National Instruments Corporation NIPXIE-4300 Datasheet HTML 4Page - National Instruments Corporation NIPXIE-4300 Datasheet HTML 5Page - National Instruments Corporation NIPXIE-4300 Datasheet HTML 6Page - National Instruments Corporation NIPXIE-4300 Datasheet HTML 7Page - National Instruments Corporation NIPXIE-4300 Datasheet HTML 8Page - National Instruments Corporation NIPXIE-4300 Datasheet HTML 9Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6/9
www.ni.com
Form factor
x1 PXI Express peripheral module, specification rev 1.0 compliant
Slot compatibility
x1 and x4 PXI Express or PXI Express hybrid slots
DMA channels
1 analog input
NI PXIe-4300 modules may be installed in PXI Express slots or PXI Express hybrid slots.
Calibration
Recommended warm-up time
15 minutes
Calibration interval
1 year
Power Requirements
+3.3 V
2.0 W
+12 V
8.8 W
Physical Requirements
Dimensions
Standard 3U PXIe, 16 × 10 cm (6.3 × 3.9 in.)
Weight
148 g (5.2 oz)
I/O connector
96-pin male DIN 41612/IEC 60603-2 connector.
Environmental Specifications
Maximum altitude
2,000 m (800 mbar), at 25 °C ambient temperature
Pollution Degree
2
Indoor use only
Operating Environment
Ambient temperature range
0 to 55 °C (Tested in accordance with IEC-60068-2-1 and IEC-60068-2-2.
Meets MIL-PRF-28800F Class 3 low temperature limit and MIL-PRF-28800F
Class 2 high temperature limit.)
Relative humidity range
10% to 90%, noncondensing (Tested in accordance with IEC-60068-2-56.)
Storage Environment
Ambient temperature range
–40 to 71°C (Tested in accordance with IEC-60068-2-1 and IEC-60068-2-2.
Meets MIL-PRF-28800F Class 3 limits.)
Relative humidity range
5% to 95% noncondensing (Tested in accordance with IEC-60068-2-56.)
Shock and Vibration
Operating shock
30 g peak, half-sine, 11 ms pulse (Tested in accordance with IEC-60068-2-27.
Meets MIL-PRF-28800F Class 2 limits.)
Random vibration
Operating
5 to 500 Hz, 0.3 g
rms
Non-operating
5 to 500 Hz, 2.4 g
(Tested in accordance with IEC-60068-2-64.
rms
Nonoperating test profile exceeds the requirements of MIL-PRF-28800F, Class
3.)
Safety Voltage
Connect only voltages that are within the following limits:
Between any AI+ and AI–
±11 V
Between any AI terminal and COM
±11 V
Isolation
Channel to channel
Continuous
300 V
, Measurement Category II (Basic)
rms
Withstand
1,400 V
, verified by a 5 s dielectric withstand test
rms
Channel to earth ground
Continuous
300 V
, Measurement Category II
rms
Withstand
3,300 V
, verified by a 5 s dielectric withstand test
rms
Caution Do
use for measurements within Measurement Categories III or IV.
not


Similar Part No. - NIPXIE-4300

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
NIPXIE-4330 NI-NIPXIE-4330 Datasheet
226Kb / 9P
   Data Acquisition with Integrated Signal Conditioning for Bridge-Based Measurements
NIPXIE-4353 NI-NIPXIE-4353 Datasheet
258Kb / 9P
   Data Acquisition with Integrated Signal Conditioning for Thermocouple Measurements
More results

Similar Description - NIPXIE-4300

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
NIPXIE-4353 NI-NIPXIE-4353 Datasheet
258Kb / 9P
   Data Acquisition with Integrated Signal Conditioning for Thermocouple Measurements
NIPXIE-4330 NI-NIPXIE-4330 Datasheet
226Kb / 9P
   Data Acquisition with Integrated Signal Conditioning for Bridge-Based Measurements
NI-DAQMX NI-NI-DAQMX Datasheet
278Kb / 3P
   Data Acquisition and Signal Conditioning Driver Software Options
PXI-1050 NI-PXI-1050 Datasheet
334Kb / 5P
   PXI Chassis with Integrated Signal Conditioning
logo
Texas Instruments
DRV401-EP TI-DRV401-EP_09 Datasheet
860Kb / 33P
[Old version datasheet]   SENSOR SIGNAL CONDITIONING IC FOR SENSOR SIGNAL CONDITIONING IC FOR
logo
Analog Devices
AD22100 AD-AD22100 Datasheet
230Kb / 6P
   Voltage Output Temperature Sensor with Signal Conditioning
REV. B
AD22100 AD-AD22100_04 Datasheet
190Kb / 12P
   Voltage Output Temperature Sensor with Signal Conditioning
Rev. D
AD22100STZ AD-AD22100STZ Datasheet
216Kb / 12P
   Voltage Output Temperature Sensor with Signal Conditioning
REV. D
AD22100ATZ AD-AD22100ATZ Datasheet
190Kb / 12P
   Voltage Output Temperature Sensor with Signal Conditioning
REV. D
AD22100ARZ AD-AD22100ARZ Datasheet
190Kb / 12P
   Voltage Output Temperature Sensor with Signal Conditioning
Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com