Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML9298 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # ML9298
Description  12-Hour System Clock IC for 1/2 Duty Fluorescent Display Tubes
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML9298 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button ML9298 Datasheet HTML 3Page - List of Unclassifed Manufacturers ML9298 Datasheet HTML 4Page - List of Unclassifed Manufacturers ML9298 Datasheet HTML 5Page - List of Unclassifed Manufacturers ML9298 Datasheet HTML 6Page - List of Unclassifed Manufacturers ML9298 Datasheet HTML 7Page - List of Unclassifed Manufacturers ML9298 Datasheet HTML 8Page - List of Unclassifed Manufacturers ML9298 Datasheet HTML 9Page - List of Unclassifed Manufacturers ML9298 Datasheet HTML 10Page - List of Unclassifed Manufacturers ML9298 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
FEDL9298-01
LAPIS Semiconductor
ML9298
7/12
FUNCTIONAL DESCRIPTION
Time Base
Built-in 4.194304MHz crystal oscillation circuit (AMP, feedback resistor)
* Keep crystal and external capacitors as close to this LSI as possible to minimize connection wiring.
* The values of external components, such as crystal and capacitors, should be determined including capacitance
of user's circuit boards. It is recommended to contact a crystal manufacturer.
7-Segment Display Format
Display Device
Dynamic drive 4-digit fluorescent display tube (with colon)
Relationship Between Anode/Grid Output and Display
Brightness Switching Function
4-level brightness settings (frequency 256 Hz, gap between GR1 and GR2 at 1/2 duty 32 s)
Switch pin name
DIM1
DIM2
Operating mode
L
L
f = 256 Hz, 1/2 duty (50
 display)
H
L
f = 256 Hz, 1/4 duty (25
 display)
L
H
f = 256 Hz, 1/8 duty (12.5
 display)
H
H
f = 256 Hz, 1/16 duty (6.25
 display)
Display Mode
4-digit hour and minute display in 12-hour system
Hour display ·················· 1 to 12
Minute display ············ 00 to 59
No time display when the most significant digit is 0 (Most Significant Digit Zero Suppress function)
A
B
C
D
E
F
G
(7 segments)
GR2
GR1
2c
digit2
2f
2a
2g
2d
2e
2b
col
col
colon
3f
3a
3g
3d
3e
3b
3c
digit3
4b
4c
digit4
1f
1a
1g
1d
1b
1c
digit1
1e


Similar Part No. - ML9298

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML9298 OKI-ML9298 Datasheet
126Kb / 12P
   ML9298MB
logo
List of Unclassifed Man...
ML9298 ETC2-ML9298 Datasheet
267Kb / 12P
   12-Hour System Clock IC for 1/2 Duty Fluorescent Display Tubes
logo
LAPIS Semiconductor Co....
ML9298 LAPIS-ML9298 Datasheet
118Kb / 12P
   12-Hour System Clock IC for 1/2 Duty Fluorescent Display Tubes
logo
OKI electronic componet...
ML9298MB OKI-ML9298MB Datasheet
126Kb / 12P
   ML9298MB
More results

Similar Description - ML9298

ManufacturerPart #DatasheetDescription
logo
LAPIS Semiconductor Co....
ML9298 LAPIS-ML9298 Datasheet
118Kb / 12P
   12-Hour System Clock IC for 1/2 Duty Fluorescent Display Tubes
logo
List of Unclassifed Man...
ML9298 ETC2-ML9298 Datasheet
267Kb / 12P
   12-Hour System Clock IC for 1/2 Duty Fluorescent Display Tubes
FEDL9298-01 ETC2-FEDL9298-01 Datasheet
118Kb / 12P
   12-Hour System Clock IC for 1/2 Duty Fluorescent Display Tubes
logo
OKI electronic componet...
MSC1210 OKI-MSC1210 Datasheet
141Kb / 11P
   Clock For 1/2 Duty VFD
logo
LAPIS Semiconductor Co....
ML9098B LAPIS-ML9098B Datasheet
167Kb / 15P
   Clock IC with Static and 1/2-Duty LCD Drivers
logo
List of Unclassifed Man...
ML9098B ETC2-ML9098B Datasheet
389Kb / 15P
   Clock IC with Static and 1/2-Duty LCD Drivers
ML9098B ETC2-ML9098B Datasheet
389Kb / 15P
   Clock IC with Static and 1/2-Duty LCD Drivers
FEDL9098B-01 ETC2-FEDL9098B-01 Datasheet
167Kb / 15P
   Clock IC with Static and 1/2-Duty LCD Drivers
logo
Sanyo Semicon Device
LC7574NE SANYO-LC7574NE Datasheet
190Kb / 10P
   1/2 Duty VFD Driver for Frequency Display
LC7573N SANYO-LC7573N Datasheet
169Kb / 10P
   1/2 Duty VFD Driver for Frequency Display
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com