Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6SMB62CA Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # P6SMB62CA
Description  BI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS, 6.8 THRU 200 VOLTS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

P6SMB62CA Datasheet(HTML) 1 Page - Central Semiconductor Corp

  P6SMB62CA Datasheet HTML 1Page - Central Semiconductor Corp P6SMB62CA Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
416
Central
Semiconductor Corp.
TM
SMB CASE
DESCRIPTION
The CENTRAL SEMICONDUCTOR P6SMB6.8CA
Series types are Surface Mount Bi-Directional Glass
Passivated Junction Transient Voltage Suppressors
designed to protect voltage sensitive components
from high voltage transients. THIS DEVICE IS
MANUFACTURED WITH A GLASS PASSIVATED
CHIP FOR OPTIMUM RELIABILITY.
Note: For Uni-directional devices, please refer to
the P6SMB6.8A Series data sheet.
P6SMB6.8CA
THRU
P6SMB200CA
BI-DIRECTIONAL
GLASS PASSIVATED JUNCTION
TRANSIENT VOLTAGE SUPPRESSOR
600 WATTS, 6.8 THRU 200 VOLTS
NEW
v
w
VRWM
IR
IRSM
VRSM
@ IT
VBR
@ VRWM
@ IRSM
mA
of VBR
TYPE NO.
BREAKDOWN VOLTAGE
WORKING
MAXIMUM
MAXIMUM
MAXIMUM
MAXIMUM
PEAK
REVERSE
REVERSE
REVERSE
TEMP.
MARKING
REVERSE
LEAKAGE
SURGE
VOLTAGE
COEFFICIENT
CODE
VOLTAGE
CURRENT
VOLTS
MIN
NOM
MAX
mA
VOLTS
A
VOLTS
%/°C
P6SMB6.8CA
6.45
6.8
7.14
10
5.8
1000
57
10.5
0.057
C6V8C
P6SMB7.5CA
7.13
7.5
7.88
10
6.4
500
53
11.3
0.061
C7V5C
P6SMB8.2CA
7.79
8.2
8.61
10
7.02
200
50
12.1
0.065
C8V2C
P6SMB9.1CA
8.65
9.1
9.55
1
7.78
50
45
13.4
0.068
C9V1C
P6SMB10CA
9.5
10
10.5
1
8.55
10
41
14.5
0.073
C10C
P6SMB11CA
10.5
11
11.6
1
9.4
5
38
15.6
0.075
C11C
P6SMB12CA
11.4
12
12.6
1
10.2
5
36
16.7
0.078
C12C
P6SMB13CA
12.4
13
13.7
1
11.1
5
33
18.2
0.081
C13C
P6SMB15CA
14.3
15
15.8
1
12.8
5
28
21.2
0.084
C15C
P6SMB16CA
15.2
16
16.8
1
13.6
5
27
22.5
0.086
C16C
P6SMB18CA
17.1
18
18.9
1
15.3
5
24
25.2
0.088
C18C
P6SMB20CA
19.0
20
21.0
1
17.1
5
22
27.7
0.090
C20C
ELECTRICAL CHARACTERISTICS (TA=25°C )
SYMBOL
UNITS
Peak Power Dissipation
PPM
600
W
Peak Forward Surge Current (JEDEC Method)
IFSM
100
A
Operating and Storage
Junction Temperature
TJ,Tstg
-65 to +150
°C
MAXIMUM RATINGS (TA=25°C )
Specified
by
BREAKDOWN
VOLTAGE


Similar Part No. - P6SMB62CA

ManufacturerPart #DatasheetDescription
logo
UN Semiconducctor INC
P6SMB62CA UNSEMI-P6SMB62CA Datasheet
3Mb / 7P
   6.8 To 600V 600W Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
logo
Taiwan Semiconductor Co...
P6SMB62CA TSC-P6SMB62CA Datasheet
69Kb / 4P
   Surface Mount Transient Voltage Suppressor
logo
Shenzhen Luguang Electr...
P6SMB62CA LUGUANG-P6SMB62CA Datasheet
206Kb / 3P
   Glass Passivated Junction Transient Voltage Suppressor
logo
SUNMATE electronic Co.,...
P6SMB62CA SUNMATE-P6SMB62CA Datasheet
1,004Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
logo
Weitron Technology
P6SMB62CA WEITRON-P6SMB62CA Datasheet
97Kb / 4P
   600W Surface Mount Transient Voltage Suppressors
More results

Similar Description - P6SMB62CA

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
15SMC68CA CENTRAL-15SMC68CA Datasheet
146Kb / 2P
   BI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS, 6.8 THRU 200 VOLTS
P6SMB68A CENTRAL-P6SMB68A Datasheet
123Kb / 2P
   UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS, 6.8 THRU 200 VOLTS
15SMC68A CENTRAL-15SMC68A Datasheet
146Kb / 2P
   UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS, 6.8 THRU 200 VOLTS
1SMB50CA CENTRAL-1SMB50CA Datasheet
97Kb / 2P
   BI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS, 5.0 THRU 170 VOLTS
1SMC50CA CENTRAL-1SMC50CA Datasheet
144Kb / 2P
   BI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS, 5.0 THRU 170 VOLTS
1SMB50A CENTRAL-1SMB50A Datasheet
90Kb / 2P
   UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS, 5.0 THRU 170 VOLTS
1SMC5.0CA CENTRAL-1SMC5.0CA_11 Datasheet
651Kb / 3P
   SURFACE MOUNT BI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS, 5.0 THRU 170 VOLTS
1SMB5.0CA CENTRAL-1SMB5.0CA_11 Datasheet
787Kb / 3P
   SURFACE MOUNT BI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS, 5.0 THRU 170 VOLTS
logo
StarHope
P6KE SPSEMI-P6KE Datasheet
356Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 6.8 to 600 Volts
logo
Central Semiconductor C...
P6SMB6.8CA CENTRAL-P6SMB6.8CA_10 Datasheet
839Kb / 3P
   SURFACE MOUNT BI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com