Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EM1A Datasheet(PDF) 4 Page - Sanken electric

Part No. EM1A
Description  Silicon Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

EM1A Datasheet(HTML) 4 Page - Sanken electric

  EM1A Datasheet HTML 1Page - Sanken electric EM1A Datasheet HTML 2Page - Sanken electric EM1A Datasheet HTML 3Page - Sanken electric EM1A Datasheet HTML 4Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SANKEN ELECTRIC CO., LTD.
EM1A
050824
4/4
61426-01
7 Package information
7-1 Package type, physical dimensions and material
*1
The allowance position of Body against the center of whole lead wire is 0.5mm(max.)
*2
The centric allowance of lead wire against center of physical body is 0.2mm(max.)
*3
The burr may exit up to 2mm from the body of lead
Dimensions in mm
7-2 Appearance
The body shall be clean and shall not bear any stain, rust or flaw.
7-3 Marking
Type number EM1A is abbreviated as
1
M
A
② Lot number 1
First digit: Last digit of Year
Second digit: Month
From 1 to 9 for Jan. to Sep.
O for Oct., N for Nov., and D for Dec.
Lot number 2 (ten days)
Top of the month
・・
Middle of month
・・・
End of month
カソード表示
Cathode Band
5.0±0.2
62.3 ±0.7
※1
※2
※3
Cathode Mark


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn