Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6SMB47CA Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # P6SMB47CA
Description  BI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS, 6.8 THRU 200 VOLTS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

P6SMB47CA Datasheet(HTML) 2 Page - Central Semiconductor Corp

  P6SMB47CA Datasheet HTML 1Page - Central Semiconductor Corp P6SMB47CA Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
417
R2
TYPE NO.
BREAKDOWN VOLTAGE
WORKING
MAXIMUM
MAXIMUM
MAXIMUM
MAXIMUM
PEAK
REVERSE
REVERSE
REVERSE
TEMP.
MARKING
REVERSE
LEAKAGE
SURGE
VOLTAGE
COEFFICIENT
CODE
VOLTAGE
CURRENT
VOLTS
MIN
NOM
MAX
mA
VOLTS
A
VOLTS
%/°C
P6SMB22CA
20.9
22
23.1
1
18.8
5
20
30.6
0.092
C22C
P6SMB24CA
22.8
24
25.2
1
20.5
5
18
33.2
0.094
C24C
P6SMB27CA
25.7
27
28.4
1
23.1
5
16
37.5
0.096
C27C
P6SMB30CA
28.5
30
31.5
1
25.6
5
14.4
41.4
0.097
C30C
P6SMB33CA
31.4
33
34.7
1
28.2
5
13.2
45.7
0.098
C33C
P6SMB36CA
34.2
36
37.8
1
30.8
5
12.0
49.9
0.099
C36C
P6SMB39CA
37.1
39
41.0
1
33.3
5
11.2
53.9
0.100
C39C
P6SMB43CA
40.9
43
45.2
1
36.8
5
10.1
59.3
0.101
C43C
P6SMB47CA
44.7
47
49.4
1
40.2
5
9.3
64.8
0.101
C47C
P6SMB51CA
48.5
51
53.6
1
43.6
5
8.6
70.1
0.102
C51C
P6SMB56CA
53.2
56
58.8
1
47.8
5
7.8
77
0.103
C56C
P6SMB62CA
58.9
62
65.1
1
53.0
5
7.1
85
0.104
C62C
P6SMB68CA
64.6
68
71.4
1
58.1
5
6.5
92
0.104
C68C
P6SMB75CA
71.3
75
78.8
1
64.1
5
5.8
103
0.105
C75C
P6SMB82CA
77.9
82
86.1
1
70.1
5
5.3
113
0.105
C82C
P6SMB91CA
86.5
91
95.5
1
77.8
5
4.8
125
0.106
C91C
P6SMB100CA
95.0
100
105
1
85.5
5
4.4
137
0.106
C100C
P6SMB110CA
104.5
110
115.5
1
94.0
5
4.0
152
0.107
C110C
P6SMB120CA
114
120
126
1
102
5
3.6
165
0.107
C120C
P6SMB130CA
123.5
130
136.5
1
111
5
3.3
179
0.107
C130C
P6SMB150CA
142.5
150
157.5
1
128
5
2.9
207
0.108
C150C
P6SMB160CA
152
160
168
1
136
5
2.7
219
0.108
C160C
P6SMB170CA
161.5
170
178.5
1
145
5
2.6
234
0.108
C170C
P6SMB180CA
171
180
189
1
154
5
2.4
246
0.108
C180C
P6SMB200CA
190
200
210
1
171
5
2.2
274
0.108
C200C
VRWM
IR
IRSM
VRSM
@ IT
VBR
@ VRWM
@ IRSM
of VBR
mA
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
TOP VIEW
All dimensions in inches (mm).


Similar Part No. - P6SMB47CA

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
P6SMB47CA TSC-P6SMB47CA Datasheet
69Kb / 4P
   Surface Mount Transient Voltage Suppressor
logo
UN Semiconducctor INC
P6SMB47CA UNSEMI-P6SMB47CA Datasheet
3Mb / 7P
   6.8 To 600V 600W Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
logo
Shenzhen Luguang Electr...
P6SMB47CA LUGUANG-P6SMB47CA Datasheet
206Kb / 3P
   Glass Passivated Junction Transient Voltage Suppressor
logo
SUNMATE electronic Co.,...
P6SMB47CA SUNMATE-P6SMB47CA Datasheet
1,004Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
logo
Weitron Technology
P6SMB47CA WEITRON-P6SMB47CA Datasheet
97Kb / 4P
   600W Surface Mount Transient Voltage Suppressors
More results

Similar Description - P6SMB47CA

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
15SMC68CA CENTRAL-15SMC68CA Datasheet
146Kb / 2P
   BI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS, 6.8 THRU 200 VOLTS
P6SMB68A CENTRAL-P6SMB68A Datasheet
123Kb / 2P
   UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS, 6.8 THRU 200 VOLTS
15SMC68A CENTRAL-15SMC68A Datasheet
146Kb / 2P
   UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS, 6.8 THRU 200 VOLTS
1SMB50CA CENTRAL-1SMB50CA Datasheet
97Kb / 2P
   BI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS, 5.0 THRU 170 VOLTS
1SMC50CA CENTRAL-1SMC50CA Datasheet
144Kb / 2P
   BI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS, 5.0 THRU 170 VOLTS
1SMB50A CENTRAL-1SMB50A Datasheet
90Kb / 2P
   UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS, 5.0 THRU 170 VOLTS
1SMC5.0CA CENTRAL-1SMC5.0CA_11 Datasheet
651Kb / 3P
   SURFACE MOUNT BI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS, 5.0 THRU 170 VOLTS
1SMB5.0CA CENTRAL-1SMB5.0CA_11 Datasheet
787Kb / 3P
   SURFACE MOUNT BI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS, 5.0 THRU 170 VOLTS
logo
StarHope
P6KE SPSEMI-P6KE Datasheet
356Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 6.8 to 600 Volts
logo
Central Semiconductor C...
P6SMB6.8CA CENTRAL-P6SMB6.8CA_10 Datasheet
839Kb / 3P
   SURFACE MOUNT BI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com