Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SEN06464H2CH1MT-25R Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # SEN06464H2CH1MT-25R
Description  512MB DDR2 ??SDRAM SO-DIMM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SEN06464H2CH1MT-25R Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button SEN06464H2CH1MT-25R Datasheet HTML 6Page - List of Unclassifed Manufacturers SEN06464H2CH1MT-25R Datasheet HTML 7Page - List of Unclassifed Manufacturers SEN06464H2CH1MT-25R Datasheet HTML 8Page - List of Unclassifed Manufacturers SEN06464H2CH1MT-25R Datasheet HTML 9Page - List of Unclassifed Manufacturers SEN06464H2CH1MT-25R Datasheet HTML 10Page - List of Unclassifed Manufacturers SEN06464H2CH1MT-25R Datasheet HTML 11Page - List of Unclassifed Manufacturers SEN06464H2CH1MT-25R Datasheet HTML 12Page - List of Unclassifed Manufacturers SEN06464H2CH1MT-25R Datasheet HTML 13Page - List of Unclassifed Manufacturers SEN06464H2CH1MT-25R Datasheet HTML 14Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Data Sheet
Rev.1.2
03.11.2010
Swissbit AG
Industriestrasse 4
Fon: +41 (0) 71 913 03 03
www.swissbit.com
Page 11
CH-9552 Bronschhofen
Fax: +41 (0) 71 913 03 15
eMail: info@swissbit.com
of 14
DDR2 SDRAM COMPONENT ELECTRICAL CHARACTERISTICS AND RECOMMENDED
AC OPERATING CONDITIONS (Continued)
(0°C ≤ TCASE ≤ + 85°C; VDDQ = +1.8V ± 0.1V, VDD = +1.8V ± 0.1V)
AC CHARACTERISTICS
6400-666
5300-555
PARAMETER
SYMBOL
MIN
MAX
MIN
MAX
Unit
ODT power-down exit latency
tAXPD
10
8
tCK
ODT enable from MRS
command
TMOD
12
12
ns
Exit active power-down to READ
command, MR [bit 12 = 0]
tXARD
2
2
tCK
Exit active power-down to READ
command, MR [bit 12 = 1]
tXARDS
8
– AL
7
– AL
tCK
Exit precharge power-down to
any non-READ command
tXP
2
2
tCK
CKE minimum high/low time
tCKE
3
3
tCK


Similar Part No. - SEN06464H2CH1MT-25R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SEN06464H2CF1SA-25[EIW]R ETC2-SEN06464H2CF1SA-25[EIW]R Datasheet
420Kb / 14P
   512MB DDR2 ??SDRAM SO-DIMM
SEN06464H2CF1SA-30[EIW]R ETC2-SEN06464H2CF1SA-30[EIW]R Datasheet
420Kb / 14P
   512MB DDR2 ??SDRAM SO-DIMM
SEN06464H2CG1SA-25[E/W]R ETC2-SEN06464H2CG1SA-25[E/W]R Datasheet
558Kb / 16P
   512MB DDR2 . SDRAM SO-DIMM
SEN06464H2CG1SA-30[EW]R ETC2-SEN06464H2CG1SA-30[EW]R Datasheet
558Kb / 16P
   512MB DDR2 . SDRAM SO-DIMM
More results

Similar Description - SEN06464H2CH1MT-25R

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBE52UD6AJUA ELPIDA-EBE52UD6AJUA Datasheet
301Kb / 28P
   512MB DDR2 SDRAM SO-DIMM
logo
List of Unclassifed Man...
SEN06464H2CF1SA-30[EIW]R ETC2-SEN06464H2CF1SA-30[EIW]R Datasheet
420Kb / 14P
   512MB DDR2 ??SDRAM SO-DIMM
SEN06464H2CG1SA-30[EW]R ETC2-SEN06464H2CG1SA-30[EW]R Datasheet
558Kb / 16P
   512MB DDR2 . SDRAM SO-DIMM
logo
White Electronic Design...
WV3HG64M64EEU-D4 WEDC-WV3HG64M64EEU-D4 Datasheet
172Kb / 11P
   512MB - 64Mx64 DDR2 SDRAM UNBUFFERED, SO-DIMM
logo
List of Unclassifed Man...
SEU06464H1CH1MT-25[W]R ETC2-SEU06464H1CH1MT-25[W]R Datasheet
582Kb / 14P
   512MB DDR2 ??SDRAM DIMM
SEU06464H1CF1SA-30R ETC2-SEU06464H1CF1SA-30R Datasheet
616Kb / 14P
   512MB DDR2 ??SDRAM DIMM
logo
White Electronic Design...
WV3HG64M72EER-PD4 WEDC-WV3HG64M72EER-PD4 Datasheet
195Kb / 11P
   512MB - 64Mx72 DDR2 SDRAM REGISTERED, SO-DIMM, w/PLL
logo
Elpida Memory
EBE51AD8AGFA ELPIDA-EBE51AD8AGFA Datasheet
212Kb / 23P
   512MB Registered DDR2 SDRAM DIMM
EBE51RC4AAFA ELPIDA-EBE51RC4AAFA Datasheet
203Kb / 22P
   512MB Registered DDR2 SDRAM DIMM
logo
Hynix Semiconductor
HYMP112S64MP8 HYNIX-HYMP112S64MP8 Datasheet
405Kb / 17P
   DDR2 SDRAM SO-DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com