Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDU12864H1B62MT-50R Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # SDU12864H1B62MT-50R
Description  1024MB DDR . SDRAM DIMM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SDU12864H1B62MT-50R Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button SDU12864H1B62MT-50R Datasheet HTML 2Page - List of Unclassifed Manufacturers SDU12864H1B62MT-50R Datasheet HTML 3Page - List of Unclassifed Manufacturers SDU12864H1B62MT-50R Datasheet HTML 4Page - List of Unclassifed Manufacturers SDU12864H1B62MT-50R Datasheet HTML 5Page - List of Unclassifed Manufacturers SDU12864H1B62MT-50R Datasheet HTML 6Page - List of Unclassifed Manufacturers SDU12864H1B62MT-50R Datasheet HTML 7Page - List of Unclassifed Manufacturers SDU12864H1B62MT-50R Datasheet HTML 8Page - List of Unclassifed Manufacturers SDU12864H1B62MT-50R Datasheet HTML 9Page - List of Unclassifed Manufacturers SDU12864H1B62MT-50R Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Data Sheet
Rev.1.1
18.09.2008
Swissbit Germany AG
Wolfener Straße 36
Fon: +49 (0) 30 93 69 54 - 0
www.swissbit-germany.com
Page 6
D-12681 Berlin
Fax: +49 (0) 30 93 69 54 - 55
eMail: firma@swissbit-germany.com
of 12
DC ELECTRICAL CHARACTERISTICS AND OPERATING CONDITIONS
(0°C
≤ TA ≤ + 70°C ; VDD = +2.5V ± 0.2V, VDDQ = +2.5V ± 0.2V) see Note 1 on Page 9
PARAMETER/ CONDITION
SYMBOL
MIN
MAX
UNITS
Supply Voltage
VDD
2.3
2.7
V
I/O Supply Voltage
VDDQ
2.3
2.7
V
I/O Reference Voltage
VREF
0.49 x VDDQ
0.51x VDDQ
V
I/O Termination Voltage (system)
VTT
VREF – 0.04
VREF + 0.04
V
Input High (Logic 1) Voltage
VIH (DC)
VREF + 0.15
VDD + 0.3
V
Input Low (Logic 0) Voltage
VIL (DC)
-0.3
VREF – 0.15
V
INPUT LEAKAGE CURRENT
Any input 0V ≤ VIN VDD, VREF pin 0V ≤ VIN ≤1.35V
(All other pins not under test = 0V)
II
-10
10
µA
OUTPUT LEAKAGE CURRENT
(DQS are disabled; 0V ≤ VOUT VDDQ)
IOZ
-10
10
µA
OUTPUT LEVELS:
High Current (VOUT = VDDQ-0.373V,minimum VREF,
minimum VTT )
Low Current (VOUT =0.373V, maximum VREF,
maximum VTT )
IOH
IOL
-16.8
16.8
-
-
mA
mA
AC INPUT OPERATING CONDITIONS
(0°C
≤ TA ≤ + 70°C ; VDD = +2.5V ± 0.2V, VDDQ = +2.5V ± 0.2V) see Note 1 on Page 9
PARAMETER/ CONDITION
SYMBOL
MIN
MAX
UNITS
Input High (Logic 1) Voltage
VIH (AC)
VREF + 0.310
-
V
Input Low (Logic 0) Voltage
VIL (AC)
-
VREF - 0.310
V
I/O Reference Voltage
VREF(AC)
0.49 x VDDQ
0.51x VDDQ
V
CAPACITANCE
PARAMETER
SYMBOL
MIN
MAX
UNITS
Input/Output Capacitance: DQ, DQS
C10
4.0
5.0
pF
Input Capacitance: Command and Address
C11
18.0
27.0
pF
Input Capacitance: /S 0,1
C11
18.0
27.0
pF
Input Capacitance: CK, /CK
C12
10.0
14.0
pF
Input Capacitance: CKE
C13
18.0
27.0
pF


Similar Part No. - SDU12864H1B62MT-50R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SDU10-24 ETC-SDU10-24 Datasheet
208Kb / 2P
   SDU Series, Direct Current Uninterruptible Power Supply (DC UPS) System
SDU10-24 ETC-SDU10-24 Datasheet
221Kb / 5P
   SDU Series, Direct Current Uninterruptible Power Supply (DC UPS) System
SDU1024B ETC-SDU1024B Datasheet
208Kb / 2P
   SDU Series, Direct Current Uninterruptible Power Supply (DC UPS) System
logo
XP Power Limited
SDU150PS12B XPPOWER-SDU150PS12B Datasheet
201Kb / 2P
   Medical Approvals
SDU150PS24B XPPOWER-SDU150PS24B Datasheet
201Kb / 2P
   Medical Approvals
More results

Similar Description - SDU12864H1B62MT-50R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SDN12864L1B62MT-50 ETC2-SDN12864L1B62MT-50 Datasheet
632Kb / 14P
   1024MB DDR SDRAM SO-DIMM
SDN01G64D1BJ2SA-50 ETC2-SDN01G64D1BJ2SA-50 Datasheet
638Kb / 14P
   1024MB DDR SDRAM SoDIMM
SGN01G64A2BG1MT-BBRT ETC2-SGN01G64A2BG1MT-BBRT Datasheet
557Kb / 15P
   1024MB DDR3 ??SDRAM SO-DIMM
SGN01G64D2BG1MT-BB[EW]RT ETC2-SGN01G64D2BG1MT-BB[EW]RT Datasheet
737Kb / 17P
   1024MB DDR3 . SDRAM SO-DIMM
SLN01G64C1CQ1SA-CC[EW]RT ETC-SLN01G64C1CQ1SA-CC[EW]RT Datasheet
652Kb / 17P
   1024MB DDR3L ??SDRAM SO-DIMM
SGN01G64D2BG1SA-BB[EW]RT ETC2-SGN01G64D2BG1SA-BB[EW]RT Datasheet
744Kb / 17P
   1024MB DDR3 ??SDRAM SO-DIMM
SGN01G64C1CQ1SA-CC[EW]RT ETC2-SGN01G64C1CQ1SA-CC[EW]RT Datasheet
722Kb / 17P
   1024MB DDR3 ??SDRAM SO-DIMM
logo
Micron Technology
MT9VDDT1672A MICRON-MT9VDDT1672A Datasheet
542Kb / 29P
   DDR SDRAM DIMM
logo
Hynix Semiconductor
HYMD212G726ALS4-M HYNIX-HYMD212G726ALS4-M Datasheet
267Kb / 16P
   Registered DDR SDRAM DIMM
HYMD264G726BLF8-J HYNIX-HYMD264G726BLF8-J Datasheet
276Kb / 16P
   Registered DDR SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com