Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CEG9926 Datasheet(PDF) 3 Page - Chino-Excel Technology

Part # CEG9926
Description  Dual N-Channel Enhancement Mode Field Effect Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CET [Chino-Excel Technology]
Direct Link  http://www.cetsemi.com
Logo CET - Chino-Excel Technology

CEG9926 Datasheet(HTML) 3 Page - Chino-Excel Technology

  CEG9926 Datasheet HTML 1Page - Chino-Excel Technology CEG9926 Datasheet HTML 2Page - Chino-Excel Technology CEG9926 Datasheet HTML 3Page - Chino-Excel Technology CEG9926 Datasheet HTML 4Page - Chino-Excel Technology CEG9926 Datasheet HTML 5Page - Chino-Excel Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Parameter
Symbol
Condition
Min Typ Max Unit
ELECTRICAL CHARACTERISTICS (TA=25 C unless otherwise noted)
DRAIN-SOURCE DIODE CHARACTERISTICS
Diode Forward Voltage
VSD
VGS = 0V, Is =1.7A
0.8
1.2
V
b
C
Notes
c.Guaranteed by design, not subject to production testing.
b.Pulse Test:Pulse Width 300 s, Duty Cycle 2%.
Figure 1. Output Characteristics
Figure 2. Transfer Characteristics
Figure 3. Capacitance
VDS, Drain-to Source Voltage (V)
VGS, Gate-to-Source Voltage (V)
VDS, Drain-to-Source Voltage (V)
a.Surface Mounted on FR4 Board, t 10sec.
9-19
0
246810
12
Ciss
Coss
Crss
600
500
400
300
200
100
0
10
8
6
4
2
0
0
0.5
1.0
1.5
2.0
2.5
3.0
VGS=4.5,3.5,2.5V
VGS=1.5V
VGS=2.0V
Figure 4. On-Resistance Variation with
Temperature
TJ, Junction Temperature( C)
-50 -25
0
25
50
75
100 125 150
1.80
1.60
1.40
1.20
1.00
0.80
0.60
VGS=4.5V
ID=4.5A
25 C
25
20
15
10
5
0
0.0
0.5
1
1.5
2
2.5
3
-55 C
Tj=125 C
CEG9926
9


Similar Part No. - CEG9926

ManufacturerPart #DatasheetDescription
logo
Sensata Technologies, I...
CEG SENSATA-CEG Datasheet
2Mb / 24P
   Hydraulic Magnetic Circuit Protectors
logo
PANDUIT CORP.
CEG-02X1 PANDUIT-CEG-02X1 Datasheet
1Mb / 8P
   Cable Entry Systems
09/2022
CEG-02X2 PANDUIT-CEG-02X2 Datasheet
1Mb / 8P
   Cable Entry Systems
09/2022
CEG-02X4 PANDUIT-CEG-02X4 Datasheet
1Mb / 8P
   Cable Entry Systems
09/2022
CEG-03X1 PANDUIT-CEG-03X1 Datasheet
1Mb / 8P
   Cable Entry Systems
09/2022
More results

Similar Description - CEG9926

ManufacturerPart #DatasheetDescription
logo
Chino-Excel Technology
CEM9926A CET-CEM9926A Datasheet
140Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
DMN2004VK DIODES-DMN2004VK Datasheet
155Kb / 4P
   DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30865 Rev. 2 - 2
DMN5L06DMK DIODES-DMN5L06DMK Datasheet
144Kb / 5P
   DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30927 Rev. 2 - 2
logo
Alpha & Omega Semicondu...
AO4850 AOSMD-AO4850 Datasheet
117Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEM2108 CET-CEM2108 Datasheet
139Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
CEM4228 CET-CEM4228 Datasheet
109Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
CEM8206 CET-CEM8206 Datasheet
61Kb / 5P
   Dual N-Channel Enhancement Mode Field Effect Transistor
CEM11M2 CET-CEM11M2 Datasheet
1,005Kb / 5P
   Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Alpha & Omega Semicondu...
AO4800A AOSMD-AO4800A Datasheet
110Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
AO4818 AOSMD-AO4818 Datasheet
204Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
AO4822 AOSMD-AO4822 Datasheet
110Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com