Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STA404A Datasheet(PDF) 1 Page - Sanken electric

Part # STA404A
Description  NPN Darlington General purpose
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

STA404A Datasheet(HTML) 1 Page - Sanken electric

  STA404A Datasheet HTML 1Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
164
Characteristic curves
IC-VCE Characteristics (Typical)
hFE-IC Characteristics (Typical)
hFE-IC Temperature Characteristics (Typical)
VCE(sat)-IC Temperature Characteristics (Typical)
VCE(sat)-IB Characteristics (Typical)
IC-VBE Temperature Characteristics (Typical)
θ j-a-PW Characteristics
PT-Ta Characteristics
Safe Operating Area (SOA)
(Ta=25
°C)
Symbol
Ratings
Unit
VCBO
200
V
VCEO
200
V
VEBO
6V
IC
3A
ICP
6 (PW
≤10ms, Du≤50%)
A
4 (Ta=25
°C)
20 (Tc=25
°C)
Tj
150
°C
Tstg
–40 to +150
°C
(Ta=25
°C)
Symbol
Unit
Conditions
ICBO
100
µAVCB=200V
IEBO
10
mA
VEB=6V
VCEO
200
V
IC=10mA
hFE
1000
VCE=4V, IC=1A
VCE(sat)
2.0
V
IC=1A, IB=1.5mA
Specification
min
typ
max
PT
W
STA404A
6
5
4
3
2
1
0
012
3
4
5
6
VCE (V)
IB=200mA
100mA
30mA
10mA
3mA
1mA
(VCE=4V)
5000
1000
500
100
50
30
0.03 0.05
0.1
0.5
1
5 6
IC (A)
5000
1000
500
100
50
30
0.03 0.05
0.1
0.5
5 6
(VCE=4V)
IC (A)
T
a=125
°C
25
°C
3
2
1
0
IC=3A
IC=1.5A
IC=1A
0.5
1
5
10
50
100
200
IB (mA)
6
5
4
3
2
1
0
01
2
3
VBE (V)
(VCE=4V)
75
°C
25
°C
3
2
1
0
0.2
0.5
1
5
6
IC (A)
(IC / IB=100)
–30
°C
75
°C
25
°C
Ta=125
°C
20
10
5
1
0.5
1
5
10
50
100
500 1000
PW (mS)
–40
0
50
100
150
20
16
12
8.0
4.0
0
Ta (
°C)
24
With Silicone Grease
Natural Cooling
Heatsink: Aluminum
in mm
With Infinite Heatsink
100
×100×2
50
×50×2
25
×50×2
Without Heatsink
10
5
1
0.5
0.1
0.05
0.03
5
10
50
100
200
VCE (V)
Single Pulse
Without Heatsink
Ta=25
°C
2
1
3
R1 R2
4
5
6
7
8
9
10
R1: 2k
Ω typ R2: 200Ω typ
NPN Darlington
General purpose
External dimensions D • • • STA (10-pin)
Absolute maximum ratings
sEquivalent circuit diagram
Electrical characteristics


Similar Part No. - STA404A

ManufacturerPart #DatasheetDescription
logo
Sanken electric
STA404A SANKEN-STA404A Datasheet
22Kb / 1P
   NPN Darlington General purpose
STA404A SANKEN-STA404A Datasheet
36Kb / 1P
   NPN Darlington General purpose
STA404A SANKEN-STA404A_06 Datasheet
36Kb / 1P
   NPN Darlington General purpose
More results

Similar Description - STA404A

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SLA4060 SANKEN-SLA4060 Datasheet
23Kb / 1P
   NPN Darlington General purpose
SMA4030 SANKEN-SMA4030 Datasheet
37Kb / 1P
   NPN Darlington General purpose
STA403A SANKEN-STA403A Datasheet
22Kb / 1P
   NPN Darlington General purpose
STA403A SANKEN-STA403A_06 Datasheet
36Kb / 1P
   NPN Darlington General purpose
STA404A SANKEN-STA404A_06 Datasheet
36Kb / 1P
   NPN Darlington General purpose
SLA4060 SANKEN-SLA4060_06 Datasheet
38Kb / 1P
   NPN Darlington General purpose
SLA4030 SANKEN-SLA4030_08 Datasheet
37Kb / 1P
   NPN Darlington General purpose
STA473A SANKEN-STA473A_06 Datasheet
38Kb / 1P
   NPN Darlington General purpose
STA404A SANKEN-STA404A Datasheet
22Kb / 1P
   NPN Darlington General purpose
STA473A SANKEN-STA473A Datasheet
23Kb / 1P
   NPN Darlington General purpose
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com