Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LDECD3470JA5N00 Datasheet(PDF) 14 Page - Kemet Corporation

Part # LDECD3470JA5N00
Description  SMD Film Capacitors Catalogue
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

LDECD3470JA5N00 Datasheet(HTML) 14 Page - Kemet Corporation

Back Button LDECD3470JA5N00 Datasheet HTML 8Page - Kemet Corporation LDECD3470JA5N00 Datasheet HTML 9Page - Kemet Corporation LDECD3470JA5N00 Datasheet HTML 10Page - Kemet Corporation LDECD3470JA5N00 Datasheet HTML 11Page - Kemet Corporation LDECD3470JA5N00 Datasheet HTML 12Page - Kemet Corporation LDECD3470JA5N00 Datasheet HTML 13Page - Kemet Corporation LDECD3470JA5N00 Datasheet HTML 14Page - Kemet Corporation LDECD3470JA5N00 Datasheet HTML 15Page - Kemet Corporation LDECD3470JA5N00 Datasheet HTML 16Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
14
SMD Film Capacitors
07/2008
Preheating
Maximum preheating time: 180 s
Minimum temperature: 150 °C
Maximum temperature: 200 °C
Maximum temperature on the component’s body (Tmax):
Maximum time within Tmax and Tmax - 5 °C (∆T5):
30 s (Tmax ≤ 250 °C)
10 s (250 °C < Tmax ≤ 255 °C *)
Maximum time over 217 °C (∆T217): 150 s
Maximum temperature ramp rate:
3 °C / s (heating)
6 °C / s (cooling)
Second reflow
if two reflow processes are needed, be sure that, before
the second reflow, the temperature on the capacitor’s
surface is lower than 50 °C.
* For LDB series this value is 260 °C.
Landing areas and solder paste suggestions
Size **
A [mm]
B [mm]
C [mm]
D [mm]
12.06
1.5
1.1
2.3
4.5
12.10
2.3
1.1
2.3
4.5
18.12
3.0
1.7
3.1
6.5
22.20
4.6
2.1
3.9
8.1
28.24
5.7
2.3
5.3
9.9
40.30
7.4
2.6
8.2
13.4
50.40
9.6
2.6
10.7
15.9
60.54
12.6
2.6
13.2
18.4
These new landing area dimensions have the aim of taking full
advantage of the new RoHS 6 terminations design.
The preceding layout (2004 Catalogue) is therefore to be
considered still valid, although not optimal for RoHS 6.
Soldering recommendations and cautions
Capacitor
Hmax [mm]
Capacitor volume [mm3]
< 350
350 - 2000
> 2000
< 1.6
255 °C
*
255 °C
*
255 °C
*
1.6 - 2.5
255 °C
*
250 °C
245 °C
> 2.5
250 °C
245 °C
245 °C
in line with JEDEC STD 020D ed. June 2007 with some limitations
Reflow recommendations
Reflow temperature profile
We suggest to use a Sn / Ag / Cu solder paste (suggested
thickness: 0.10 ÷ 0.15 mm).
If a NOT Lead Free solder paste is used, a minimum peak
temperature of 210 °C on the component’s body is suggested.
Linear profiles are also allowed (if in line with the reflow recommendations)
** For customized sizes, specific landing areas suggestions are available


Similar Part No. - LDECD3470JA5N00

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LDECD3470JA5N ETC1-LDECD3470JA5N Datasheet
499Kb / 8P
   PEN-PET H.T
More results

Similar Description - LDECD3470JA5N00

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
LDEID3100KA0N00 KEMET-LDEID3100KA0N00 Datasheet
1Mb / 16P
   SMD Film Capacitors Catalogue
LDEPD2100KA5N00 KEMET-LDEPD2100KA5N00 Datasheet
1Mb / 16P
   SMD Film Capacitors Catalogue
logo
List of Unclassifed Man...
IPL10020 ETC1-IPL10020 Datasheet
211Kb / 4P
   Shortform Catalogue
logo
Amphenol Corporation
L77SDB25S AMPHENOL-L77SDB25S Datasheet
7Mb / 151P
   Amphenol Preferred Parts Catalogue
logo
AVX Corporation
CL057K0682 AVX-CL057K0682 Datasheet
262Kb / 4P
   High Surge Voltage SMD Film Capacitors
logo
EPCOS
B32559S EPCOS-B32559S Datasheet
327Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32591 EPCOS-B32591 Datasheet
533Kb / 26P
   Film Capacitors Metallized Polyester Film Capacitors
B32932 EPCOS-B32932 Datasheet
295Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32537 EPCOS-B32537 Datasheet
308Kb / 20P
   Film Capacitors Metallized Polyester Film Capacitors
B32559C EPCOS-B32559C Datasheet
425Kb / 23P
   Film Capacitors Metallized Polyester Film Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com