Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MFE122 Datasheet(PDF) 1 Page - Digitron Semiconductors

Part # MFE122
Description  DUAL GATE MOSFET VHF AMPLIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

MFE122 Datasheet(HTML) 1 Page - Digitron Semiconductors

  MFE122 Datasheet HTML 1Page - Digitron Semiconductors MFE122 Datasheet HTML 2Page - Digitron Semiconductors MFE122 Datasheet HTML 3Page - Digitron Semiconductors MFE122 Datasheet HTML 4Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
MFE120–MFE122
DUAL GATE MOSFET VHF AMPLIFIER
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Drain Source Voltage
VDS
25
Vdc
Drain Current
ID
30
mAdc
Total Power Dissipation @ TA = 25°C
Derate above 25°C
PD
300
1.7
mW
mW/°C
Operating and Storage Temperature Range
TJ, Tstg
-65 to +175
°C
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristics
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain Source Breakdown Voltage
(ID = 100 µAdc, VS = 0, VG1S = -4.0 Vdc, VG2S = 4.0V)
V(BR)DSX
25
-
-
Vdc
Gate 1 – Source Breakdown Voltage (1)
(IG1 = ±10 µAdc, VG2S = 0)
V(BR)G1SO
±7.0
-
±20
Vdc
Gate 2 – Source Breakdown Voltage (1)
(IG2 = ±10 µAdc, VG2S = 0)
V(BR)G2SO
±7.0
-
±20
Vdc
Gate 1 Leakage Current
(VG1S = ±6.0 Vdc, VG2S = 0, VDS = 0)
IG1SS
-
-
20
nAdc
Gate 2 Leakage Current
(VG2S = ±6.0 Vdc, VG1S = 0, VDS = 0)
IG2SS
-
-
20
nAdc
Gate 1 to Source Cutoff Voltage
(VDS = 15 Vdc, VG2S = 4.0 Vdc, ID = 200 µAdc)
VG1S(off)
-
-
-4.0
Vdc
Gate 2 to Source Cutoff Voltage
(VDS = 15 Vdc, VG1S = 0, ID = 200 µAdc)
VG2S(off)
-
-
-4.0
Vdc
ON CHARACTERISTICS
Zero-Gate Voltage Drain Current
(VDS = 15 Vdc, VG1S = 0, VG2S = 4.0 Vdc)
MFE120
MFE121
MFE122
IDSS
2.0
5.0
2.0
7.0
10
9.0
18
30
20
mAdc
SMALL SIGNAL CHARACTERISTICS
Forward Transfer Admittance (Gate 1 to Drain)
(VDS = 15 Vdc, VG2S = 4.0 Vdc, ID = 10mAdc, f = 1.0 kHz)
MFE120, MFE122
MFE121
⎪Yfs
8000
10000
-
-
18000
20000
µmhos
Input Capacitance
(VDS = 15 Vdc, VG2S = 4.0 Vdc, ID = IDSS, f = 1.0 MHz)
MFE120, MFE122
MFE121
Ciss
-
-
4.5
4.5
7.0
6.0
pF
Reverse Transfer Capacitance
(VDS = 15 Vdc, VG2S = 4.0 Vdc, ID = 6.0 mAdc, f = 1.0 MHz)
Crss
-
0.023
-
pF
Output Capacitance
(VDS = 15 Vdc, VG2S = 4.0 Vdc, ID = IDSS, f = 1.0 MHz)
MFE120, MFE122
MFE121
Coss
-
-
2.5
2.5
4.0
3.5
pF
FUNCTIONAL CHARACTERISTICS
Noise Figure
(VDS = 15 Vdc, VG2S = 4.0 Vdc, ID = 6.0mAdc,
ZS is optimized for NF)
(f = 105MHz, Figure 1)
(f = 60MHz, figure 3)
(f = 200MHz, figure 3)
MFE120
MFE121
MFE121
NF
-
-
-
2.9
2.6
2.6
5.0
5.0
5.0
dB
sales@digitroncorp.com
fax +1.908.245-0555
www.digitroncorp.com
Rev. 20121114


Similar Part No. - MFE122

ManufacturerPart #DatasheetDescription
logo
Synaptics Incorporated.
MFE1209 CONEXANT-MFE1209 Datasheet
482Kb / 16P
   MFC1000 Controller and a Conexant MONOFAX Modem Device.
MFE1209-V CONEXANT-MFE1209-V Datasheet
482Kb / 16P
   MFC1000 Controller and a Conexant MONOFAX Modem Device.
MFE1209-VS CONEXANT-MFE1209-VS Datasheet
482Kb / 16P
   MFC1000 Controller and a Conexant MONOFAX Modem Device.
MFE1214 CONEXANT-MFE1214 Datasheet
482Kb / 16P
   MFC1000 Controller and a Conexant MONOFAX Modem Device.
MFE1214-V CONEXANT-MFE1214-V Datasheet
482Kb / 16P
   MFC1000 Controller and a Conexant MONOFAX Modem Device.
More results

Similar Description - MFE122

ManufacturerPart #DatasheetDescription
logo
Digitron Semiconductors
3N201 DIGITRON-3N201 Datasheet
1Mb / 6P
   DUAL GATE MOSFET VHF AMPLIFIER
logo
Motorola, Inc
3N201 MOTOROLA-3N201 Datasheet
195Kb / 5P
   DUAL GATE MOSFET VHF AMPLIFIER
logo
Digitron Semiconductors
3N211 DIGITRON-3N211 Datasheet
103Kb / 2P
   DUAL-GATE VHF AMPLIFIER DUAL-GATE VHF AMPLIFIER
logo
New Jersey Semi-Conduct...
3N211 NJSEMI-3N211 Datasheet
149Kb / 1P
   DUAL-GATE MOSFET VHF AMPLIFIER
logo
Motorola, Inc
3N211 MOTOROLA-3N211 Datasheet
69Kb / 2P
   Dual Gate Mosfet VHF Amplifier(N-Channel, Depletion)
logo
New Jersey Semi-Conduct...
MFE140 NJSEMI-MFE140 Datasheet
106Kb / 2P
   DUAL-GATE MOSFET DUAL-GATE FM AMPLIFIER
logo
Digitron Semiconductors
MFE140 DIGITRON-MFE140 Datasheet
191Kb / 5P
   DUAL GATE MOSFET FM AMPLIFIER
logo
Toshiba Semiconductor
3SK260 TOSHIBA-3SK260 Datasheet
229Kb / 4P
   N CHANNEL DUAL GATE MOS TYPE (TV TUNER VHF MIXER,VHF RF AMPLIFIER APPLICATIONS)
3SK151 TOSHIBA-3SK151 Datasheet
232Kb / 4P
   N CHANNEL DUAL GATE MOS TYPE (TV TYNER VHF MIXER, VHF RF AMPLIFIER APPLICATIONS)
logo
Hitachi Semiconductor
3SK300 HITACHI-3SK300 Datasheet
39Kb / 9P
   Silicon N Channel Dual Gate MOS FET UHF / VHF RF Amplifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com