Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LR9273DL-AD-S08-T Datasheet(PDF) 9 Page - Unisonic Technologies

Part # LR9273DL-AD-S08-T
Description  SUPER LOW ON RESISTANCE/LOW VOLTAGE 1A LDO REGULATOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR9273DL-AD-S08-T Datasheet(HTML) 9 Page - Unisonic Technologies

  LR9273DL-AD-S08-T Datasheet HTML 1Page - Unisonic Technologies LR9273DL-AD-S08-T Datasheet HTML 2Page - Unisonic Technologies LR9273DL-AD-S08-T Datasheet HTML 3Page - Unisonic Technologies LR9273DL-AD-S08-T Datasheet HTML 4Page - Unisonic Technologies LR9273DL-AD-S08-T Datasheet HTML 5Page - Unisonic Technologies LR9273DL-AD-S08-T Datasheet HTML 6Page - Unisonic Technologies LR9273DL-AD-S08-T Datasheet HTML 7Page - Unisonic Technologies LR9273DL-AD-S08-T Datasheet HTML 8Page - Unisonic Technologies LR9273DL-AD-S08-T Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
LR9273
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
9 of 9
www.unisonic.com.tw
QW-R502-A30.a
TYPICAL APPLICATION CIRCUIT(Cont.)
The Output Voltage may be adjustable for any output voltage between its 1.0V reference and its VDD setting level.
An external pair of resistors is required, as shown above.
The complete equation for the output voltage is described step by step as follows;
I2=IIC+I3 ………… (1)
I3=1.0/R3 ………… (2)
Thus,
I2=IIC+1.0/R3 ………… (3)
Therefore,
VOUT=1.0+R2×I2 ………… (4)
Put Equation (3) into Equation (4), then
VOUT=1.0+R2(IIC+1.0/R3)
=1.0(1+R2/R3)+R2×IIC ………… (5)
In 2nd term, or R2×IIC will produce an error in VOUT.
In Equation (5),
IIC=1.0/RIC ………… (6)
R2×IIC=R2×1.0/RIC
=1.0×R2/RIC ………… (7)
For better accuracy, choosing R2(<<RIC) reduces this error.
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


Similar Part No. - LR9273DL-AD-S08-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR9273DL-AD-S08-R UTC-LR9273DL-AD-S08-R Datasheet
287Kb / 9P
   SUPER LOW ON RESISTANCE/LOW VOLTAGE 1A LDO REGULATOR
More results

Similar Description - LR9273DL-AD-S08-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR9273 UTC-LR9273_17 Datasheet
287Kb / 9P
   SUPER LOW ON RESISTANCE/LOW VOLTAGE 1A LDO REGULATOR
logo
RICOH electronics devic...
R1172 RICOH-R1172 Datasheet
446Kb / 25P
   SUPER LOW ON RESISTANCE / LOW VOLTAGE 1A LDO
R1172N081A RICOH-R1172N081A Datasheet
838Kb / 36P
   SUPER LOW ON RESISTANCE / LOW VOLTAGE 1A LDO
logo
Nisshinbo Micro Devices...
R1172X NISSHINBO-R1172X Datasheet
519Kb / 25P
   SUPER LOW ON RESISTANCE / LOW VOLTAGE 1A LDO
logo
RICOH electronics devic...
R1172N081 RICOH-R1172N081_17 Datasheet
446Kb / 25P
   SUPER LOW ON RESISTANCE / LOW VOLTAGE 1A LDO
logo
Nisshinbo Micro Devices...
R1173X NISSHINBO-R1173X Datasheet
1Mb / 38P
   Super low on resistance/Low voltage LDO
logo
RICOH electronics devic...
R1173 RICOH-R1173 Datasheet
546Kb / 26P
   Super low on resistance/Low voltage LDO
R1173H081B RICOH-R1173H081B Datasheet
656Kb / 33P
   Super low on resistance/Low voltage LDO
logo
Rohm
BD00C0AWFPS-M ROHM-BD00C0AWFPS-M Datasheet
693Kb / 20P
   Single-Output LDO Regulator 35V Voltage Resistance 1A LDO Regulator
logo
Microchip Technology
MCP1726 MICROCHIP-MCP1726_14 Datasheet
682Kb / 32P
   1A, Low-Voltage, Low Quiescent Current LDO Regulator
03/25/14
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com