Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

P6SMB68CA Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part No. P6SMB68CA
Description  BI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS, 6.8 THRU 200 VOLTS
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CENTRAL [Central Semiconductor Corp]
Homepage  http://www.centralsemi.com
Logo 

P6SMB68CA Datasheet(HTML) 2 Page - Central Semiconductor Corp

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
417
R2
TYPE NO.
BREAKDOWN VOLTAGE
WORKING
MAXIMUM
MAXIMUM
MAXIMUM
MAXIMUM
PEAK
REVERSE
REVERSE
REVERSE
TEMP.
MARKING
REVERSE
LEAKAGE
SURGE
VOLTAGE
COEFFICIENT
CODE
VOLTAGE
CURRENT
VOLTS
MIN
NOM
MAX
mA
VOLTS
A
VOLTS
%/°C
P6SMB22CA
20.9
22
23.1
1
18.8
5
20
30.6
0.092
C22C
P6SMB24CA
22.8
24
25.2
1
20.5
5
18
33.2
0.094
C24C
P6SMB27CA
25.7
27
28.4
1
23.1
5
16
37.5
0.096
C27C
P6SMB30CA
28.5
30
31.5
1
25.6
5
14.4
41.4
0.097
C30C
P6SMB33CA
31.4
33
34.7
1
28.2
5
13.2
45.7
0.098
C33C
P6SMB36CA
34.2
36
37.8
1
30.8
5
12.0
49.9
0.099
C36C
P6SMB39CA
37.1
39
41.0
1
33.3
5
11.2
53.9
0.100
C39C
P6SMB43CA
40.9
43
45.2
1
36.8
5
10.1
59.3
0.101
C43C
P6SMB47CA
44.7
47
49.4
1
40.2
5
9.3
64.8
0.101
C47C
P6SMB51CA
48.5
51
53.6
1
43.6
5
8.6
70.1
0.102
C51C
P6SMB56CA
53.2
56
58.8
1
47.8
5
7.8
77
0.103
C56C
P6SMB62CA
58.9
62
65.1
1
53.0
5
7.1
85
0.104
C62C
P6SMB68CA
64.6
68
71.4
1
58.1
5
6.5
92
0.104
C68C
P6SMB75CA
71.3
75
78.8
1
64.1
5
5.8
103
0.105
C75C
P6SMB82CA
77.9
82
86.1
1
70.1
5
5.3
113
0.105
C82C
P6SMB91CA
86.5
91
95.5
1
77.8
5
4.8
125
0.106
C91C
P6SMB100CA
95.0
100
105
1
85.5
5
4.4
137
0.106
C100C
P6SMB110CA
104.5
110
115.5
1
94.0
5
4.0
152
0.107
C110C
P6SMB120CA
114
120
126
1
102
5
3.6
165
0.107
C120C
P6SMB130CA
123.5
130
136.5
1
111
5
3.3
179
0.107
C130C
P6SMB150CA
142.5
150
157.5
1
128
5
2.9
207
0.108
C150C
P6SMB160CA
152
160
168
1
136
5
2.7
219
0.108
C160C
P6SMB170CA
161.5
170
178.5
1
145
5
2.6
234
0.108
C170C
P6SMB180CA
171
180
189
1
154
5
2.4
246
0.108
C180C
P6SMB200CA
190
200
210
1
171
5
2.2
274
0.108
C200C
VRWM
IR
IRSM
VRSM
@ IT
VBR
@ VRWM
@ IRSM
of VBR
mA
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
TOP VIEW
All dimensions in inches (mm).


Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
15SMC68CABI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS 6.8 THRU 200 VOLTS 1 2 Central Semiconductor Corp
P6SMB68AUNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS 6.8 THRU 200 VOLTS 1 2 Central Semiconductor Corp
15SMC68AUNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS 6.8 THRU 200 VOLTS 1 2 Central Semiconductor Corp
1SMB50CABI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS 5.0 THRU 170 VOLTS 1 2 Central Semiconductor Corp
1SMC50CABI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS 5.0 THRU 170 VOLTS 1 2 Central Semiconductor Corp
3SMC50CASURFACE MOUNT BI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 3000 WATTS 5.0 THRU 170 VOLTS 1 2 Central Semiconductor Corp
1SMB50AUNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS 5.0 THRU 170 VOLTS 1 2 Central Semiconductor Corp
BZW04GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 6.8 to 440 Volts 400 Watts Peak 1.0 Watt Steady Stae 1 2 3 4 DB Lectro Inc
1SMC50AUNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS 5.0 THRU 170 VOLTS 1 2 Central Semiconductor Corp
3SMC50ASURFACE MOUNT UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 3000 WATTS 5.0 THRU 170 VOLTS 1 2 Central Semiconductor Corp

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn