Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

P6SMB68CA Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part No. P6SMB68CA
Description  BI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS, 6.8 THRU 200 VOLTS
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CENTRAL [Central Semiconductor Corp]
Homepage  http://www.centralsemi.com
Logo 

P6SMB68CA Datasheet(HTML) 1 Page - Central Semiconductor Corp

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
416
Central
Semiconductor Corp.
TM
SMB CASE
DESCRIPTION
The CENTRAL SEMICONDUCTOR P6SMB6.8CA
Series types are Surface Mount Bi-Directional Glass
Passivated Junction Transient Voltage Suppressors
designed to protect voltage sensitive components
from high voltage transients. THIS DEVICE IS
MANUFACTURED WITH A GLASS PASSIVATED
CHIP FOR OPTIMUM RELIABILITY.
Note: For Uni-directional devices, please refer to
the P6SMB6.8A Series data sheet.
P6SMB6.8CA
THRU
P6SMB200CA
BI-DIRECTIONAL
GLASS PASSIVATED JUNCTION
TRANSIENT VOLTAGE SUPPRESSOR
600 WATTS, 6.8 THRU 200 VOLTS
NEW
v
w
VRWM
IR
IRSM
VRSM
@ IT
VBR
@ VRWM
@ IRSM
mA
of VBR
TYPE NO.
BREAKDOWN VOLTAGE
WORKING
MAXIMUM
MAXIMUM
MAXIMUM
MAXIMUM
PEAK
REVERSE
REVERSE
REVERSE
TEMP.
MARKING
REVERSE
LEAKAGE
SURGE
VOLTAGE
COEFFICIENT
CODE
VOLTAGE
CURRENT
VOLTS
MIN
NOM
MAX
mA
VOLTS
A
VOLTS
%/°C
P6SMB6.8CA
6.45
6.8
7.14
10
5.8
1000
57
10.5
0.057
C6V8C
P6SMB7.5CA
7.13
7.5
7.88
10
6.4
500
53
11.3
0.061
C7V5C
P6SMB8.2CA
7.79
8.2
8.61
10
7.02
200
50
12.1
0.065
C8V2C
P6SMB9.1CA
8.65
9.1
9.55
1
7.78
50
45
13.4
0.068
C9V1C
P6SMB10CA
9.5
10
10.5
1
8.55
10
41
14.5
0.073
C10C
P6SMB11CA
10.5
11
11.6
1
9.4
5
38
15.6
0.075
C11C
P6SMB12CA
11.4
12
12.6
1
10.2
5
36
16.7
0.078
C12C
P6SMB13CA
12.4
13
13.7
1
11.1
5
33
18.2
0.081
C13C
P6SMB15CA
14.3
15
15.8
1
12.8
5
28
21.2
0.084
C15C
P6SMB16CA
15.2
16
16.8
1
13.6
5
27
22.5
0.086
C16C
P6SMB18CA
17.1
18
18.9
1
15.3
5
24
25.2
0.088
C18C
P6SMB20CA
19.0
20
21.0
1
17.1
5
22
27.7
0.090
C20C
ELECTRICAL CHARACTERISTICS (TA=25°C )
SYMBOL
UNITS
Peak Power Dissipation
PPM
600
W
Peak Forward Surge Current (JEDEC Method)
IFSM
100
A
Operating and Storage
Junction Temperature
TJ,Tstg
-65 to +150
°C
MAXIMUM RATINGS (TA=25°C )
Specified
by
BREAKDOWN
VOLTAGE


Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
15SMC68CABI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS 6.8 THRU 200 VOLTS 1 2 Central Semiconductor Corp
P6SMB68AUNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS 6.8 THRU 200 VOLTS 1 2 Central Semiconductor Corp
15SMC68AUNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS 6.8 THRU 200 VOLTS 1 2 Central Semiconductor Corp
1SMB50CABI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS 5.0 THRU 170 VOLTS 1 2 Central Semiconductor Corp
1SMC50CABI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS 5.0 THRU 170 VOLTS 1 2 Central Semiconductor Corp
3SMC50CASURFACE MOUNT BI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 3000 WATTS 5.0 THRU 170 VOLTS 1 2 Central Semiconductor Corp
1SMB50AUNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS 5.0 THRU 170 VOLTS 1 2 Central Semiconductor Corp
BZW04GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 6.8 to 440 Volts 400 Watts Peak 1.0 Watt Steady Stae 1 2 3 4 DB Lectro Inc
1SMC50AUNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS 5.0 THRU 170 VOLTS 1 2 Central Semiconductor Corp
3SMC50ASURFACE MOUNT UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 3000 WATTS 5.0 THRU 170 VOLTS 1 2 Central Semiconductor Corp

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn