Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NIPXIE-6368 Datasheet(PDF) 5 Page - National Instruments Corporation

Part # NIPXIE-6368
Description  NI X Series Multifunction Data Acquisition
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

NIPXIE-6368 Datasheet(HTML) 5 Page - National Instruments Corporation

  NIPXIE-6368 Datasheet HTML 1Page - National Instruments Corporation NIPXIE-6368 Datasheet HTML 2Page - National Instruments Corporation NIPXIE-6368 Datasheet HTML 3Page - National Instruments Corporation NIPXIE-6368 Datasheet HTML 4Page - National Instruments Corporation NIPXIE-6368 Datasheet HTML 5Page - National Instruments Corporation NIPXIE-6368 Datasheet HTML 6Page - National Instruments Corporation NIPXIE-6368 Datasheet HTML 7Page - National Instruments Corporation NIPXIE-6368 Datasheet HTML 8Page - National Instruments Corporation NIPXIE-6368 Datasheet HTML 9Page - National Instruments Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
5/18
www.ni.com
Back to Top
Support - Visit ni.com/support to access the NI KnowledgeBase, example programs, and tutorials or to contact our applications engineers who are located in NI sales
offices around the world and speak the local language.
Discussion Forums - Visit forums.ni.com for a diverse set of discussion boards on topics you care about.
Online Community - Visit community.ni.com to find, contribute, or collaborate on customer-contributed technical content with users like you.
Repair
While you may never need your hardware repaired, NI understands that unexpected events may lead to necessary repairs. NI offers repair services performed by highly trained
technicians who quickly return your device with the guarantee that it will perform to factory specifications. For more information, visit ni.com/repair.
Training and Certifications
The NI training and certification program delivers the fastest, most certain route to increased proficiency and productivity using NI software and hardware. Training builds the skills
to more efficiently develop robust, maintainable applications, while certification validates your knowledge and ability.
Classroom training in cities worldwide - the most comprehensive hands-on training taught by engineers.
On-site training at your facility - an excellent option to train multiple employees at the same time.
Online instructor-led training - lower-cost, remote training if classroom or on-site courses are not possible.
Course kits - lowest-cost, self-paced training that you can use as reference guides.
Training memberships and training credits - to buy now and schedule training later.
Visit ni.com/training for more information.
Extended Warranty
NI offers options for extending the standard product warranty to meet the life-cycle requirements of your project. In addition, because NI understands that your requirements may
change, the extended warranty is flexible in length and easily renewed. For more information, visit ni.com/warranty.
OEM
NI offers design-in consulting and product integration assistance if you need NI products for OEM applications. For information about special pricing and services for OEM
customers, visit ni.com/oem.
Alliance
Our Professional Services Team is comprised of NI applications engineers, NI Consulting Services, and a worldwide National Instruments Alliance Partner program of more than
700 independent consultants and integrators. Services range from start-up assistance to turnkey system integration. Visit ni.com/alliance.
Detailed Specifications
Specifications listed below are typical at 25 °C unless otherwise noted. Refer to the
for more information about NI PXIe-6366/6368 and NI USB-6366 (32
X Series User Manual
MS and 64 MS) devices.
Analog Input
Number of channels
NI 6366
8 differential
NI 6368
16 differential
ADC resolution
16 bits
DNL
No missing codes guaranteed
INL
Refer to the AI Absolute Accuracy Table
Sampling rate
Maximum
2.00 MS/s per channel
Minimum
No minimum
Timing accuracy
50 ppm of sample rate
Timing resolution
10 ns
Input coupling
DC
Input range
±10 V, ±5 V, ±2 V, ±1 V
Maximum working voltage for all analog inputs
Positive input (AI+)
±11 V for all ranges, Measurement Category I
Negative input (AI–)
±11 V for all ranges, Measurement Category I


Similar Part No. - NIPXIE-6368

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
NIPXIE-6361 NI-NIPXIE-6361 Datasheet
1Mb / 20P
   NI X Series Multifunction Data Acquisition
NIPXIE-6363 NI-NIPXIE-6363 Datasheet
1Mb / 20P
   NI X Series Multifunction Data Acquisition
NIPXIE-6366 NI-NIPXIE-6366 Datasheet
1Mb / 18P
   NI X Series Multifunction Data Acquisition
More results

Similar Description - NIPXIE-6368

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
NIUSB-6343 NI-NIUSB-6343 Datasheet
1Mb / 18P
   NI X Series Multifunction Data Acquisition
NIUSB-6351 NI-NIUSB-6351 Datasheet
655Kb / 19P
   NI X Series Multifunction Data Acquisition
NIUSB-6353 NI-NIUSB-6353 Datasheet
655Kb / 19P
   NI X Series Multifunction Data Acquisition
NIPXIE-6363 NI-NIPXIE-6363 Datasheet
1Mb / 20P
   NI X Series Multifunction Data Acquisition
NIPCIE-6361 NI-NIPCIE-6361 Datasheet
1Mb / 20P
   NI X Series Multifunction Data Acquisition
NIPCIE-6320 NI-NIPCIE-6320 Datasheet
516Kb / 15P
   NI X Series Multifunction Data Acquisition
NIPXIE-6358 NI-NIPXIE-6358 Datasheet
1Mb / 18P
   NI X Series Multifunction Data Acquisition
NIUSB-6361 NI-NIUSB-6361 Datasheet
1Mb / 20P
   NI X Series Multifunction Data Acquisition
NIUSB-6363 NI-NIUSB-6363 Datasheet
1Mb / 20P
   NI X Series Multifunction Data Acquisition
NIUSB-6366 NI-NIUSB-6366 Datasheet
1Mb / 18P
   NI X Series Multifunction Data Acquisition
NIPXIE-6356 NI-NIPXIE-6356 Datasheet
1Mb / 18P
   NI X Series Multifunction Data Acquisition
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com