Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NIPXIE-6356 Datasheet(PDF) 9 Page - National Instruments Corporation

Part # NIPXIE-6356
Description  NI X Series Multifunction Data Acquisition
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

NIPXIE-6356 Datasheet(HTML) 9 Page - National Instruments Corporation

Back Button NIPXIE-6356 Datasheet HTML 5Page - National Instruments Corporation NIPXIE-6356 Datasheet HTML 6Page - National Instruments Corporation NIPXIE-6356 Datasheet HTML 7Page - National Instruments Corporation NIPXIE-6356 Datasheet HTML 8Page - National Instruments Corporation NIPXIE-6356 Datasheet HTML 9Page - National Instruments Corporation NIPXIE-6356 Datasheet HTML 10Page - National Instruments Corporation NIPXIE-6356 Datasheet HTML 11Page - National Instruments Corporation NIPXIE-6356 Datasheet HTML 12Page - National Instruments Corporation NIPXIE-6356 Datasheet HTML 13Page - National Instruments Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
9/18
www.ni.com
Nominal Range
Residual Gain Error
(ppm of Reading)
Gain
Tempco
(ppm/°C)
Reference
Tempco
(ppm/°C)
Residual Offset
Error (ppm of
Range)
Offset Tempco
(ppm of
Range/°C)
INL Error
(ppm of
Range)
Random
Noise, σ ( V
μ
)
rms
Absolute Accuracy
at Full Scale ( V)
* μ
Positive
Full Scale
Negative
Full Scale
2
–2
102
8
5
15
42
46
71
528
1
–1
120
8
5
15
50
46
61
291
AbsoluteAccuracy = Reading · (GainError) + Range · (OffsetError) + NoiseUncertainty
GainError = ResidualAIGainError + GainTempco · (TempChangeFromLastInternalCal) + ReferenceTempco · (TempChangeFromLastExternalCal)
OffsetError = ResidualAIOffsetError + OffsetTempco · (TempChangeFromLastInternalCal) + INL_Error
NoiseUncertainty
For a coverage factor of 3 σ and averaging 10,000 points.
Absolute accuracy at full scale on the analog input channels is determined using the following assumptions:
*
TempChangeFromLastExternalCal = 10 °C
TempChangeFromLastInternalCal = 1 °C
number_of_readings = 10,000
CoverageFactor = 3 σ
For example, on the 10 V range, the absolute accuracy at full scale is as follows:
GainError = 95 ppm + 8 ppm · 1 + 5 ppm · 10
GainError = 153 ppm
OffsetError = 15 ppm + 35 ppm · 1 + 46 ppm
OffsetError = 96 ppm
NoiseUncertainty=
NoiseUncertainty = 7.6 μV
AbsoluteAccuracy = 10 V · (GainError) + 10 V · (OffsetError) + NoiseUncertainty
AbsoluteAccuracy = 2,498 μV
Accuracies listed are valid for up to two years from the device external calibration.
AO Absolute Accuracy Table
Nominal Range
Residual Gain Error
(ppm of Reading)
Gain
Tempco
(ppm/°C)
Reference
Tempco
(ppm/°C)
Residual Offset Error
(ppm of Range)
Offset Tempco
(ppm of Range/°C)
INL Error
(ppm of
Range)
Absolute Accuracy at
Full Scale ( V)
* μ
Positive
Full Scale
Negative
Full Scale
10
–10
110
17
5
65
1
64
3,066
5
–5
117
8
5
65
1
64
1,526
*Absolute Accuracy at full scale numbers is valid immediately following internal calibration and assumes the device is operating within 10 °C of the last external calibration.
Accuracies listed are valid for up to two years from the device external calibration.
AbsoluteAccuracy = OutputValue · (GainError) + Range · (OffsetError)
GainError = ResidualGainError + GainTempco · (TempChangeFromLastInternalCal) + ReferenceTempco · (TempChangeFromLastExternalCal)
OffsetError = ResidualOffsetError + AOOffsetTempco · (TempChangeFromLastInternalCal) + INL_Error
Digital I/O/PFI
Static Characteristics
Number of channels
NI 6356
24 total, 8 (P0.<0..7>), 16 (PFI <0..7>/P1, PFI <8..15>/P2)
NI 6358
48 total, 32 (P0.<0..31>), 16 (PFI <0..7>/P1, PFI <8..15>/P2)
Ground reference
D GND
Direction control
Each terminal individually programmable as input or output
Pull-down resistor
50 kΩ typ, 20 kΩ min
Input voltage protection 2
±20 V on up to two pins
Waveform Characteristics (Port 0 Only)
Terminals used
NI 6356
Port 0 (P0.<0..7>)
NI 6358
Port 0 (P0.<0..31>)
Port/sample size
NI 6356
Up to 8 bits


Similar Part No. - NIPXIE-6356

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
NIPXIE-6358 NI-NIPXIE-6358 Datasheet
1Mb / 18P
   NI X Series Multifunction Data Acquisition
More results

Similar Description - NIPXIE-6356

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
NIUSB-6343 NI-NIUSB-6343 Datasheet
1Mb / 18P
   NI X Series Multifunction Data Acquisition
NIUSB-6351 NI-NIUSB-6351 Datasheet
655Kb / 19P
   NI X Series Multifunction Data Acquisition
NIUSB-6353 NI-NIUSB-6353 Datasheet
655Kb / 19P
   NI X Series Multifunction Data Acquisition
NIPXIE-6363 NI-NIPXIE-6363 Datasheet
1Mb / 20P
   NI X Series Multifunction Data Acquisition
NIPCIE-6361 NI-NIPCIE-6361 Datasheet
1Mb / 20P
   NI X Series Multifunction Data Acquisition
NIPCIE-6320 NI-NIPCIE-6320 Datasheet
516Kb / 15P
   NI X Series Multifunction Data Acquisition
NIPXIE-6358 NI-NIPXIE-6358 Datasheet
1Mb / 18P
   NI X Series Multifunction Data Acquisition
NIUSB-6361 NI-NIUSB-6361 Datasheet
1Mb / 20P
   NI X Series Multifunction Data Acquisition
NIUSB-6363 NI-NIUSB-6363 Datasheet
1Mb / 20P
   NI X Series Multifunction Data Acquisition
NIUSB-6366 NI-NIUSB-6366 Datasheet
1Mb / 18P
   NI X Series Multifunction Data Acquisition
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com