Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NIPXIE-5185 Datasheet(PDF) 7 Page - National Instruments Corporation

Part # NIPXIE-5185
Description  5GHz (NI PXIe-5186) and 3 GHz (NI PXIe-5185) analog bandwidths
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

NIPXIE-5185 Datasheet(HTML) 7 Page - National Instruments Corporation

Back Button NIPXIE-5185 Datasheet HTML 3Page - National Instruments Corporation NIPXIE-5185 Datasheet HTML 4Page - National Instruments Corporation NIPXIE-5185 Datasheet HTML 5Page - National Instruments Corporation NIPXIE-5185 Datasheet HTML 6Page - National Instruments Corporation NIPXIE-5185 Datasheet HTML 7Page - National Instruments Corporation NIPXIE-5185 Datasheet HTML 8Page - National Instruments Corporation NIPXIE-5185 Datasheet HTML 9Page - National Instruments Corporation NIPXIE-5185 Datasheet HTML 10Page - National Instruments Corporation NIPXIE-5185 Datasheet HTML 11Page - National Instruments Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
7/15
www.ni.com
Self-calibration is completed after warm-up period, or when switching from an external sample and/or reference clock to the onboard clock
Calibration cycle is maintained
Chassis fan speed is set to high
NI-SCOPE 3.8 or later instrument driver is used
External calibration is performed at 23 ±3 °C
Characteristic specifications are unwarranted values that are representative of an average unit operating at room temperature.
Typical specifications are unwarranted values that are representative of a majority (90%) of units within certain operating conditions and include the effects of temperature and
uncertainty unless otherwise noted.
Specifications are subject to change without notice. For the most recent NI 5185/5186 specifications, visit
.
ni.com/manuals
To access the NI 5185/5186 documentation, including the
, go to
NI High-Speed Digitizers Getting Started Guide
Start»All Programs»National
.
Instruments»NI-SCOPE»Documentation
Hot Surface If the NI 5185/5186 has been in use, it may exceed safe handling temperatures and cause burns. Allow the NI 5185/5186 to cool before removing it from
the chassis. Refer to the
section for operating temperatures of this device.
Environment
Caution Refer to the
document for important safety and electromagnetic compatibility information. To obtain a
Read Me First: Safety and Electromagnetic Compatibility
copy of this document online, visit
, and search for the document title.
ni.com/manuals
Caution To ensure the specified EMC performance, operate this product only with double-shielded cables (for example, RG-223/U) and accessories.
Vertical
Analog Input (Channel 0 and Channel 1)
Specification
Value
Comments
Number of Channels
Two (simultaneously sampled)
Input Type
Reference Single-Ended
Connectors
SMA
Impedance and Coupling
Input Impedance, Typical
50 Ω ±1.5%
Input Coupling
DC
Voltage Standing Wave Ratio (VSWR),
Characteristic
DC ≤ f ≤ 1 GHz
1.25:1
1 GHz < f ≤ 5 GHz
1.8:1
VSWR and Input Return Loss
Voltage Levels
Full Scale (FS) Input Range and
Programmable Vertical Offset
Range (V )
pp
Vertical Offset
Range (V)
The NI 5185/5186 can accurately measure signals up to 1 V
with ±0.25 V offset.
pp
0.11 V
to 1 V
in >
pp
pp
0.3 mV steps
±0.25
Maximum Input Overload, Characteristic
|Peaks| ≤ 1 V
Signals exceeding the Maximum Input Overload may cause damage to the device.
Accuracy
Resolution
8 bits
DC Accuracy (Programmable Vertical
Offset = 0 Volts), Warranted
±(2% of Input + 0.35% of FS + 0.7 mV)
Within ±3 ºC of self-calibration temperature.
Programmable Vertical Offset Accuracy,
Warranted
±1.2% of Offset Setting
DC Drift, Characteristic
±(0.23% of Input + 0.03% of FS) per ºC
Use DC Drift to calculate errors when temperature changes more than ±3 °C since the
last self-calibration.
Programmable Vertical Offset Drift,
Characteristic
±0.02% of Offset Setting per ºC
Use Programmable Vertical Offset Drift to calculate errors when temperature changes
more than ±3 °C since the last self-calibration.
AC Amplitude Accuracy, Warranted
±0.35 dB at 50 kHz
Within ±3 ºC of self-calibration temperature.
AC Amplitude Drift, Characteristic
±0.014 dB per ºC at 50 kHz
Use AC Amplitude Drift to calculate errors when temperature changes more than ±3 °C
since the last self-calibration.
Crosstalk, Characteristic
CH 0 to/from CH 1
Measured on one channel with test signal applied to other channel. Same range
settings used on both channels.


Similar Part No. - NIPXIE-5185

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
NIPXIE-5122 NI-NIPXIE-5122 Datasheet
442Kb / 5P
   100 MHz, 100 MS/s, 14-Bit Digitizer
NIPXIE-5162 NI-NIPXIE-5162 Datasheet
3Mb / 24P
   1.5 GHz analog Sampling rates of 5 GS/s
More results

Similar Description - NIPXIE-5185

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
M9048A KEYSIGHT-M9048A Datasheet
2Mb / 16P
   Interface Modules and Adapters for PXIe
M924XA KEYSIGHT-M924XA Datasheet
3Mb / 21P
   InfiniiVision PXIe Modular Oscilloscopes
M9362AD01 KEYSIGHT-M9362AD01 Datasheet
626Kb / 8P
   PXIe Quad Downconverter
M9010A KEYSIGHT-M9010A Datasheet
2Mb / 13P
   M9010A PXIe Chassis
M9300A KEYSIGHT-M9300A Datasheet
1Mb / 10P
   M9300A PXIe Frequency Reference
M9380A KEYSIGHT-M9380A_18 Datasheet
2Mb / 17P
   M9380A PXIe CW Source
M9380A KEYSIGHT-M9380A Datasheet
3Mb / 17P
   M9380A PXIe CW Source
M9381A KEYSIGHT-M9381A Datasheet
2Mb / 29P
   PXIe Vector Signal Generator
M9203A KEYSIGHT-M9203A_18 Datasheet
2Mb / 14P
   PXIe High-Speed Digitizer
M9018B KEYSIGHT-M9018B Datasheet
2Mb / 14P
   18-slot PXIe Chassis
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com