Electronic Components Datasheet Search |
|
LADLD20L-SH2-T Datasheet(PDF) 7 Page - Unisonic Technologies |
|
LADLD20L-SH2-T Datasheet(HTML) 7 Page - Unisonic Technologies |
7 / 7 page LXXLD20 Preliminary CMOS IC UNISONICTECHNOLOGIESCO.,LTD 7 of 7 www.unisonic.com.tw QW-4502-701.b APPLICATION INFORMATION 1. Power Sequencing When there’s no main voltage applied at VIN, it is suggested not to apply a voltage to VOUT for a long time. Because the internal parasitic diode (between VOUT to VIN) will conduct and dissipate power, there’s no protection. 2. Output Capacitor A proper output capacitor to maintain stability and improve transient response over temperature and current is necessary. Proper ESR (equivalent series resistance) and capacitance of the output capacitor should be selected properly for stability of the normal operation and good load transient response. Many kinds of capacitors can be used as an output capacitor, such as ultra-low-ESR capacitors (like ceramic chip capacitors), low-ESR bulk capacitors (like solid Tantalum, POSCap, and Aluminum electrolytic capacitors). And also the value of the output capacitors’ can be increased without limit. In the applications with large stepping load current, the low-ESR bulk capacitors are normally recommended. Decoupling ceramic capacitors are recommended to be placed at the load and ground pins very closely and also the impedance of the layout must be minimized. 3. Input Capacitor In order to prevent the input rail from dropping, the proper input capacitor to supply current surge during stepping load transients is required. Because the limited slew rate of the surge currents, more parasitic inductance needs more input capacitance. Ultra-low-ESR capacitors (>100mF, ESR<300mW) is recommended for the input capacitor. 4. Feedback Network The following figure shows the feedback network between VOUT GND and FB pins. Working with the internal error amplifier, the feedback network can provide proper frequency response for the UTC LXXLD20. R1 R2 ESR VOUT FB C1 VOUT VFB VERR VREF EAMP COUT UTC assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all UTC products described or contained herein. UTC products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. |
Similar Part No. - LADLD20L-SH2-T |
|
Similar Description - LADLD20L-SH2-T |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |