Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NIPCIE-6353 Datasheet(PDF) 11 Page - National Instruments Corporation

Part # NIPCIE-6353
Description  NI X Series Multifunction Data Acquisition
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

NIPCIE-6353 Datasheet(HTML) 11 Page - National Instruments Corporation

Back Button NIPCIE-6353 Datasheet HTML 7Page - National Instruments Corporation NIPCIE-6353 Datasheet HTML 8Page - National Instruments Corporation NIPCIE-6353 Datasheet HTML 9Page - National Instruments Corporation NIPCIE-6353 Datasheet HTML 10Page - National Instruments Corporation NIPCIE-6353 Datasheet HTML 11Page - National Instruments Corporation NIPCIE-6353 Datasheet HTML 12Page - National Instruments Corporation NIPCIE-6353 Datasheet HTML 13Page - National Instruments Corporation NIPCIE-6353 Datasheet HTML 14Page - National Instruments Corporation NIPCIE-6353 Datasheet HTML 15Page - National Instruments Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
11/19
www.ni.com
General-Purpose Counter/Timers
Number of counter/timers
4
Resolution
32 bits
Counter measurements
Edge counting, pulse, pulse width, semi-period, period, two-edge separation
Position measurements
X1, X2, X4 quadrature encoding with Channel Z reloading;
two-pulse encoding
Output applications
Pulse, pulse train with dynamic updates, frequency division, equivalent time
sampling
Internal base clocks
100 MHz, 20 MHz, 100 kHz
External base clock frequency
0 MHz to 25 MHz
Base clock accuracy
50 ppm
Inputs
Gate, Source, HW_Arm, Aux, A, B, Z, Up_Down, Sample Clock
Routing options for inputs
NI PCIe-6351/6353
Any PFI, RTSI, analog trigger, many internal signals
NI USB-6351/6353
Any PFI, analog trigger, many internal signals
FIFO
127 samples per counter
Data transfers
NI PCIe-6351/6353
Dedicated scatter-gather DMA controller for each counter/timer,
programmed I/O
NI USB-6351/6353
USB Signal Stream, programmed I/O
Frequency Generator
Number of channels
1
Base clocks
20 MHz, 10 MHz, 100 kHz
Divisors
1 to 16
Base clock accuracy
50 ppm
Output can be available on any PFI or RTSI terminal.
Phase-Locked Loop (PLL)
Number of PLLs
1
Reference clock locking frequencies
Reference Signal Locking Input Frequency (MHz)
PCIe
USB
RTSI <0..7>
10, 20
PFI <0..15>
10, 20
10
Output of PLL
100 MHz Timebase; other signals derived from 100 MHz Timebase
including 20 MHz and 100 kHz Timebases


Similar Part No. - NIPCIE-6353

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
NIPCIE-6351 NI-NIPCIE-6351 Datasheet
655Kb / 19P
   NI X Series Multifunction Data Acquisition
More results

Similar Description - NIPCIE-6353

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
NIUSB-6343 NI-NIUSB-6343 Datasheet
1Mb / 18P
   NI X Series Multifunction Data Acquisition
NIUSB-6351 NI-NIUSB-6351 Datasheet
655Kb / 19P
   NI X Series Multifunction Data Acquisition
NIUSB-6353 NI-NIUSB-6353 Datasheet
655Kb / 19P
   NI X Series Multifunction Data Acquisition
NIPXIE-6363 NI-NIPXIE-6363 Datasheet
1Mb / 20P
   NI X Series Multifunction Data Acquisition
NIPCIE-6361 NI-NIPCIE-6361 Datasheet
1Mb / 20P
   NI X Series Multifunction Data Acquisition
NIPCIE-6320 NI-NIPCIE-6320 Datasheet
516Kb / 15P
   NI X Series Multifunction Data Acquisition
NIPXIE-6358 NI-NIPXIE-6358 Datasheet
1Mb / 18P
   NI X Series Multifunction Data Acquisition
NIUSB-6361 NI-NIUSB-6361 Datasheet
1Mb / 20P
   NI X Series Multifunction Data Acquisition
NIUSB-6363 NI-NIUSB-6363 Datasheet
1Mb / 20P
   NI X Series Multifunction Data Acquisition
NIUSB-6366 NI-NIUSB-6366 Datasheet
1Mb / 18P
   NI X Series Multifunction Data Acquisition
NIPXIE-6356 NI-NIPXIE-6356 Datasheet
1Mb / 18P
   NI X Series Multifunction Data Acquisition
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com