Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NIPCIE6351 Datasheet(PDF) 11 Page - National Instruments Corporation

Part # NIPCIE6351
Description  NI X Series Multifunction Data Acquisition
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

NIPCIE6351 Datasheet(HTML) 11 Page - National Instruments Corporation

Back Button NIPCIE6351 Datasheet HTML 7Page - National Instruments Corporation NIPCIE6351 Datasheet HTML 8Page - National Instruments Corporation NIPCIE6351 Datasheet HTML 9Page - National Instruments Corporation NIPCIE6351 Datasheet HTML 10Page - National Instruments Corporation NIPCIE6351 Datasheet HTML 11Page - National Instruments Corporation NIPCIE6351 Datasheet HTML 12Page - National Instruments Corporation NIPCIE6351 Datasheet HTML 13Page - National Instruments Corporation NIPCIE6351 Datasheet HTML 14Page - National Instruments Corporation NIPCIE6351 Datasheet HTML 15Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
11/15
www.ni.com
+12 V
8.6 W
With disk drive power connector installed
+3.3 V
1.4 W
+12 V
3 W
+5 V
15 W
Current Limits
Caution Exceeding the current limits may cause unpredictable behavior by the device and/or PC.
Without disk drive power connector installed
P0/PFI/P1/P2 and +5 V terminals combined
1 A max
With disk drive power connector installed
+5 V terminal (connector 0)
1 A max 3
+5 V terminal (connector 1)
1 A max 3
P0/PFI/P1/P2 combined
1 A max
Physical Requirements
Printed circuit board dimensions
9.9 × 16.8 cm (3.9 × 6.6 in.) (half-length)
Weight
NI PCIe-6320/6321
104 g (3.6 oz)
NI PCIe-6323
114 g (4.0 oz)
I/O connector
NI 6320/6321
1 68-pin VHDCI
NI 6323
2 68-pin VHDCI
Mating connectors
68-Pos Right Angle Single Stack PCB-Mount VHDCI (Receptacle), MOLEX 71430-0011
68-Pos Right Angle Dual Stack PCB-Mount VHDCI (Receptacle), MOLEX 74337-0016
68-Pos Offset IDC Cable Connector (Plug) (SHC68-*), MOLEX 71425-3001
Disk drive power connector (NI PCIe-6341/6343)
Standard ATX peripheral connector (not serial ATA)
Maximum Working Voltage 4
Channel to earth
11 V, Measurement Category I
Caution Do
use for measurements within Categories II, III, or IV.
not
Environmental
Operating temperature
0 to 50 °C
Storage temperature
–40 to 70 °C
Humidity
10 to 90% RH, noncondensing
Maximum altitude
2,000 m
Pollution Degree (indoor use only)
2
Safety Standards
This product is designed to meet the requirements of the following standards of safety for electrical equipment for measurement, control, and laboratory use:
IEC 61010-1, EN 61010-1
UL 61010-1, CSA 61010-1
Note For UL and other safety certifications, refer to the product label or the
section.
Online Product Certification


Similar Part No. - NIPCIE6351

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
NIPCIE-1430 NI-NIPCIE-1430 Datasheet
145Kb / 4P
   Dual-Channel Camera Link Image Acquisition
NIPCIE-4065 NI-NIPCIE-4065 Datasheet
427Kb / 6P
   Low-Cost 6 1⁄2-Digit Multimeters
NIPCIE-6323 NI-NIPCIE-6323 Datasheet
516Kb / 15P
   NI X Series Multifunction Data Acquisition
NIPCIE-6341 NI-NIPCIE-6341 Datasheet
1Mb / 18P
   NI X Series Multifunction Data Acquisition
NIPCIE-6343 NI-NIPCIE-6343 Datasheet
1Mb / 18P
   NI X Series Multifunction Data Acquisition
More results

Similar Description - NIPCIE6351

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
NIUSB-6343 NI-NIUSB-6343 Datasheet
1Mb / 18P
   NI X Series Multifunction Data Acquisition
NIUSB-6351 NI-NIUSB-6351 Datasheet
655Kb / 19P
   NI X Series Multifunction Data Acquisition
NIUSB-6353 NI-NIUSB-6353 Datasheet
655Kb / 19P
   NI X Series Multifunction Data Acquisition
NIPXIE-6363 NI-NIPXIE-6363 Datasheet
1Mb / 20P
   NI X Series Multifunction Data Acquisition
NIPCIE-6361 NI-NIPCIE-6361 Datasheet
1Mb / 20P
   NI X Series Multifunction Data Acquisition
NIPXIE-6358 NI-NIPXIE-6358 Datasheet
1Mb / 18P
   NI X Series Multifunction Data Acquisition
NIUSB-6361 NI-NIUSB-6361 Datasheet
1Mb / 20P
   NI X Series Multifunction Data Acquisition
NIUSB-6363 NI-NIUSB-6363 Datasheet
1Mb / 20P
   NI X Series Multifunction Data Acquisition
NIUSB-6366 NI-NIUSB-6366 Datasheet
1Mb / 18P
   NI X Series Multifunction Data Acquisition
NIPXIE-6356 NI-NIPXIE-6356 Datasheet
1Mb / 18P
   NI X Series Multifunction Data Acquisition
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com