Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NIPCIE6323 Datasheet(PDF) 3 Page - National Instruments Corporation

Part # NIPCIE6323
Description  NI X Series Multifunction Data Acquisition
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

NIPCIE6323 Datasheet(HTML) 3 Page - National Instruments Corporation

  NIPCIE6323 Datasheet HTML 1Page - National Instruments Corporation NIPCIE6323 Datasheet HTML 2Page - National Instruments Corporation NIPCIE6323 Datasheet HTML 3Page - National Instruments Corporation NIPCIE6323 Datasheet HTML 4Page - National Instruments Corporation NIPCIE6323 Datasheet HTML 5Page - National Instruments Corporation NIPCIE6323 Datasheet HTML 6Page - National Instruments Corporation NIPCIE6323 Datasheet HTML 7Page - National Instruments Corporation NIPCIE6323 Datasheet HTML 8Page - National Instruments Corporation NIPCIE6323 Datasheet HTML 9Page - National Instruments Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3/15
www.ni.com
Back to Top
Back to Top
Whether you are validating a new hardware design, monitoring conditions on a factory floor, or recording temperature changes during a scientific experiment, you need to take
measurements, visualize your data, and often log it to disk. With X Series multifunction DAQ, you can develop a user-defined measurement system by using intuitive graphical
programming software and incorporating the exact visualization, analysis, and data-logging capabilities your application requires.
Control Systems
If you need to control the temperature of a room, the speed of a motor, or the pressure of hydraulic fluids, you can use X Series DAQ hardware to connect sensors and actuators
to your computer and build the control system that meets your exact application needs. The low-latency PCI Express bus improves single-point I/O performance, and with
LabVIEW software and NI-DAQmx driver software, you can easily take sensor measurements, compare values to a setpoint, and update output signals. X Series devices also
have four counter/timers for performing quadrature encoder measurements, pulse-width modulation, pulse train generation, frequency measurements, and much more, making
them ideal for basic motor control.
Due to the inherent higher latency of USB as compared to PCI Express, National Instruments recommends that you use PCI Express or PXI Express X Series devices for
applications that require single-point control or deterministic operation.
Test Automation
X Series DAQ hardware provides analog inputs, analog outputs, hardware-timed digital I/O, and four counter/timers on a single device, making it a cost-effective option for basic
device under test characterization and test automation. With NI-DAQmx software, you can easily synchronize acquisition or generation on multiple subsystems, such as an analog
input and analog output channel. In addition, you can easily synchronize two or more X Series devices for further expansion by using a RTSI cable for PCI Express devices or
over the PXI Express backplane for PXI Express modules. It is possible to synchronize two or more USB X Series devices by exporting sample or reference clocks from the
master device to the slave device, and using external wiring.
Compatible Accessories
PCI Express and PXI Express X Series devices use either a single or dual-stack 68-pin VHDCI female connector, depending on the number of analog and digital channels on the
device. National Instruments offers several options for cables, from 0.5 to 10 m and from low-cost to high-performance with shielding. Connector blocks are available with screw
terminal, BNC, or custom connector types.
For measurements requiring signal conditioning, you can use X Series with SCXI signal conditioning modules.
You can purchase DIN-rail or panel mount kits for USB X Series devices as well as replacement power supplies and latching USB cables. See the model page for ordering
information.
Upgrading
Because X Series DAQ devices use the same NI-DAQmx driver software as NI M Series DAQ devices, upgrading is easy. In addition, PCI Express and PXI Express X Series
devices use the same VHDCI connector as PCI and PXI M Series. You can reuse your code and preserve your investment in accessories. The pinouts for X Series devices are
backward-compatible with M Series devices.
Ordering Information
For a complete list of accessories, visit the product page on ni.com.
Products
Part Number
Recommended Accessories
Part Number
NI PCIe-6320
NI PCIe-6320
Requires: 1 Cables , 1 Connector Blocks ;
781043-01
Cables: Shielded - SHC68-68-EPM Cable (2m)
**Also Available: [Unshielded]
192061-02
Connector Blocks: Spring-Screw_Terminals - SCB-68A
**Also Available: [BNC_Terminals]
782536-01
NI PCIe-6321
NI PCIe-6321
Requires: 1 Cables , 1 Connector Blocks ;
781044-01
Cables: Shielded - SHC68-68-EPM Cable (2m)
**Also Available: [Unshielded]
192061-02
Connector Blocks: Spring-Screw_Terminals - SCB-68A
**Also Available: [BNC_Terminals]
782536-01
NI PCIe-6323
NI PCIe-6323
Requires: 2 Cables , 2 Connector Blocks ;
781045-01
Connector 0:
Cables: Shielded - SHC68-68-EPM Cable (2m)
**Also Available: [Unshielded]
192061-02
Connector Blocks: Spring-Screw_Terminals - SCB-68A
**Also Available: [BNC_Terminals]
782536-01
Connector 1:
Cables: Shielded - SHC68-68-EPM Cable (2m)
**Also Available: [Unshielded]
192061-02
Connector Blocks: Spring-Screw_Terminals - SCB-68A
**Also Available: [BNC_Terminals]
782536-01
Software Recommendations


Similar Part No. - NIPCIE6323

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
NIPCIE-1430 NI-NIPCIE-1430 Datasheet
145Kb / 4P
   Dual-Channel Camera Link Image Acquisition
NIPCIE-4065 NI-NIPCIE-4065 Datasheet
427Kb / 6P
   Low-Cost 6 1⁄2-Digit Multimeters
NIPCIE-6323 NI-NIPCIE-6323 Datasheet
516Kb / 15P
   NI X Series Multifunction Data Acquisition
NIPCIE-6341 NI-NIPCIE-6341 Datasheet
1Mb / 18P
   NI X Series Multifunction Data Acquisition
NIPCIE-6343 NI-NIPCIE-6343 Datasheet
1Mb / 18P
   NI X Series Multifunction Data Acquisition
More results

Similar Description - NIPCIE6323

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
NIUSB-6343 NI-NIUSB-6343 Datasheet
1Mb / 18P
   NI X Series Multifunction Data Acquisition
NIUSB-6351 NI-NIUSB-6351 Datasheet
655Kb / 19P
   NI X Series Multifunction Data Acquisition
NIUSB-6353 NI-NIUSB-6353 Datasheet
655Kb / 19P
   NI X Series Multifunction Data Acquisition
NIPXIE-6363 NI-NIPXIE-6363 Datasheet
1Mb / 20P
   NI X Series Multifunction Data Acquisition
NIPCIE-6361 NI-NIPCIE-6361 Datasheet
1Mb / 20P
   NI X Series Multifunction Data Acquisition
NIPXIE-6358 NI-NIPXIE-6358 Datasheet
1Mb / 18P
   NI X Series Multifunction Data Acquisition
NIUSB-6361 NI-NIUSB-6361 Datasheet
1Mb / 20P
   NI X Series Multifunction Data Acquisition
NIUSB-6363 NI-NIUSB-6363 Datasheet
1Mb / 20P
   NI X Series Multifunction Data Acquisition
NIUSB-6366 NI-NIUSB-6366 Datasheet
1Mb / 18P
   NI X Series Multifunction Data Acquisition
NIPXIE-6356 NI-NIPXIE-6356 Datasheet
1Mb / 18P
   NI X Series Multifunction Data Acquisition
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com