Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NIPCIE-6323 Datasheet(PDF) 11 Page - National Instruments Corporation

Part No. NIPCIE-6323
Description  NI X Series Multifunction Data Acquisition
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NI [National Instruments Corporation]
Homepage  http://www.NI.com
Logo 

NIPCIE-6323 Datasheet(HTML) 11 Page - National Instruments Corporation

 
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
11/15
www.ni.com
+12 V
8.6 W
With disk drive power connector installed
+3.3 V
1.4 W
+12 V
3 W
+5 V
15 W
Current Limits
Caution Exceeding the current limits may cause unpredictable behavior by the device and/or PC.
Without disk drive power connector installed
P0/PFI/P1/P2 and +5 V terminals combined
1 A max
With disk drive power connector installed
+5 V terminal (connector 0)
1 A max 3
+5 V terminal (connector 1)
1 A max 3
P0/PFI/P1/P2 combined
1 A max
Physical Requirements
Printed circuit board dimensions
9.9 × 16.8 cm (3.9 × 6.6 in.) (half-length)
Weight
NI PCIe-6320/6321
104 g (3.6 oz)
NI PCIe-6323
114 g (4.0 oz)
I/O connector
NI 6320/6321
1 68-pin VHDCI
NI 6323
2 68-pin VHDCI
Mating connectors
68-Pos Right Angle Single Stack PCB-Mount VHDCI (Receptacle), MOLEX 71430-0011
68-Pos Right Angle Dual Stack PCB-Mount VHDCI (Receptacle), MOLEX 74337-0016
68-Pos Offset IDC Cable Connector (Plug) (SHC68-*), MOLEX 71425-3001
Disk drive power connector (NI PCIe-6341/6343)
Standard ATX peripheral connector (not serial ATA)
Maximum Working Voltage 4
Channel to earth
11 V, Measurement Category I
Caution Do
use for measurements within Categories II, III, or IV.
not
Environmental
Operating temperature
0 to 50 °C
Storage temperature
–40 to 70 °C
Humidity
10 to 90% RH, noncondensing
Maximum altitude
2,000 m
Pollution Degree (indoor use only)
2
Safety Standards
This product is designed to meet the requirements of the following standards of safety for electrical equipment for measurement, control, and laboratory use:
IEC 61010-1, EN 61010-1
UL 61010-1, CSA 61010-1
Note For UL and other safety certifications, refer to the product label or the
section.
Online Product Certification


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn