Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NIPCIE-6323 Datasheet(PDF) 10 Page - National Instruments Corporation

Part No. NIPCIE-6323
Description  NI X Series Multifunction Data Acquisition
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NI [National Instruments Corporation]
Homepage  http://www.NI.com
Logo 

NIPCIE-6323 Datasheet(HTML) 10 Page - National Instruments Corporation

Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
10/15
www.ni.com
External base clock frequency
0 MHz to 25 MHz
Base clock accuracy
50 ppm
Inputs
Gate, Source, HW_Arm, Aux, A, B, Z, Up_Down, Sample Clock
Routing options for inputs
Any PFI, RTSI, many internal signals
FIFO
127 samples per counter
Data transfers
Dedicated scatter-gather DMA controller for each counter/timer,
programmed I/O
Frequency Generator
Number of channels
1
Base clocks
20 MHz, 10 MHz, 100 kHz
Divisors
1 to 16
Base clock accuracy
50 ppm
Output can be available on any PFI or RTSI terminal.
Phase-Locked Loop (PLL)
Number of PLLs
1
Reference clock locking frequencies
Reference Signal Locking Input Frequency (MHz)
RTSI <0..7>
10, 20
PFI <0..15>
10, 20
Output of PLL
100 MHz Timebase; other signals derived from 100 MHz Timebase
including 20 MHz and 100 kHz Timebases
External Digital Triggers
Source
Any PFI, RTSI
Polarity
Software-selectable for most signals
Analog input function
Start Trigger, Reference Trigger, Pause Trigger, Sample Clock, Convert
Clock, Sample Clock Timebase
Analog output function
Start Trigger, Pause Trigger, Sample Clock, Sample Clock Timebase
Counter/timer functions
Gate, Source, HW_Arm, Aux, A, B, Z, Up_Down, Sample Clock
Digital waveform generation (DO) function
Start Trigger, Pause Trigger, Sample Clock, Sample Clock Timebase
Digital waveform acquisition (DI) function
Start Trigger, Reference Trigger, Pause Trigger, Sample Clock, Sample
Clock Timebase
Device-To-Device Trigger Bus
Input Source
RTSI <0..7>
Output Destination
RTSI <0..7>
Output selections
10 MHz Clock, frequency generator output, many internal signals
Debounce filter settings
90 ns, 5.12 μs, 2.56 ms, custom interval, disable; programmable high and
low transitions; selectable per input
Bus Interface
Form factor
x1 PCI Express, specification v1.1 compliant
Slot compatibility
x1, x4, x8, and x16 PCI Express slots 2
DMA channels
8, analog input, analog output, digital input, digital output, counter/timer 0,
counter/timer 1, counter/timer 2, counter/timer 3
Power Requirements
Without disk drive power connector installed
+3.3 V
1.4 W


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn