Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NIPCIE-6323 Datasheet(PDF) 9 Page - National Instruments Corporation

Part No. NIPCIE-6323
Description  NI X Series Multifunction Data Acquisition
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NI [National Instruments Corporation]
Homepage  http://www.NI.com
Logo 

NIPCIE-6323 Datasheet(HTML) 9 Page - National Instruments Corporation

Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
9/15
www.ni.com
Level
Min
Max
Output low current (I
)
OL
P0.<0..31>
PFI <0..15>/P1/P2
24 mA
16 mA
Electrical Characteristics
Level
Min
Max
Positive-going threshold (VT+)
Negative-going threshold (VT–)
0.8 V
2.2 V
Delta VT hysteresis (VT+ – VT–) 0.2 V —
I
input low current (V
= 0 V)
IL
in
I
input high current (V
= 5 V)
IH
in
–10 μA
250 μA
Digital I/O Characteristics
General-Purpose Counter/Timers
Number of counter/timers
4
Resolution
32 bits
Counter measurements
Edge counting, pulse, pulse width, semi-period, period, two-edge separation
Position measurements
X1, X2, X4 quadrature encoding with Channel Z reloading; two-pulse
encoding
Output applications
Pulse, pulse train with dynamic updates, frequency division, equivalent time
sampling
Internal base clocks
100 MHz, 20 MHz, 100 kHz


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn