Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NIPCIE-6323 Datasheet(PDF) 8 Page - National Instruments Corporation

Part No. NIPCIE-6323
Description  NI X Series Multifunction Data Acquisition
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NI [National Instruments Corporation]
Homepage  http://www.NI.com
Logo 

NIPCIE-6323 Datasheet(HTML) 8 Page - National Instruments Corporation

Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
8/15
www.ni.com
Nominal Range
Residual Gain Error
(ppm of Reading)
Gain
Tempco
(ppm/°C)
Reference
Tempco
(ppm/°C)
Residual Offset Error
(ppm of Range)
Offset Tempco
(ppm of Range/°C)
INL Error
(ppm of
Range)
Absolute Accuracy at
Full Scale (μV)
1
Positive
Full Scale
Negative
Full Scale
10
–10
80
11.3
5
53
4.8
128
3,271
Absolute Accuracy Formulas
1Absolute Accuracy at full scale numbers is valid immediately following internal calibration and assumes the device is operating within 10 °C of the last external calibration.
AbsoluteAccuracy = OutputValue · (GainError) + Range · (OffsetError)
GainError = ResidualGainError + GainTempco · (TempChangeFromLastInternalCal) + ReferenceTempco · (TempChangeFromLastExternalCal)
OffsetError = ResidualOffsetError + OffsetTempco · (TempChangeFromLastInternalCal) + INL_Error
Accuracies listed are valid for up to one year from the device external calibration.
Digital I/O/PFI
Static Characteristics
Number of channels
NI 6320/6321
24 total, 8 (P0.<0..7>) 16 (PFI <0..7>/P1, PFI <8..15>/P2)
NI 6323
48 total, 32 (P0.<0..31>) 16 (PFI <0..7>/P1, PFI <8..15>/P2)
Ground reference
D GND
Direction control
Each terminal individually programmable as input or output
Pull-down resistor
50 kΩ typical, 20 kΩ minimum
Input voltage protection 1
±20 V on up to two pins
Waveform Characteristics (Port 0 Only)
Terminals used
NI 6320/6321
Port 0 (P0.<0..7>)
NI 6323
Port 0 (P0.<0..31>)
Port/sample size
NI 6320/6321
Up to 8 bits
NI 6323
Up to 32 bits
Waveform generation (DO) FIFO
2,047 samples
Waveform acquisition (DI) FIFO
255 samples
DO or DI Sample Clock frequency
0 to 1 MHz, system and bus activity dependent
Data transfers
DMA (scatter-gather), programmed I/O
Digital line filter settings
160 ns, 10.24 μs, 5.12 ms, disable
PFI/Port 1/Port 2 Functionality
Functionality
Static digital input, static digital output, timing input, timing output
Timing output sources
Many AI, AO, counter, DI, DO timing signals
Debounce filter settings
90 ns, 5.12 μs, 2.56 ms, custom interval, disable; programmable high and
low transitions; selectable per input
Recommended Operation Conditions
Level
Min
Max
Input high voltage (V )
IH
Input low voltage (V )
IL
2.2 V
0 V
5.25 V
0.8 V
Output high current (I
)
OH
P0.<0..31>
PFI <0..15>/P1/P2
–24 mA
–16 mA


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn