Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NIPCIE-6323 Datasheet(PDF) 6 Page - National Instruments Corporation

Part No. NIPCIE-6323
Description  NI X Series Multifunction Data Acquisition
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NI [National Instruments Corporation]
Homepage  http://www.NI.com
Logo 

NIPCIE-6323 Datasheet(HTML) 6 Page - National Instruments Corporation

Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
6/15
www.ni.com
Input FIFO size
4,095 samples
Scan list memory
4,095 entries
Data transfers
DMA (scatter-gather), programmed I/O
Overvoltage protection (AI <0..31>, AI SENSE, AI SENSE 2)
Device on
±25 V for up to two AI pins
Device off
±15 V for up to two AI pins
Input current during overvoltage condition
±20 mA max/AI pin
Settling Time for Multichannel Measurements
Accuracy, full scale step, all ranges
±90 ppm of step (±6 LSB)
4 μs convert interval
±30 ppm of step (±2 LSB)
5 μs convert interval
±15 ppm of step (±1 LSB)
7 μs convert interval
Analog triggers
None
Typical Performance Graphs
Analog Output
Number of channels
NI 6320
0
NI 6321
2
NI 6323
4
DAC resolution
16 bits
DNL
±1 LSB
Monotonicity
16 bit guaranteed
Maximum update rate
1 channel
900 kS/s
2 channels
840 kS/s per channel
3 channels
775 kS/s per channel
4 channels
719 kS/s per channel
Timing accuracy
50 ppm of sample rate
Timing resolution
10 ns
Output range
±10 V
Output coupling
DC
Output impedance
0.2 Ω
Output current drive
±5 mA


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn