Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NIPCIE-6323 Datasheet(PDF) 5 Page - National Instruments Corporation

Part No. NIPCIE-6323
Description  NI X Series Multifunction Data Acquisition
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NI [National Instruments Corporation]
Homepage  http://www.NI.com
Logo 

NIPCIE-6323 Datasheet(HTML) 5 Page - National Instruments Corporation

 
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5/15
www.ni.com
Back to Top
Visit ni.com/training for more information.
Extended Warranty
NI offers options for extending the standard product warranty to meet the life-cycle requirements of your project. In addition, because NI understands that your requirements may
change, the extended warranty is flexible in length and easily renewed. For more information, visit ni.com/warranty.
OEM
NI offers design-in consulting and product integration assistance if you need NI products for OEM applications. For information about special pricing and services for OEM
customers, visit ni.com/oem.
Alliance
Our Professional Services Team is comprised of NI applications engineers, NI Consulting Services, and a worldwide National Instruments Alliance Partner program of more than
700 independent consultants and integrators. Services range from start-up assistance to turnkey system integration. Visit ni.com/alliance.
Detailed Specifications
Specifications listed below are typical at 25 °C unless otherwise noted. Refer to the
for more information about NI PCIe-6320/6321/6323 devices.
X Series User Manual
Analog Input
Number of channels
NI 6320/6321
8 differential or 16 single ended
NI 6323
16 differential or 32 single ended
ADC resolution
16 bits
DNL
No missing codes guaranteed
INL
Refer to the AI Absolute Accuracy Table
Sampling rate
Maximum
250 kS/s single channel, 250 kS/s multi-channel (aggregate)
Minimum
No minimum
Timing accuracy
50 ppm of sample rate
Timing resolution
10 ns
Input coupling
DC
Input range
±10 V, ±5 V, ±1 V, ±0.2 V
Maximum working voltage for analog inputs (signal + common mode)
±11 V of AI GND
CMRR (DC to 60 Hz)
100 dB
Input impedance
Device on
AI+ to AI GND
>10 GΩ in parallel with 100 pF
AI– to AI GND
>10 GΩ in parallel with 100 pF
Device off
AI+ to AI GND
1200 Ω
AI– to AI GND
1200 Ω
Input bias current
±100 pA
Crosstalk (at 100 kHz)
Adjacent channels
–75 dB
Non-adjacent channels
–90 dB
Small signal bandwidth (–3 dB)
700 kHz


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn