Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NI9236 Datasheet(PDF) 7 Page - National Instruments Corporation

Part # NI9236
Description  High-Speed Bridge Module for Load/Pressure/Strain/Torque Measurements
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

NI9236 Datasheet(HTML) 7 Page - National Instruments Corporation

  NI9236 Datasheet HTML 1Page - National Instruments Corporation NI9236 Datasheet HTML 2Page - National Instruments Corporation NI9236 Datasheet HTML 3Page - National Instruments Corporation NI9236 Datasheet HTML 4Page - National Instruments Corporation NI9236 Datasheet HTML 5Page - National Instruments Corporation NI9236 Datasheet HTML 6Page - National Instruments Corporation NI9236 Datasheet HTML 7Page - National Instruments Corporation NI9236 Datasheet HTML 8Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7/8
www.ni.com
Back to Top
CE Compliance
This product meets the essential requirements of applicable European Directives, as amended for CE marking, as follows:
2006/95/EC; Low-Voltage Directive (safety)
2004/108/EC; Electromagnetic Compatibility Directive (EMC)
Note For the standards applied to assess the EMC of this product, refer to the
section.
Online Product Certification
Online Product Certification
Refer to the product Declaration of Conformity (DoC) for additional regulatory compliance information. To obtain product certifications and the DoC for this product, visit
, search by module number or product line, and click the appropriate link in the Certification column.
ni.com/certification
Shock and Vibration
To meet these specifications, you must panel mount the system.
Operating vibration
Random (IEC 60068-2-64)
5 g
, 10 to 500 Hz
rms
Sinusoidal (IEC 60068-2-6)
5 g, 10 to 500 Hz
Operating shock (IEC 60068-2-27)
30 g, 11 ms half sine, 50 g, 3 ms half sine, 18 shocks at 6 orientations
Environmental
National Instruments C Series modules are intended for indoor use only but may be used outdoors if installed in a suitable enclosure. Refer to the manual for the chassis you are
using for more information about meeting these specifications.
Operating temperature (IEC 60068-2-1, IEC 60068-2-2)
– 40 to 70 °C
Storage temperature (IEC 60068-2-1, IEC 60068-2-2)
– 40 to 85 °C
Ingress protection
IP 40
Operating humidity (IEC 60068-2-56)
10 to 90% RH, noncondensing
Storage humidity (IEC 60068-2-56)
5 to 95% RH, noncondensing
Maximum altitude
2,000 m
Pollution Degree (IEC 60664)
2
Environmental Management
National Instruments is committed to designing and manufacturing products in an environmentally responsible manner. NI recognizes that eliminating certain hazardous
substances from our products is beneficial not only to the environment but also to NI customers.
For additional environmental information, refer to the
Web page at
. This page contains the environmental regulations and directives
NI and the Environment
ni.com/environment
with which NI complies, as well as other environmental information not included in this document.
Waste Electrical and Electronic Equipment (WEEE)
EU Customers At the end of their life cycle, all products
be sent to a WEEE recycling center. For more information about WEEE recycling centers and National
must
Instruments WEEE initiatives, visit
.
ni.com/environment/weee.htm
Calibration
You can obtain the calibration certificate for this device at
.
ni.com/calibration
Calibration interval
1 year
1 The data rate must remain within the appropriate data rate range. Refer to the
section of the
for
Understanding Data Rates
NI 9237 Operating Instructions and Specifications
more information.
2 Before offset null or shunt calibration.
3 Range equals 25 mV/V.
4 Rejection by analog prefilter of signal frequencies at oversample rate.
5 Measured with a balanced cable. Shielded cables that are not twisted-pair may be significantly unbalanced. To improve the balance of shielded, twisted-pair cables, NI
recommends twisting together the AI+/AI– pair, the RS+/RS– pair, and the EX+/EX– pair.
6 MAINS is defined as the (hazardous live) electrical supply system to which equipment is designed to be connected for the purpose of powering the equipment. Suitably rated
measuring circuits may be connected to the MAINS for measuring purposes.


Similar Part No. - NI9236

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
NI9236 NI-NI9236 Datasheet
479Kb / 5P
   8-Channel Strain Gage Modules
NI9236 NI-NI9236 Datasheet
418Kb / 10P
   8-Channel Strain Gage Modules
More results

Similar Description - NI9236

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
USB-9237 NI-USB-9237 Datasheet
967Kb / 4P
   Strain- and Bridge-Based Measurements
logo
G.M. International
D6264 GMI-D6264 Datasheet
148Kb / 2P
   SIL2 Load Cell/Strain Gauge Bridge Converter
D6263 GMI-D6263 Datasheet
137Kb / 2P
   SIL2 Load Cell/Strain Gauge Bridge Repeater
D5264 GMI-D5264 Datasheet
151Kb / 2P
   I.S. SIL2 Load Cell/Strain Gauge Bridge Converter
D5263 GMI-D5263 Datasheet
140Kb / 2P
   I.S. SIL2 Load Cell/Strain Gauge Bridge Repeater
logo
EPCOS
ASB1200V1 EPCOS-ASB1200V1 Datasheet
502Kb / 2P
   Pressure Sensors for Barometric Measurements in Consumer Applications
logo
Analog Devices
3B20 AD-3B20_15 Datasheet
358Kb / 8P
   AC Strain Gage, Torque Transducer Input
REV. 0
3B20 AD-3B20 Datasheet
357Kb / 8P
   AC Strain Gage, Torque Transducer Input
REV. 0
logo
National Instruments Co...
NISCXI-1521 NI-NISCXI-1521 Datasheet
582Kb / 3P
   SCXI Quarter-Bridge Strain Gage Input Module
NISCX-1121B NI-NISCX-1121B Datasheet
582Kb / 3P
   SCXI Quarter-Bridge Strain Gage Input Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com