Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NI9219 Datasheet(PDF) 6 Page - National Instruments Corporation

Part # NI9219
Description  24-Bit Universal Analog Input
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

NI9219 Datasheet(HTML) 6 Page - National Instruments Corporation

  NI9219 Datasheet HTML 1Page - National Instruments Corporation NI9219 Datasheet HTML 2Page - National Instruments Corporation NI9219 Datasheet HTML 3Page - National Instruments Corporation NI9219 Datasheet HTML 4Page - National Instruments Corporation NI9219 Datasheet HTML 5Page - National Instruments Corporation NI9219 Datasheet HTML 6Page - National Instruments Corporation NI9219 Datasheet HTML 7Page - National Instruments Corporation NI9219 Datasheet HTML 8Page - National Instruments Corporation NI9219 Datasheet HTML 9Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6/9
www.ni.com
Best 50 Hz rejection
80 dB at 50 Hz
High resolution
65 dB at 50 Hz and 60 Hz
Excitation level for Half-Bridge and Full-Bridge modes
Mode
Load Resistance (Ω)
Excitation (V)
Half-Bridge
700
2.5
240
2.0
Full-Bridge
350
2.7
120
2.2
Excitation level for Resistance, RTD, and Quarter-Bridge modes
Load Resistance (Ω)
Excitation (mV)
120
50
350
150
1 k
430
10 k
2200
MTBF
384,716 hours at 25 °C; Bellcore Issue 2, Method 1, Case 3, Limited Part
Stress Method
Note Contact NI for Bellcore MTBF specifications at other temperatures or for MIL-HDBK-217F specifications.
Power Requirements
Power consumption from chassis
Active mode
750 mW max
Sleep mode
25 μW max
Thermal dissipation (at 70 °C)
Active mode
625 mW max
Sleep mode
25 μW max
Physical Characteristics
Note For two-dimensional drawings and three-dimensional models of the C Series module and connectors, visit
and search by module number.
ni.com/dimensions
Spring-terminal wiring
18 to 28 AWG copper conductor wire with 7 mm (0.28 in.) of insulation stripped
from the end
Weight
156 g (5.5 oz)
Safety
If you need to clean the module, wipe it with a dry towel.
Safety Voltages
Connect only voltages that are within the following limits.
Channel-to-channel
Continuous
250 VAC, Measurement Category II
Withstand
1,390 VAC, verified by a 5 s dielectric withstand test
Channel-to-earth ground
Continuous
250 VAC, Measurement Category II
Withstand
2,300 VAC, verified by a 5 s dielectric withstand test
Zone 2 hazardous locations applications in Europe channel-to-channel and
channel-to-earth ground
60 VDC, Measurement Category I
Measurement Category I is for measurements performed on circuits not directly connected to the electrical distribution system referred to as MAINS
voltage. This category is for
2
measurements of voltages from specially protected secondary circuits. Such voltage measurements include signal levels, special equipment, limited-energy parts of equipment,
circuits powered by regulated low-voltage sources, and electronics.
Caution Do
connect to signals or use for measurements within Measurement Categories II, III, or IV.
not


Similar Part No. - NI9219

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
NI9211 NI-NI9211 Datasheet
1Mb / 6P
   C Series Digital Output and Relay Modules
NI9211 NI-NI9211 Datasheet
1Mb / 6P
   C Series Analog Input Modules
NI9211 NI-NI9211 Datasheet
1Mb / 5P
   C Series Analog Output Modules
NI9211 NI-NI9211 Datasheet
451Kb / 5P
   C Series Digital Input and Counter/Timer Modules
NI9211 NI-NI9211 Datasheet
322Kb / 9P
   4-Channel, 14 S/s, 24-Bit, 짹80 mV C Series Thermocouple Input Module
More results

Similar Description - NI9219

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD4110-1 AD-AD4110-1 Datasheet
1Mb / 74P
   Universal Input Analog Front End 24-Bit ADC Industrial Process Control Systems
logo
List of Unclassifed Man...
USB-2401 ETC2-USB-2401 Datasheet
351Kb / 2P
   4-CH 24-Bit Universal Input USB DAQ Modules
logo
NHP Electrical Engineer...
5094-IY8 NHP-5094-IY8 Datasheet
422Kb / 1P
   FLEX 5000 UNIVERSAL ANALOG 8 INPUT
8 June 2023,
logo
Advantech Co., Ltd.
ADAM-4019 ADVANTECH-ADAM-4019 Datasheet
121Kb / 1P
   8-channel Universal Analog Input Module
logo
Phihong USA Inc.
PSA24A-120 PHIHONG-PSA24A-120 Datasheet
76Kb / 2P
   24 WATT - TWO WIRE UNIVERSAL INPUT
logo
Advantech Co., Ltd.
PCI-1747U ADVANTECH-PCI-1747U_15 Datasheet
198Kb / 1P
   250 kS/s, 16-bit, 64-ch Analog Input Universal PCI Card
PCI-1747U ADVANTECH-PCI-1747U Datasheet
557Kb / 1P
   250 kS/s, 16-bit, 64-ch Analog Input Universal PCI Card
logo
Phihong USA Inc.
PSS-22U-033 PHIHONG-PSS-22U-033 Datasheet
130Kb / 2P
   24 Watt Universal Input Medical Adapter Series
logo
Texas Instruments
PCM1808 TI-PCM1808_15 Datasheet
955Kb / 30P
[Old version datasheet]   PCM1808 Single-Ended, Analog-Input 24-Bit, 96-kHz Stereo ADC
ADS1240 TI-ADS1240 Datasheet
416Kb / 23P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com