Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NI9214 Datasheet(PDF) 6 Page - National Instruments Corporation

Part # NI9214
Description  High-Accuracy Thermocouple Module
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

NI9214 Datasheet(HTML) 6 Page - National Instruments Corporation

Back Button NI9214 Datasheet HTML 2Page - National Instruments Corporation NI9214 Datasheet HTML 3Page - National Instruments Corporation NI9214 Datasheet HTML 4Page - National Instruments Corporation NI9214 Datasheet HTML 5Page - National Instruments Corporation NI9214 Datasheet HTML 6Page - National Instruments Corporation NI9214 Datasheet HTML 7Page - National Instruments Corporation NI9214 Datasheet HTML 8Page - National Instruments Corporation NI9214 Datasheet HTML 9Page - National Instruments Corporation NI9214 Datasheet HTML 10Page - National Instruments Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6/11
www.ni.com
Thermocouple Type J/N Measurement Accuracy (°C)
–100 °C 0 °C 100 °C 300 °C 500 °C 700 °C 900 °C 1100 °C
Max,
–40 to 70 °C
1.70
1.26 1.24
1.41
1.69
1.80
2.10
2.57
High-Speed
Typical,
23 ± 5 °C
1.49
1.17 1.05
0.96
0.97
1.03
1.12
1.24
Max,
–20 to 70 °C
2.79
2.12 1.76
1.78
1.96
2.24
2.59
2.99
Max,
–40 to 70 °C
2.79
2.12 2.00
1.98
2.17
2.42
2.77
3.18
Thermocouple Type K Measurement Accuracy (°C)
–100 °C 0 °C 100 °C 300 °C 700 °C 900 °C 1100 °C 1400 °C
High-Resolution
Typical,
23 ± 5 °C
0.50
0.36 0.37
0.42
0.52
0.60
0.69
0.85
Max,
–20 to 70 °C
1.56
1.06 0.95
1.23
1.82
2.21
2.64
3.40
Max,
–40 to 70 °C
1.56
1.10 1.20
1.49
2.08
2.48
2.93
3.71
High-Speed
Typical,
23 ± 5 °C
1.17
0.86 0.87
0.95
1.11
1.25
1.41
1.70
Max,
–20 to 70 °C
2.33
1.64 1.50
1.81
2.46
2.91
3.42
4.32
Max,
–40 to 70 °C
2.33
1.66 1.76
2.08
2.72
3.19
3.71
4.64
Thermocouple Type T/E Measurement Accuracy (°C)
–100 °C 0 °C 100 °C 300 °C 500 °C 700 °C 900 °C
High-Resolution
Typical,
23 ± 5 °C
0.54
0.37 0.33
0.33
0.37
0.43
0.49
Max,
–20 to 70 °C
1.76
1.17 0.89
1.00
1.25
1.58
1.94
Max,
–40 to 70 °C
1.76
1.17 1.04
1.17
1.42
1.74
2.11
High-Speed
Typical,
23 ± 5 °C
1.25
0.88 0.77
0.69
0.69
0.78
0.90
Max,
–20 to 70 °C
2.59
1.77 1.38
1.41
1.60
1.96
2.37
Max,
–40 to 70 °C
2.59
1.77 1.53
1.53
1.77
2.13
2.55
Thermocouple Type R/S Measurement Accuracy (°C)
0 °C 100 °C 300 °C 500 °C 700 °C 900 °C 1100 °C 1400 °C
High-Resolution
Typical,
0.81 0.61
0.54
0.55
0.57
0.59
0.60
0.67


Similar Part No. - NI9214

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
NI9211 NI-NI9211 Datasheet
1Mb / 6P
   C Series Digital Output and Relay Modules
NI9211 NI-NI9211 Datasheet
1Mb / 6P
   C Series Analog Input Modules
NI9211 NI-NI9211 Datasheet
1Mb / 5P
   C Series Analog Output Modules
NI9211 NI-NI9211 Datasheet
451Kb / 5P
   C Series Digital Input and Counter/Timer Modules
NI9211 NI-NI9211 Datasheet
322Kb / 9P
   4-Channel, 14 S/s, 24-Bit, 짹80 mV C Series Thermocouple Input Module
More results

Similar Description - NI9214

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2B56 ETC1-2B56 Datasheet
37Kb / 1P
   High Accuracy, Thermocouple Cold Junction Compensator
logo
Intronics Power, Inc.
2B56 INTRONICS-2B56 Datasheet
1Mb / 4P
   High Accuracy, Thermocouple Cold Junction Compensator
logo
Virginia Panel Corporat...
510160110 VPC-510160110 Datasheet
156Kb / 1P
   THERMOCOUPLE MODULE
logo
National Instruments Co...
NI9213 NI-NI9213 Datasheet
258Kb / 8P
   16-Channel Thermocouple Module
logo
Advantech Co., Ltd.
ADAM-3011 ADVANTECH-ADAM-3011_15 Datasheet
213Kb / 1P
   Isolated Thermocouple Input Module
ADAM-3011 ADVANTECH-ADAM-3011 Datasheet
518Kb / 1P
   Isolated Thermocouple Input Module
logo
Microchip Technology
MCP960X MICROCHIP-MCP960X Datasheet
2Mb / 57P
   Thermocouple EMF to Temperature Converter, ±1.5°C Maximum Accuracy
Revision G April 2021
logo
Advantech Co., Ltd.
ADAM-4011 ADVANTECH-ADAM-4011_15 Datasheet
232Kb / 1P
   1-ch Thermocouple Input Module
logo
Contec Co., Ltd
CPSN-SSI-4C CONTEC-CPSN-SSI-4C Datasheet
322Kb / 3P
   CONPROSYS nano Series Thermocouple Module
logo
Hamamatsu Corporation
C12137 HAMAMATSU-C12137_15 Datasheet
1Mb / 9P
   High accuracy, high sensitivity, compact radiation detection module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com