Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NI5751 Datasheet(PDF) 10 Page - National Instruments Corporation

Part No. NI5751
Description  16-Channel, 50 MS/s, 14-Bit Digitizer Adapter Module for NI FlexRIO
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NI [National Instruments Corporation]
Homepage  http://www.NI.com
Logo 

NI5751 Datasheet(HTML) 10 Page - National Instruments Corporation

 
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10/14
www.ni.com
1.
2.
3.
Configure the following:
SPI Device Select with which ADC to access.
SPI Address with the register offset.
SPI Write Data with the write data.
Set SPI Write for a write transaction.
Poll for SPI Idle to be True.
Power
Power requirements from the NI FlexRIO FPGA module
+12 V
200 mA, 2.4 W max
+3.3 V
900 mA, 2.97 W max
Total power
5.37 W
Physical
Dimensions
12.9 × 2.0 × 12.1 cm (5.1 × 0.8 × 4.7 in.)
Weight
284 g (10 oz)
Front panel connectors
One SMB connector and two 68-pin VHDCI connectors
Environmental
This device is intended for indoor use only.
Operating environment
0 °C to 55 °C, Tested in accordance with IEC-60068-2-1
and IEC-60068-2-2.
Relative humidity range
10% to 90%, noncondensing, Tested in accordance with IEC-60068-2-56.
Altitude
2,000 m
Pollution Degree
2
Storage environment
Ambient temperature range
–20 °C to 70 °C, Tested in accordance with IEC-60068-2-1 and
IEC-60068-2-2.
Relative humidity range
5% to 95%, noncondensing, Tested in accordance with IEC-60068-2-56.
Note Clean the device with a soft, non-metallic brush. Make sure that the device is completely dry and free from contaminants before returning it to service.
Compliance and Certifications
Safety Standards
This product is designed to meet the requirements of the following standards of safety for electrical equipment for measurement, control, and laboratory use:
IEC 61010-1, EN 61010-1
UL 61010-1, CSA 61010-1
Note For UL and other safety certifications, refer to the product label or the
section.
Online Product Certification
Electromagnetic Compatibility
This product meets the requirements of the following EMC standards for electrical equipment for measurement, control, and laboratory use:
EN 61326-1 (IEC 61326-1): Class A emissions; Basic immunity
EN 55011 (CISPR 11): Group 1, Class A emissions
AS/NZS CISPR 11: Group 1, Class A emissions
FCC 47 CFR Part 15B: Class A emissions
ICES-001: Class A emissions
Note For EMC declarations and certifications, refer to the
section.
Online Product Certification
Note When operating this product, use shielded cables and accessories.
CE Compliance
This product meets the essential requirements of applicable European Directives, as amended for CE marking, as follows:
2006/95/EC; Low-Voltage Directive (safety)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn