Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NI5751 Datasheet(PDF) 7 Page - National Instruments Corporation

Part No. NI5751
Description  16-Channel, 50 MS/s, 14-Bit Digitizer Adapter Module for NI FlexRIO
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NI [National Instruments Corporation]
Homepage  http://www.NI.com
Logo 

NI5751 Datasheet(HTML) 7 Page - National Instruments Corporation

Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7/14
www.ni.com
Sample clock frequency range
30 MHz to 50 MHz 2
CLK IN
General Characteristics
Connector
SMB
Logic Level
3.3 V CMOS
V
IH
2.2 V
V
IL
0.6 V
Input impedance
> 50 kΩ
Input coupling
DC
Duty cycle
45% to 55%
Digital Input Terminals
General Characteristics
Number of channels
8
Connector
VHDCI. For pinout, refer to NI 5751 Pinout—Digital Connector
Minimum high-level input voltage
V
(min)
IH
2.0 V
Maximum low-level input voltage
V
(max)
IL
0.8 V
Digital Output Terminals
General Characteristics
Number of channels
8
Connector
VHDCI. For pinout, refer to NI 5751 Pinout—Digital Connector
Minimum high-level output voltage
V
(min)
OH
2.4 V
Maximum low-level output voltage
V
(max)
OL
0.55 V
Maximum output current
1 mA
Minimum pulse width
10 ns
Maximum toggle frequency
1 MHz, All outputs toggling
Hardware Block Diagram
NI 5751 Hardware Block Diagram


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn