Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NI5751 Datasheet(PDF) 6 Page - National Instruments Corporation

Part No. NI5751
Description  16-Channel, 50 MS/s, 14-Bit Digitizer Adapter Module for NI FlexRIO
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NI [National Instruments Corporation]
Homepage  http://www.NI.com
Logo 

NI5751 Datasheet(HTML) 6 Page - National Instruments Corporation

Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6/14
www.ni.com
Bandwidth (–3 dB)
26 MHz
DC gain error
±2% of input
DC offset error
±2% of FS
Crosstalk
–75 dB at 1 MHz, –65 dB at 5 MHz, Measured on one channel with test
signal applied to another channel
Signal-to-noise ratio (SNR)
71 dB, –1 dBFS input signal, f
= 5 MHz
in
Spurious-free dynamic range (SFDR)
73 dBc, –1 dBFS input signal, f
= 5 MHz
in
Total harmonic distortion (THD)
73 dBc, –1 dBFS input signal, f
= 5 MHz
in
Average noise density
–147 dBFS/Hz
NI 5751 Characteristic Dynamic Performance, Spectrum-64 k Samples, 5.3 MHz, –1 dBFS Input Signal
NI 5751 Characteristic Noise Density, Spectrum-64 k Samples
Sample Clock
Sample clock sources
50 MHz onboard clock
Sync Clock (DStarA) 1 2
CLK IN
(front panel SMB)
2


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn