Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


CZTA96 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part No. CZTA96
Description  SURFACE MOUNT PNP SILICON EXTREMELY HIGH VOLTAGE TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CENTRAL [Central Semiconductor Corp]
Homepage  http://www.centralsemi.com
Logo 

   
 1 page
background image
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CZTA96 type
is a surface mount epoxy molded PNP silicon
planar
epitaxial
transistors
designed
for
extremely high voltage applications.
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Collector-Base Voltage
VCBO
450
V
Collector-Emitter Voltage
VCEO
450
V
Emitter-Base Voltage
VEBO
6.0
V
Collector Current
IC
500
mA
Power Dissipation
PD
2.0
W
Operating and Storage
Junction Temperature
TJ,Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
62.5
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ICBO
VCB=400V
100
nA
IEBO
VBE=4.0V
100
nA
BVCBO
IC=100µA
450
500
V
BVCEO
IC=1.0mA
450
490
V
BVEBO
IE=10µA
6.0
9.7
V
VCE(SAT)
IC=1.0mA, IB=0.1mA
0.20
V
VCE(SAT)
IC=10mA, IB=1.0mA
0.30
V
VCE(SAT)
IC=50mA, IB=5.0mA
0.15
0.50
V
VBE(SAT)
IC=10mA, IB=1.0mA
1.0
V
hFE
VCE=10V, IC=1.0mA
40
hFE
VCE=10V, IC=10mA
50
120
200
hFE
VCE=10V, IC=50mA
45
hFE
VCE=10V, IC=100mA
25
35
fT
VCE=10V, IC=10mA, f=10MHz
20
MHz
Cob
VCB=20V, IE=0, f=1.0MHz
7.0
pF
Cib
VEB=0.5V, IC=0, f=1.0MHz
130
pF
CZTA96
SURFACE MOUNT
PNP SILICON
EXTREMELY HIGH VOLTAGE
TRANSISTOR
SOT-223 CASE
Central
Semiconductor Corp.
TM
R1 ( 14-June 2001)




Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CMPTA96SURFACE MOUNT PNP SILICON EXTREMELY HIGH VOLTAGE TRANSISTOR 1 2 Central Semiconductor Corp
CMLTA94SURFACE MOUNT PICOmini EXTREMELY HIGH VOLTAGE PNP SILICON TRANSISTOR 1 2 Central Semiconductor Corp
CMPTA94SURFACE MOUNT PNP HIGH VOLTAGE SILICON TRANSISTOR 1 2 Central Semiconductor Corp
CMPTA46SURFACE MOUNT NPN SILICON EXTREMELY HIGH VOLTAGE TRANSISTOR 1 2 Central Semiconductor Corp
PZTA92T1PNP SILICON HIGH VOLTAGE TRANSISTOR SURFACE MOUNT 1 2 3 4 5 MoreON Semiconductor
CZTA94SURFACE MOUNT PNP HIGH VOLTAGE SILICON TRANSISTOR 1 2 Central Semiconductor Corp
CZTA46SURFACE MOUNT NPN SILICON EXTREMELY HIGH VOLTAGE TRANSISTOR 1 2 Central Semiconductor Corp
CMLTA44SURFACE MOUNT PICOmini EXTREMELY HIGH VOLTAGE NPN SILICON TRANSISTOR 1 2 Central Semiconductor Corp
BSP16T1SOT-223 PACKAGE PNP SILICON HIGH VOLTAGE TRANSISTOR SURFACE MOUNT 1 2 3 4 5 MoreMotorola, Inc
PZTA92T1PNP SILICON HIGH VOLTAGE TRANSISTOR SURFACE MOUNT 1 2 3 4 Motorola, Inc

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl