Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5F564MLGDLJ Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # R5F564MLGDLJ
Description  MCUs
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F564MLGDLJ Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button R5F564MLGDLJ Datasheet HTML 6Page - Renesas Technology Corp R5F564MLGDLJ Datasheet HTML 7Page - Renesas Technology Corp R5F564MLGDLJ Datasheet HTML 8Page - Renesas Technology Corp R5F564MLGDLJ Datasheet HTML 9Page - Renesas Technology Corp R5F564MLGDLJ Datasheet HTML 10Page - Renesas Technology Corp R5F564MLGDLJ Datasheet HTML 11Page - Renesas Technology Corp R5F564MLGDLJ Datasheet HTML 12Page - Renesas Technology Corp R5F564MLGDLJ Datasheet HTML 13Page - Renesas Technology Corp R5F564MLGDLJ Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 67 page
background image
RX64M Group
1. Overview
Under development Preliminary document
Specifications in this document are tentative and subject to change.
R01DS0173EJ0090 Rev.0.90
Page 10 of 67
Feb 28, 2014
Note 1. Magic PacketTM is a registered trademark of Advanced Micro Devices, Inc.
Note 2. Setting is only possible when the input sampling rate 44.1 kHz is selected.
Note 3. Optional
Encryption
function
AES*3
 Key lengths: 128, 196, and 256 bits
 Support for CFB, OFB, and CMAC operating modes
 Speed of calculations: 128-bit key length in 22 cycles
192-bit key length in 26 cycles
256-bit key length in 30 cycles
 Compliant with FIPS PUB 197
DES*3
 Key lengths: 56 bits (DES)/3 × 56 bits (T-DES)
 Support for DES and triple DES
 Support for ECB and CBC operating modes
 Speed of calculations: 6 clock cycles in single DES mode
14 clock cycles in triple DES mode
 Compliant with FIPS PUB 46-3
 Compliant with FIPS PUB 81
SHA*3
 Support for SHA-1 (128), SHA-2 (224 or 256), and HMAC (160, 224, or 256)
 Speed of calculations: 50 clock cycles in SHA-1 mode
42 clock cycles in SHA-224 mode
42 clock cycles in SHA-256 mode
 Compliant with SHA as defined in FIPS PUB 180-1 and -2
 Compliant with HMAC as defined in FIPS PUB 198
True random number
generator (RNG)*3
 Length of random numbers: 16 bits
 Generation of random-number-generated interrupts after a number is generated
 Random number generation time: 2.8 ms (typ)
Operating frequency
Up to 120 MHz
Power supply voltage
VCC = AVCC0 = AVCC1 = VCC_USB = 2.7 to 3.6 V, VREFH0 = 2.7 to AVCC0,
VCC_USBA = AVCC_USBA = 2.7 to 3.6 V,
VBATT = 2.0 to 3.6 V
Operating temperature
D-version:
40 to +85°C
G-version:
40 to +TBD
Package
177-pin TFLGA (PTLG0177KA-A) (in planning)
176-pin LFBGA (PLBG0176GA-A) (in planning)
176-pin LQFP (PLQP0176KB-A)
145-pin TFLGA (PTLG0145KA-A) (in planning)
144-pin LQFP (PLQP0144KA-A)
100-pin TFLGA (PTLG0100JA-A) (in planning)
100-pin LQFP (PLQP0100KB-A)
On-chip debugging system
 E1 emulator (JTAG and FINE interfaces)
 E20 emulator (JTAG interface)
Table 1.1
Outline of Specifications (9/9)
Classification
Module/Function
Description


Similar Part No. - R5F564MLGDLJ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F564MLGDLJ RENESAS-R5F564MLGDLJ Datasheet
2Mb / 228P
   120-MHz 32-bit RX MCU, on-chip FPU, 240 DMIPS, up to 4-MB flash memory
More results

Similar Description - R5F564MLGDLJ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RX62T RENESAS-RX62T Datasheet
640Kb / 25P
   MCUs
RX71M RENESAS-RX71M_15 Datasheet
1Mb / 228P
   Renesas MCUs
logo
ATMEL Corporation
AT83C51RB2 ATMEL-AT83C51RB2_08 Datasheet
72Kb / 4P
   80C51 MCUs
T89C51CC01UA ATMEL-T89C51CC01UA Datasheet
136Kb / 8P
   80C51 MCUs
logo
Renesas Technology Corp
RX13T RENESAS-RX13T Datasheet
1Mb / 65P
   Renesas MCUs
RX63N RENESAS-RX63N_15 Datasheet
1Mb / 210P
   Renesas MCUs
R5F52108ADFP RENESAS-R5F52108ADFP_11 Datasheet
1Mb / 146P
   Renesas MCUs
R5F56307CDFN RENESAS-R5F56307CDFN Datasheet
1Mb / 165P
   Renesas MCUs
RX630 RENESAS-RX630_15 Datasheet
1Mb / 156P
   Renesas MCUs
logo
Motorola, Inc
EB413 MOTOROLA-EB413 Datasheet
245Kb / 12P
   Resetting MCUs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com