Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

51992 Datasheet(PDF) 10 Page - Tyco Electronics

Part No. 51992
Description  COPALUM Terminals and Splices (For Solid & Stranded Aluminum or Copper Wire)
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo MACOM - Tyco Electronics

51992 Datasheet(HTML) 10 Page - Tyco Electronics

Back Button 51992 Datasheet HTML 4Page - Tyco Electronics 51992 Datasheet HTML 5Page - Tyco Electronics 51992 Datasheet HTML 6Page - Tyco Electronics 51992 Datasheet HTML 7Page - Tyco Electronics 51992 Datasheet HTML 8Page - Tyco Electronics 51992 Datasheet HTML 9Page - Tyco Electronics 51992 Datasheet HTML 10Page - Tyco Electronics 51992 Datasheet HTML 11Page - Tyco Electronics 51992 Datasheet HTML 12Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Catalog 82020
Revised 11-02
Tooling
10
COPALUM Terminals and Splices
(For Solid & Stranded Aluminum or Copper Wire)
Dimensions are in inches and
Dimensions are shown for
Technical Support
www.tycoelectronics.com
millimeters unless otherwise
reference purposes only.
USA: 1-800-522-6752
specified. Values in brackets
Specifications subject to change.
Canada: 1-905-475-6222
are metric equivalents.
Mexico: 01-800-733-8926
Manually Operated Tools
These tools are designed
for hand operation and low
volume production work or
where power is not avail-
able. They feature the
CERTI-CRIMP ratchet
device for controlled
compression crimping to
provide uniform termina-
tions consistently.
Pneumatic Tools
Designed for medium
production, these semi-
automatic power tools offer
the convenience of hand
tools plus the effortless
precision and speed of
machines. They are built for
long, rugged service and
are equipped with remov-
able crimping dies for termi-
nating a variety of AMP
products.
DYNA-CRIMP Tools
Power Unit Only (Includes
Pressure Release)
115 Volts — 69120-1
230 Volts — 69120-2
The DYNA-CRIMP Power
Unit can be equipped with
various heads and dies for
terminating COPALUM
products in wire ranges
from AWG 8 to 500 MCM
[8 to 253 mm
2]. A complete
line of accessories is also
available, permitting use in
portable and stationary
applications, as well as for
multi-head crimping.
Heavy Head Hand Tool
6-26 Pneumatic Tool
(See Catalog 124208 for part
numbers and more information.)
Pneumatic Tool
Part No. 69015
Electro-Hydraulic Power Unit
Power Unit
Crimping Head
Part No. 69099
Power Unit
Crimping Head
Part No. 69082
Pneumatic Tool
Part No. 68068 – As shown
Part No. 68068-3 – Foot pedal;
can be
bench
mounted
Accessories for DYNA-CRIMP Tools
Accessory
Description
Power Unit
Part Number
Part Number
1-59907-7
7 ft. [2.13 m] Handle Control Assembly—Hose and Cord
1-59907-5
15 ft. [4.57 m] Handle Control Assembly—Hose and Cord
Pressure
2-59907-1
21 ft. [6.4 m] Handle Control Assembly—Hose and Cord
Release
2-59908-1
21 ft. [6.4 m] Handle Control Assembly—Cord (Less Hose)
on Power
2-59907-8
28 ft. [8.53 m] Handle Control Assembly—Hose and Cord
Unit Only
2-68284-1
15 ft. [4.57 m] Foot Switch Assembly (needs hose assembly)
69120-1
2-59909-3
3 ft. [0.91 m] Hose Assembly
311470-1 Quick Disconnect Coupling
69120-2
2-59909-7
7 ft. [2.13 m] Hose Assembly
(Hose Half) and 68284-1
1-59909-5
15 ft. [4.57 m] Hose Assembly
Foot Switch Assembly needed
2-59909-1
21 ft. [6.4 m] Hose Assembly
with these hose assemblies.
59220
3-way Multi-Directional Valve
For use with
2-59220-2
3-way Multi-Directional Valve (Elec. Control)
Foot Switch
59221
6-way Multi-Directional Valve
only
For additional tooling information call 1-800-522-6752.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn