Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

51992 Datasheet(PDF) 9 Page - Tyco Electronics

Part No. 51992
Description  COPALUM Terminals and Splices (For Solid & Stranded Aluminum or Copper Wire)
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo MACOM - Tyco Electronics

51992 Datasheet(HTML) 9 Page - Tyco Electronics

Back Button 51992 Datasheet HTML 4Page - Tyco Electronics 51992 Datasheet HTML 5Page - Tyco Electronics 51992 Datasheet HTML 6Page - Tyco Electronics 51992 Datasheet HTML 7Page - Tyco Electronics 51992 Datasheet HTML 8Page - Tyco Electronics 51992 Datasheet HTML 9Page - Tyco Electronics 51992 Datasheet HTML 10Page - Tyco Electronics 51992 Datasheet HTML 11Page - Tyco Electronics 51992 Datasheet HTML 12Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Catalog 82020
Revised 11-02
Parallel Splices
9
COPALUM Terminals and Splices
(For Solid & Stranded Aluminum or Copper Wire)
Dimensions are in inches and
Dimensions are shown for
Technical Support
www.tycoelectronics.com
millimeters unless otherwise
reference purposes only.
USA: 1-800-522-6752
specified. Values in brackets
Specifications subject to change.
Canada: 1-905-475-6222
are metric equivalents.
Mexico: 01-800-733-8926
Part Numbers
Wire Size
Dim.
Hand
Heads for
Tooling for
[mm2]
L
Tool*
Pneumatic Tools*
Power Unit 69120*
Splice
Circular Mils
Max.
69015
6-26
68068
Head
Die Insert
16-14
.283
68041-1
68104
52791
[1.25]
7.19
68140-1
189447-1
68100
2050-5180
12-10
.375
68042-1
68104,68105
52792
[5.0]
9.53
68141-1
189444-1
68100,68101
5180-13100
8
.437
68032
68105
68043
52745
[8.0]
11.1
68081
1320369-1**
68101,68192-1
69099
68084
13100-20800
6
.450
69999
68106
68044
52746
[14]
11.43
68082
68102
69099
68085
20800-33100
4
.562
68045
52747
[21]
14.27
68038
69099
68086
33100-52600
2
.781
68046
52748
[35]
19.84
69099
68130
52600-83700
1/0
.734
68047
52749
[50]
18.64
69099
68131
83700-119500
2/0
.734
68048
52750
[70]
18.64
69099
68132
11950-150500
3/0
.749
68049
[85]
19.02
69099
68133
52751
150500-190000
4/0
68050
[105]
.765
69082
68129
52752
190000-231000
19.43
69099
318106-1
*First (top) part numbers denote bar crimp tooling. Second (bottom) part numbers denote insulation piercing crimp tooling.
**Requires Hand Actuated Power Unit Part No. 189721-2 or Foot Actuated Power Unit Part No. 189722-2.
Important:
When two or more wires are used in a parallel splice, the combined cross-section area
must be within the CMA range listed.
Wire Size Range:
Aluminum – AWG 16 to 4/0
[1.25 to 105 mm2], CMA 2,050 to 231,000
Warning: Not approved for reconnection of residential aluminum
branch circuit wiring. (Refer to Catalog #82205.)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn