Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TNA091AE Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # TNA091AE
Description  MPU/MCU
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

TNA091AE Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button TNA091AE Datasheet HTML 2Page - Renesas Technology Corp TNA091AE Datasheet HTML 3Page - Renesas Technology Corp TNA091AE Datasheet HTML 4Page - Renesas Technology Corp TNA091AE Datasheet HTML 5Page - Renesas Technology Corp TNA091AE Datasheet HTML 6Page - Renesas Technology Corp TNA091AE Datasheet HTML 7Page - Renesas Technology Corp TNA091AE Datasheet HTML 8Page - Renesas Technology Corp TNA091AE Datasheet HTML 9Page - Renesas Technology Corp TNA091AE Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
RENESAS TECHNICAL UPDATE
TN-
A/E
Date: April 3, 2014
Page 8 of 10
Page 1138 of 1209
Descriptions in 35.9.10.6, Erase Ready Operation are corrected as follows:
Before correction
(1) Send the erase preparation command (48h) to place the MCU in the erase wait state. The MCU enters the erase wait
state and sends a response (06h).
(2) Send a block erase command (59h) to erase blocks in the MCU. When blocks are erased successfully, the MCU
sends a response (06h). When the MCU fails to receive, the MCU sends an error response (D9h).
Send a block erase command repeatedly until block erase commands for all blocks are sent. When the operation
ends before all the block erase commands are sent, a command error may occur even when a correct command is
sent in the program/erase state.
(3) In order to place the MCU in the program/erase state, send a block erase command for end of erase (59h 04h FFh
FFh FFh FFh A7h). The MCU enters the program/erase state and sends a response (06h).
After correction
(1) Send the erase preparation command (48h) to place the MCU in the erase wait state. The MCU enters the erase wait
state and sends a response (06h).
(2) Send a block erase command (59h) to erase blocks in the MCU. When blocks are erased successfully, the MCU
sends a response (06h). When the MCU fails to receive, the MCU sends an error response (D9h).
Send block erase commands repeatedly until a block erase command has been sent for the total number of blocks.
The total number of blocks is the sum of the user area blocks and data area blocks that are obtained in advance using
the block information inquiry command. If the operation ends before all the block erase commands are sent, a
command error may occur even when a correct command is sent in the program/erase state.
(3) Send a block erase command for end of erase (59h 04h FFh FFh FFh FFh A7h). The MCU sends a response (06h).
(4) To confirm whether erase ready operation has ended, send a boot mode status inquiry command (4Fh). When the
erase ready operation has ended, the MCU returns the result of the boot mode status inquiry. When the erase ready
operation has not ended, the MCU sends an error response (80h 4Fh). When an error response is received, restart the
MCU in boot mode and perform the procedure again from section 35.9.10.1, Bit Rate Automatic Adjustment Procedure.


Similar Part No. - TNA091AE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
TNA090AE RENESAS-TNA090AE Datasheet
178Kb / 2P
   MPU & MCU
More results

Similar Description - TNA091AE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
TNR8CA041AE RENESAS-TNR8CA041AE Datasheet
251Kb / 3P
   MPU/MCU
TNA089AE RENESAS-TNA089AE Datasheet
209Kb / 4P
   MPU & MCU
TNA086AE RENESAS-TNA086AE Datasheet
669Kb / 16P
   MPU/MCU
TNR8CA040AE RENESAS-TNR8CA040AE Datasheet
715Kb / 5P
   MPU/MCU
TNSH7A883AE RENESAS-TNSH7A883AE Datasheet
174Kb / 1P
   MPU/MCU
TNA086AE RENESAS-TNA086AE Datasheet
669Kb / 16P
   MPU/MCU
TNA090AE RENESAS-TNA090AE Datasheet
178Kb / 2P
   MPU & MCU
TNRLA023AE RENESAS-TNRLA023AE Datasheet
499Kb / 13P
   MPU/MCU
TNV85A003AE RENESAS-TNV85A003AE Datasheet
179Kb / 3P
   MPU/MCU
TNA087AE RENESAS-TNA087AE Datasheet
185Kb / 2P
   MPU & MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com