Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5F563TCEDFP Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # R5F563TCEDFP
Description  MPU/MCU
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F563TCEDFP Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button R5F563TCEDFP Datasheet HTML 2Page - Renesas Technology Corp R5F563TCEDFP Datasheet HTML 3Page - Renesas Technology Corp R5F563TCEDFP Datasheet HTML 4Page - Renesas Technology Corp R5F563TCEDFP Datasheet HTML 5Page - Renesas Technology Corp R5F563TCEDFP Datasheet HTML 6Page - Renesas Technology Corp R5F563TCEDFP Datasheet HTML 7Page - Renesas Technology Corp R5F563TCEDFP Datasheet HTML 8Page - Renesas Technology Corp R5F563TCEDFP Datasheet HTML 9Page - Renesas Technology Corp R5F563TCEDFP Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
RENESAS TECHNICAL UPDATE TN-RX*-A086A/E
Date: Jan. 30, 2014
Page 6 of 16
Page 58
Correct a description in ‘Table 1.3 List of Products (5/5)’.
Original table
On-chip
ROM
On-chip
RAM
Operating
Operating
Group
Part No.
Order Part No.
Package
Capacity
Capacity
Option
Voltage
Temperature
RX63T
R5F563TBBGFB
R5F563TBBGFB#V0
PLQP0144KA-A
256 Kbytes
24 Kbytes
CAN module
included
VCC/
PLLVCC/
VCC_USB
2.7 to 3.6V
AVCC/
AVCC0 3.0 to
3.6V or
4.0 to 5.5V
-40 to +105°C
(G Version)*1
R5F563TBBGFB
R5F563TBBGFB#V1
PLQP0144KA-A
256 Kbytes
24 Kbytes
CAN module
included
R5F563TBBGFA
R5F563TBBGFA#V0
PLQP0120KA-A
256 Kbytes
24 Kbytes
CAN module
included
R5F563TBBGFA
R5F563TBBGFA#V1
PLQP0120KA-A
256 Kbytes
24 Kbytes
CAN module
included
R5F563TBBGFH
R5F563TBBGFH#V0
PLQP0112JA-A
256 Kbytes
24 Kbytes
CAN module
included
R5F563TBBGFH
R5F563TBBGFH#V1
PLQP0112JA-A
256 Kbytes
24 Kbytes
CAN module
included
R5F563TBBGFP
R5F563TBBGFP#V0
PLQP0100KB-A
256 Kbytes
24 Kbytes
CAN module
included
R5F563TBBGFP
R5F563TBBGFP#V1
PLQP0100KB-A
256 Kbytes
24 Kbytes
CAN module
included
R5F563T6EGFM
R5F563T6EGFM#V0
PLQP0064KB-A
64 Kbytes
8 Kbytes
CAN module
not included
VCC/
PLLVCC
2.7 to 3.6V
AVCC0 3.0 to
3.6V
R5F563T5EGFM
R5F563T5EGFM#V0
PLQP0064KB-A
48 Kbytes
8 Kbytes
CAN module
not included
R5F563T4EGFM
R5F563T4EGFM#V0
PLQP0064KB-A
32 Kbytes
8 Kbytes
CAN module
not included
R5F563T6EGFL
R5F563T6EGFL#V0
PLQP0048KB-A
64 Kbytes
8 Kbytes
CAN module
not included
R5F563T5EGFL
R5F563T5EGFL#V0
PLQP0048KB-A
48 Kbytes
8 Kbytes
CAN module
not included
R5F563T4EGFL
R5F563T4EGFL#V0
PLQP0048KB-A
32 Kbytes
8 Kbytes
CAN module
not included
Note 1. Please contact us if you are using a G version.


Similar Part No. - R5F563TCEDFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F563TCEDFP RENESAS-R5F563TCEDFP Datasheet
1Mb / 186P
   100-MHz 32-bit RX MCU, on-chip FPU, 165 DMIPS
R5F563TCEDFP#V0 RENESAS-R5F563TCEDFP#V0 Datasheet
1Mb / 186P
   100-MHz 32-bit RX MCU, on-chip FPU, 165 DMIPS
More results

Similar Description - R5F563TCEDFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
TNR8CA041AE RENESAS-TNR8CA041AE Datasheet
251Kb / 3P
   MPU/MCU
TNA089AE RENESAS-TNA089AE Datasheet
209Kb / 4P
   MPU & MCU
TNA091AE RENESAS-TNA091AE Datasheet
173Kb / 10P
   MPU/MCU
TNR8CA040AE RENESAS-TNR8CA040AE Datasheet
715Kb / 5P
   MPU/MCU
TNSH7A883AE RENESAS-TNSH7A883AE Datasheet
174Kb / 1P
   MPU/MCU
TNA086AE RENESAS-TNA086AE Datasheet
669Kb / 16P
   MPU/MCU
TNA090AE RENESAS-TNA090AE Datasheet
178Kb / 2P
   MPU & MCU
TNRLA023AE RENESAS-TNRLA023AE Datasheet
499Kb / 13P
   MPU/MCU
TNV85A003AE RENESAS-TNV85A003AE Datasheet
179Kb / 3P
   MPU/MCU
TNA087AE RENESAS-TNA087AE Datasheet
185Kb / 2P
   MPU & MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com